Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR161NED006 Datasheet(PDF) 5 Page - Fuji Electric

Part # FBR161NED006
Description  POWER RELAY 1 POLE-3, 5, 10 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FBR161NED006 Datasheet(HTML) 5 Page - Fuji Electric

  FBR161NED006 Datasheet HTML 1Page - Fuji Electric FBR161NED006 Datasheet HTML 2Page - Fuji Electric FBR161NED006 Datasheet HTML 3Page - Fuji Electric FBR161NED006 Datasheet HTML 4Page - Fuji Electric FBR161NED006 Datasheet HTML 5Page - Fuji Electric FBR161NED006 Datasheet HTML 6Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
FBR160 SERIES
s CHARACTERISTIC DATA
Range of operation temperature and voltage
E type [0.36 W type]
Operating temperature (˚C)
Maximum switching capacity (10 A type)
Contact load voltage (V)
0.1
10
20
250
30 50
1.0
120
0.3
0.5
3.0
5.0
10.0
Maximum switching capacity (5 A type)
Contact load voltage (V)
0.1
10
20
250
30 50
1.0
120
0.3
0.5
3.0
5.0
Life curve (5 A type)
Contact load current (A)
30
0
5
10
50
100
500
(x104)
0.5
12345
Œ120 V AC resistive load (–HB type)
30 V DC resistive load (–WB type)
Ž120 V AC inductive load (–HB type)
30 V AC inductive load (–WB type)
240 V AC resistive load (–HB type)
‘240 V AC inductive load (–HB type)
Life curve
(10 A type, make side (N.O.))
30
0
5
10
50
100
500
(
x104)
Life curve
(10 A type, breake side (N.C.))
30
0
5
10
50
100
500
(x104)
0.5
2468
10
1
0.5
2468
10
1
70
80
90
100
110
120
130
140
150
160
–10 0 10203040506070 80
(Data) assumes that
the maximum
allowable tem-
perature of E
type insula-
tion coil is
115˚C
Operating voltage range
Must
operate
voltage
Œ

Ž

ŒAC resistive load
( AC contact rating)
DC resistive load
( DC contact rating)
ŽAC inductive load
DC inductive load


Ž
Œ
ŒAC resistive load
( AC contact rating)
DC resistive load
( DC contact rating)
ŽAC inductive load
DC inductive load
Contact load current (A)
Contact load current (A)
Œ

Ž


‘
Œ120 V AC resistive load (–HB type)
30 V DC resistive load (–WB type)
Ž120 V AC inductive load (–HB type)
30 V AC inductive load (–WB type)
240 V AC resistive load (–HB type)
‘240 V AC inductive load (–HB type)
Œ120 V AC resistive load (–HB type)
30 V DC resistive load (–WB type)
Ž120 V AC inductive load (–HB type)
30 V AC inductive load (–WB type)
240 V AC resistive load (–HB type)
‘240 V AC inductive load (–HB type)


Ž

‘
Œ


Œ

‘
Ž
s REFERENCE DATA
80
60
40
20
0
10
20
30
4050
6070
80
0
FBR161
n = 100
Operate
Release
Distribution of operate and release voltage
Rated coil voltage multiplying factor (%)
1000
80
60
20
40
0
1
2
3
45
67
8
0
FBR161
n = 100
Operate
Release
Distribution of operate and release time
Time (ms)
80
60
40
30
0
10
20
30
4050
6070
80
0
Contact resistance (m
Ω)
Distribution of contact resistance
FBR161
n = 100


Similar Part No. - FBR161NED006

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR161NED006 FUJITSU-FBR161NED006 Datasheet
327Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
More results

Similar Description - FBR161NED006

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
FBR160 FUJITSU-FBR160 Datasheet
327Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
LZG-B12HMSE-K FUJITSU-LZG-B12HMSE-K Datasheet
58Kb / 6P
   POWER RELAY 1 POLE-1, 3, 5, 10 A (CADMIUM FREE CONTACTS TYPE)
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
   POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
FTR-H1 FUJITSU-FTR-H1 Datasheet
688Kb / 8P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
FTR-H1 FUJITSU-FTR-H1_09 Datasheet
620Kb / 9P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
NYP-12W-K-IE FUJITSU-NYP-12W-K-IE Datasheet
307Kb / 7P
   POWER RELAY 1 POLE-5 A (CADMIUM FREE CONTACTS TYPE)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com