Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG411F Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DG411F
Description  Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG411F Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DG411F Datasheet HTML 2Page - Maxim Integrated Products DG411F Datasheet HTML 3Page - Maxim Integrated Products DG411F Datasheet HTML 4Page - Maxim Integrated Products DG411F Datasheet HTML 5Page - Maxim Integrated Products DG411F Datasheet HTML 6Page - Maxim Integrated Products DG411F Datasheet HTML 7Page - Maxim Integrated Products DG411F Datasheet HTML 8Page - Maxim Integrated Products DG411F Datasheet HTML 9Page - Maxim Integrated Products DG411F Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Quad, Rail-to-Rail, Fault-Protected,
SPST Analog Switches
6
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
TURN-ON/TURN-OFF TIMES
vs. SUPPLY VOLTAGE (DUAL SUPPLIES)
SUPPLY VOLTAGE (V+, V-)
15
10
50
100
150
200
250
300
0
520
tON
tOFF
LOGIC-LEVEL THRESHOLD VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
35
30
25
20
15
10
1.5
2.0
2.5
3.0
1.0
540
DUAL OR SINGLE
SUPPLIES
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
100
200
300
400
500
0
-40
85
DUAL SUPPLIES:
V+ = +15V, V- = -15V, VIN_ = +5V
I+
I-
IGND
CHARGE INJECTION vs. VCOM
VCOM (V)
10
5
0
-5
-10
-10
0
10
20
30
40
-20
-15
15
DUAL SUPPLIES:
±15V
SINGLE
SUPPLY: +12V
ON/OFF-LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.1
1
10
100
1000
10,000
0.01
-40
85
ICOM(ON)
ICOM(OFF)
INO(OFF),
INC(OFF)
DUAL SUPPLIES:
V+ = +15V, V- = -15V
ON-RESISTANCE vs. VCOM AND TEMPERATURE
(SINGLE SUPPLY)
VCOM (V)
10
8
6
4
2
20
40
60
80
100
0
012
V+ = +12V
V- = 0
TA = +85
°C
TA = +25
°C
TA = -40
°C
ON-RESISTANCE vs. VCOM
(SINGLE SUPPLY)
VCOM (V)
30
24
18
12
6
20
40
60
80
100
0
036
V+ = +9V
V- = 0
V+ = +12V
V- = 0
V+ = +15V
V- = 0
V+ = +24V
V- = 0
V+ = +36V
V- = 0
V+ = +28V
V- = 0
ON-RESISTANCE vs. VCOM AND TEMPERATURE
(DUAL SUPPLIES)
VCOM (V)
10
5
0
-5
-10
10
20
30
40
50
0
-15
15
V+ = +15V
V- = -15V
TA = +85
°C
TA = +25
°C
TA = -40
°C
ON-RESISTANCE vs. VCOM
(DUAL SUPPLIES)
VCOM (V)
15
10
5
0
-5
-10
-15
20
40
60
80
100
0
-20
20
V+ = +5V
V- = -5V
V+ = +10V
V- = -10V
V+ = +15V
V- = -15V
V+ = +20V
V- = -20V


Similar Part No. - DG411F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG411FDJ MAXIM-DG411FDJ Datasheet
1Mb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
DG411FDY MAXIM-DG411FDY Datasheet
1Mb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
DG411FEUE MAXIM-DG411FEUE Datasheet
1Mb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
DG411F MAXIM-DG411F_V01 Datasheet
1Mb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
More results

Similar Description - DG411F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4511 MAXIM-MAX4511_V01 Datasheet
538Kb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
MAX312FESE MAXIM-MAX312FESE Datasheet
338Kb / 15P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 1/03
MAX4511 MAXIM-MAX4511 Datasheet
310Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 6/98
DG411F MAXIM-DG411F_V01 Datasheet
1Mb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
MAX4510 MAXIM-MAX4510 Datasheet
156Kb / 12P
   Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4533 MAXIM-MAX4533 Datasheet
172Kb / 12P
   Quad, Rail-to-Rail, Fault-Protected, SPDT Analog Switch
Rev 0; 4/99
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
   Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
   짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com