Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC081000 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC081000
Description  High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC081000 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button ADC081000 Datasheet HTML 3Page - National Semiconductor (TI) ADC081000 Datasheet HTML 4Page - National Semiconductor (TI) ADC081000 Datasheet HTML 5Page - National Semiconductor (TI) ADC081000 Datasheet HTML 6Page - National Semiconductor (TI) ADC081000 Datasheet HTML 7Page - National Semiconductor (TI) ADC081000 Datasheet HTML 8Page - National Semiconductor (TI) ADC081000 Datasheet HTML 9Page - National Semiconductor (TI) ADC081000 Datasheet HTML 10Page - National Semiconductor (TI) ADC081000 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Converter Electrical Characteristics (Continued)
The following specifications apply after calibration for V
A =VDR = +1.9VDC, OutV = 1.9V, VIN FSR (a.c. coupled) = differential
800mV
P-P,CL = 10 pF, Differential, a.c. coupled Sinewave Clock, fCLK = 1 GHz at 0.5VP-P with 50% duty cycle, REXT = 3300
± 0.1%, Analog Signal Source Impedance = 100
Ω. Boldface limits apply for T
A =TMIN to TMAX. All other limits TA = 25˚C,
unless otherwise stated. (Notes 6, 7)
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 8)
Units
(Limits)
STATIC CONVERTER CHARACTERISTICS
THD
Total Harmonic Distortion
f
IN = 100 MHz, VIN = FSR − 0.5 dB
-57
dB
f
IN = 248 MHz, VIN = FSR − 0.5 dB
-57
−50
dB (max)
f
IN = 498 MHz, VIN = FSR − 0.5 dB
-57
−50
dB (max)
2nd Harm
Second Harmonic Distortion
f
IN = 100 MHz, VIN = FSR − 0.5 dB
−64
dB
f
IN = 248 MHz, VIN = FSR − 0.5 dB
−64
dB
f
IN = 498 MHz, VIN = FSR − 0.5 dB
−64
dB
3rd Harm
Third Harmonic Distortion
f
IN = 100 MHz, VIN = FSR − 0.5 dB
−64
dB
f
IN = 248 MHz, VIN = FSR − 0.5 dB
−64
dB
f
IN = 498 MHz, VIN = FSR − 0.5 dB
−64
dB
SFDR
Spurious-Free dynamic Range
f
IN = 100 MHz, VIN = FSR − 0.5 dB
58.5
dB
f
IN = 248 MHz, VIN = FSR − 0.5 dB
58.5
50
dB (min)
f
IN = 498 MHz, VIN = FSR − 0.5 dB
58.5
50
dB (min)
IMD
Intermodulation Distortion
f
IN1 = 121 MHz, VIN =FSR−7dB
f
IN2 = 126 MHz, VIN =FSR−7dB
-51
dB
Out of Range Output Code
(In addition to OR Output high)
(V
IN+)−(VIN−) > + Full Scale
255
(V
IN+)−(VIN−) < − Full Scale
0
ANALOG INPUT AND REFERENCE CHARACTERISTICS
V
IN
Full Scale Analog Differential Input
Range
FSR pin Low
600
550
mV
P-P (min)
650
mV
P-P (max)
FSR pin High
800
750
mV
P-P (min)
850
mV
P-P (max)
V
CMI
Common Mode Analog Input
Voltage
V
CMO
V
CMO −50
V
CMO+50
mV (min)
mV (max)
C
IN
Analog Input Capacitance
(Note 10)
Differential
0.02
pF
Each input to ground
1.6
pF
R
IN
Differential Input Resistance
100
94
Ω (min)
106
Ω (max)
ANALOG OUTPUT CHARACTERISTICS
V
CMO
Common Mode Output Voltage
I
CMO = ±1 µA
1.21
0.95
1.45
V (min)
V (max)
TC V
CMO
Common Mode Output Voltage
Temperature Coefficient
T
A = −40˚C to +85˚C
118
ppm/˚C
V
BG
Bandgap Reference Output
Voltage
I
BG = ±100 µA
1.26
1.22
1.33
V (min)
V (max)
TC V
BG
Bandgap Reference Voltage
Temperature Coefficient
T
A = −40˚C to +85˚C,
I
BG = ±100 µA
-28
ppm/˚C
CLOCK INPUT CHARACTERISTICS
V
ID
Differential Clock Input Level
Square Wave Clock
0.6
0.4
2.0
V
P-P (min)
V
P-P (max)
Sine Wave Clock
0.6
0.4
2.0
V
P-P (min)
V
P-P (max)
I
I
Input Current
V
IN =0VorVIN =VA
±1µA
C
IN
Input Capacitance (Note 10)
Differential
0.02
pF
Each Input to Ground
1.5
pF
www.national.com
7


Similar Part No. - ADC081000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC081000 NSC-ADC081000 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC081000 TI1-ADC081000 Datasheet
986Kb / 41P
[Old version datasheet]   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
National Semiconductor ...
ADC081000CIYB NSC-ADC081000CIYB Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC081000CIYB/NOPB TI1-ADC081000CIYB/NOPB Datasheet
986Kb / 41P
[Old version datasheet]   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
National Semiconductor ...
ADC081000 NSC-ADC081000_09 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
More results

Similar Description - ADC081000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC081000 NSC-ADC081000_09 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC081000 TI1-ADC081000_15 Datasheet
986Kb / 41P
[Old version datasheet]   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
National Semiconductor ...
ADC08D1000QML NSC-ADC08D1000QML Datasheet
1Mb / 44P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_08 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000 Datasheet
822Kb / 31P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC08D1000 TI1-ADC08D1000 Datasheet
1Mb / 51P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
National Semiconductor ...
ADC08D1010 NSC-ADC08D1010 Datasheet
1Mb / 38P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC08D1000QML TI1-ADC08D1000QML Datasheet
1Mb / 50P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
National Semiconductor ...
ADC08D1000 NSC-ADC08D1000_05 Datasheet
1Mb / 37P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com