Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS505 Datasheet(PDF) 4 Page - Gennum Corporation

Part # LS505
Description  High Gain Class A Amplifier with Peak Clipping
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

LS505 Datasheet(HTML) 4 Page - Gennum Corporation

  LS505 Datasheet HTML 1Page - Gennum Corporation LS505 Datasheet HTML 2Page - Gennum Corporation LS505 Datasheet HTML 3Page - Gennum Corporation LS505 Datasheet HTML 4Page - Gennum Corporation LS505 Datasheet HTML 5Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
500 - 20 - 11
4
R
E
0.033
V
B
10
2
3
=1.35VDC
+
100
8
5
6
7
1k
10
+
4
LS505
33k
+
LS505
1
-
200
RVC
2.2k
CMPO
56
RMPO
100k
10k
1.0
All resistors in ohms, all capacitors in farads unless otherwise stated
Fig. 3 Typical Hearing Aid Applications
47
46
45
44
43
42
41
40
10
50
100
500
1k
5k
10k
Fig. 4 Volume Control Range vs R
E
EXTERNAL RESISTANCE (
Ω)
Fig. 5 GM
vs R
E
7
6
5
4
3
2
1
0
10
50
100
500
1k
5k
10k
EXTERNAL RESISTANCE R
E
(
Ω)
Fig. 6 Load Current vs External Resistance
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
10
50
100
500
1k
5kk
10k
R
E
130
120
110
100
90
80
Fig. 7 I/O Characteristics
30
40
50
60
70
80
90
100
110
DIODES
DISCONNECTED
INPUT (dBSPL)


Similar Part No. - LS505

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
LS50 RSG-LS50 Datasheet
1Mb / 6P
   Single output General Purpose Power Supplies
LS50-12 RSG-LS50-12 Datasheet
1Mb / 6P
   Single output General Purpose Power Supplies
logo
TDK Electronics
LS50-12 TDK-LS50-12 Datasheet
533Kb / 2P
   Single Output General Purpose Power Supplies
logo
RSG Electronic Componen...
LS50-15 RSG-LS50-15 Datasheet
1Mb / 6P
   Single output General Purpose Power Supplies
logo
TDK Electronics
LS50-15 TDK-LS50-15 Datasheet
533Kb / 2P
   Single Output General Purpose Power Supplies
More results

Similar Description - LS505

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LD505 ETC-LD505 Datasheet
189Kb / 5P
   High Gain Class A Amplifier
LP508 ETC-LP508 Datasheet
80Kb / 4P
   Class A Amplifier with 2 Independent Gain Blocks
logo
Gennum Corporation
GC509 GENNUM-GC509 Datasheet
160Kb / 4P
   Class A Amplifier with 3 Independent Gain Blocks
logo
List of Unclassifed Man...
GP509 ETC1-GP509 Datasheet
138Kb / 4P
   Class A Amplifier with 2 Independent Gain Blocks
LT505 ETC-LT505 Datasheet
67Kb / 2P
   Low Current, Peak Limiting Class A Amplifier
LS509 ETC-LS509 Datasheet
94Kb / 5P
   Class A Amplifier with 3 Gain Blocks & Schottky Diodes
VCA7010VEA7506 ETC-VCA7010VEA7506 Datasheet
273Kb / 1P
   Video Equalizing Amplifier with Clipping and Clamping
GK509 ETC1-GK509 Datasheet
85Kb / 5P
   Class A Amplifier with 2 DC Coupled Gain Blocks and Schottky Diodes
logo
STMicroelectronics
TDA7362 STMICROELECTRONICS-TDA7362 Datasheet
753Kb / 17P
   2x8W CAR RADIO AMPLIFIER WITH CLIPPING DETECTOR
May 1991
logo
Taoglas antenna solutio...
GSA.8859.A.105111 TAOGLAS-GSA.8859.A.105111 Datasheet
2Mb / 23P
   High Efficiency and High Peak Gain
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com