Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9173ACS Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9173ACS
Description  1.5A/3A Bus Termination Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9173ACS Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9173ACS Datasheet HTML 2Page - Richtek Technology Corporation RT9173ACS Datasheet HTML 3Page - Richtek Technology Corporation RT9173ACS Datasheet HTML 4Page - Richtek Technology Corporation RT9173ACS Datasheet HTML 5Page - Richtek Technology Corporation RT9173ACS Datasheet HTML 6Page - Richtek Technology Corporation RT9173ACS Datasheet HTML 7Page - Richtek Technology Corporation RT9173ACS Datasheet HTML 8Page - Richtek Technology Corporation RT9173ACS Datasheet HTML 9Page - Richtek Technology Corporation RT9173ACS Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
RT9173/A
DS9173/A-06 March 2002
www.richtek-ic.com.tw
7
Fig. 6 Layout Consideration
To prevent this maximum junction temperature from
being exceeded, the appropriate power plane heat
sink MUST be used. Higher continuous currents or
ambient temperature require additional heatsinking.
RT9173CS (SOP-8)
The PCB heat sink copper area should be
solder-painted without masked. This
approaches a “best case” pad heat sink.
Use vias to conduct the heat into the
buried or backside of PCB layer .
RT9173CS (SOP-8)
The PCB heat sink copper area should be
solder-painted without masked. This
approaches a “best case” pad heat sink.
Use vias to conduct the heat into the
buried or backside of PCB layer .


Similar Part No. - RT9173ACS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9173AGL5 RICHTEK-RT9173AGL5 Datasheet
306Kb / 13P
   Peak 3A Bus Termination Regulator
RT9173AGM5 RICHTEK-RT9173AGM5 Datasheet
306Kb / 13P
   Peak 3A Bus Termination Regulator
RT9173AGS RICHTEK-RT9173AGS Datasheet
306Kb / 13P
   Peak 3A Bus Termination Regulator
RT9173APL5 RICHTEK-RT9173APL5 Datasheet
306Kb / 13P
   Peak 3A Bus Termination Regulator
RT9173APM5 RICHTEK-RT9173APM5 Datasheet
306Kb / 13P
   Peak 3A Bus Termination Regulator
More results

Similar Description - RT9173ACS

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP1250GM A-POWER-AP1250GM Datasheet
104Kb / 5P
   1.5A / 3A Bus Termination Regulator
logo
Unisonic Technologies
UR5515 UTC-UR5515 Datasheet
228Kb / 8P
   1.5A/3A BUS TERMINATION REGULATOR
logo
E-Tech Electronics LTD
UR5515 ETL-UR5515 Datasheet
316Kb / 8P
   1.5A/3A BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
ML6554 FAIRCHILD-ML6554 Datasheet
386Kb / 14P
   3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516B UTC-UR5516B Datasheet
220Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C Datasheet
208Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C_15 Datasheet
236Kb / 8P
   3A BUS TERMINATION REGULATOR
logo
Micro Linear Corporatio...
ML6554 MICRO-LINEAR-ML6554 Datasheet
168Kb / 14P
   3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516 UTC-UR5516_15 Datasheet
245Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516A UTC-UR5516A_16 Datasheet
227Kb / 8P
   3A BUS TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com