Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2364AIDGKR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2364AIDGKR
Description  1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2364AIDGKR Datasheet(HTML) 4 Page - Texas Instruments

  OPA2364AIDGKR Datasheet HTML 1Page - Texas Instruments OPA2364AIDGKR Datasheet HTML 2Page - Texas Instruments OPA2364AIDGKR Datasheet HTML 3Page - Texas Instruments OPA2364AIDGKR Datasheet HTML 4Page - Texas Instruments OPA2364AIDGKR Datasheet HTML 5Page - Texas Instruments OPA2364AIDGKR Datasheet HTML 6Page - Texas Instruments OPA2364AIDGKR Datasheet HTML 7Page - Texas Instruments OPA2364AIDGKR Datasheet HTML 8Page - Texas Instruments OPA2364AIDGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
OPA363, 2363, 364, 2364, 4364
SBOS259B
4
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = +1.8V to +5.5V
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, RL = 10kΩ connected to VS/2, and VOUT = VS/2, VCM = VS/2, unless otherwise noted.
OPAx363, OPAx364
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage, OPA363I, OPA364I
VOS
VS = +5V
500
µV
OPA2363I, OPA2364I
900
µV
OPA363AI, OPA364AI, OPA2363AI, OPA2364AI, OPA4364AI
1
2.5
mV
Drift
dVOS /dT
3
µV/°C
vs Power Supply
PSRR
VS = 1.8V to 5.5V, VCM = 0
80
330
µV/V
Channel Separation, dc
1
µV/V
INPUT BIAS CURRENT
Input Bias Current
IB
±1
±10
pA
over Temperature
See Typical Characteristics
Input Offset Current
IOS
±1
±10
pA
NOISE
Input Voltage Noise, f = 0.1Hz to 10Hz
en
10
µVp-p
Input Voltage Noise Density, f = 10kHz
en
17
nV/
√Hz
Input Current Noise Density, f = 10kHz
in
0.6
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V–) – 0.1
(V+) + 0.1
V
Common-Mode Rejection Ratio
CMRR
(V–) – 0.1V < VCM < (V+) + 0.1V
74
90
dB
INPUT CAPACITANCE
Differential
2pF
Common-Mode
3pF
OPEN-LOOP GAIN
RL = 10kΩ, 100mV < VO < (V+) – 100mV
Open-Loop Voltage Gain
AOL
94
100
dB
OPA4364AI
90
dB
over Temperature
VS = +1.8V to +5.5V
86
dB
FREQUENCY RESPONSE
CL = 100pF
Gain Bandwidth Product
GBW
7
MHz
Slew Rate
SR
G = +1
5
V/
µs
Settling Time, 0.1%
tS
VS = +5V, 4V Step, G = +1
1
µs
0.01%
VS = +5V, 4V Step, G = +1
1.5
µs
Overload Recovery Time
VIN • Gain > VS
0.8
µs
Total Harmonic Distortion + Noise
THD+N
VS = +5V, G = +1, f = 20Hz to 20kHz
0.002
%
OUTPUT
Voltage Output Swing from Rail
RL = 10kΩ
10
20
mV
over Temperature
RL = 10k
20
mV
Short-Circuit Current
ISC
See Typical Characteristics
mA
Capacitive Load Drive
CLOAD
See Typical Characteristics
SHUTDOWN (for OPAx363)
tOFF
1
µs
tON(1)
20
µs
VL (shutdown)
(V–) + 0.8
V
VH (amplifier is active)
0.75 (V+)
5.5
V
IQSD
0.9
µA
POWER SUPPLY
Specified Voltage Range
VS
1.8
5.5
V
Operating Voltage Range
1.8 to 5.5
V
Quiescent Current (per amplifier)
IQ
VS = +1.8V
650
750
µA
VS = +3.6V
850
1000
µA
VS = +5.5V
1.1
1.4
mA
TEMPERATURE RANGE
Specified Range
–40
+125
°C
Operating Range
–40
+150
°C
Storage Range
–65
+150
°C
Thermal Resistance
θ
JA
SOT23-5, SOT23-6
200
°C/W
MSOP-8, MSOP-10, SO-8
150
°C/W
TSSOP-14, SO-14
100
°C/W
NOTE: (1) Part is considered enabled when input offset voltage returns to specified range.


Similar Part No. - OPA2364AIDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2364AIDGKR TI-OPA2364AIDGKR Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA2364AIDGKRG4 TI-OPA2364AIDGKRG4 Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
More results

Similar Description - OPA2364AIDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA364IDBVRG4 TI-OPA364IDBVRG4 Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA364AIDBVRG4 TI-OPA364AIDBVRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA365-EP TI1-OPA365-EP Datasheet
495Kb / 19P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA2365-Q1 TI1-OPA2365-Q1 Datasheet
886Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-EP TI-OPA365-EP_15 Datasheet
998Kb / 22P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-Q1 TI-OPA365-Q1_15 Datasheet
1,023Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA4364-Q1 TI1-OPA4364-Q1 Datasheet
590Kb / 21P
[Old version datasheet]   1.8-V, 7-MHz, 90-dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
logo
Texas Instruments
OPA743 TI1-OPA743 Datasheet
842Kb / 17P
[Old version datasheet]   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
OPA2743EA TI1-OPA2743EA Datasheet
615Kb / 17P
[Old version datasheet]   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com