Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2364AIDR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2364AIDR
Description  1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2364AIDR Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA2364AIDR Datasheet HTML 7Page - Texas Instruments OPA2364AIDR Datasheet HTML 8Page - Texas Instruments OPA2364AIDR Datasheet HTML 9Page - Texas Instruments OPA2364AIDR Datasheet HTML 10Page - Texas Instruments OPA2364AIDR Datasheet HTML 11Page - Texas Instruments OPA2364AIDR Datasheet HTML 12Page - Texas Instruments OPA2364AIDR Datasheet HTML 13Page - Texas Instruments OPA2364AIDR Datasheet HTML 14Page - Texas Instruments OPA2364AIDR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
OPA363, 2363, 364, 2364, 4364
SBOS259B
11
www.ti.com
ACTIVE FILTERING
Low harmonic distortion and noise specifications plus high
gain and slew rate make the OPA363 and OPA364 optimal
candidates for active filtering. Figure 11 shows the OPA2363
configured as a low-distortion, 3rd-order GIC (General Immit-
tance Converter) filter. Figure 12 shows the implementation
of a Sallen-Key, 3-pole, low-pass Bessel filter.
FIGURE 11. The OPA2363 as a 3rd-Order, 40kHz, Low-Pass GIC Filter.
FIGURE 10. Microphone Preamplifier.
FIGURE 12. The OPA363 or OPA364 Configured as a 3-Pole, 20kHz, Sallen-Key Filter.
R
11
3.92k
R
12
3.92k
C
13
1000pF
R
14
3.48k
C
15
1000pF
V
OUT
V
IN
R
1
3.92k
R
3
1.33k
C
4
1000pF
1/2
OPA2363
1/2
OPA2363
3
2
1
6
5
7
2
3
6
OPA363
3.3V
49k
V
OUT
OPAx363
OPAx364
Clean 3.3V Supply
1
µF
4k
6k
Electret
Microphone
5k
V
OUT
V
IN = 1Vrms
OPA363
150k
19.5k
220pF
1.8k
3.3nF
47pF


Similar Part No. - OPA2364AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2364AIDR TI-OPA2364AIDR Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA2364AIDRG4 TI-OPA2364AIDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
More results

Similar Description - OPA2364AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA364IDBVRG4 TI-OPA364IDBVRG4 Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA364AIDBVRG4 TI-OPA364AIDBVRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA365-EP TI1-OPA365-EP Datasheet
495Kb / 19P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA2365-Q1 TI1-OPA2365-Q1 Datasheet
886Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-EP TI-OPA365-EP_15 Datasheet
998Kb / 22P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-Q1 TI-OPA365-Q1_15 Datasheet
1,023Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA4364-Q1 TI1-OPA4364-Q1 Datasheet
590Kb / 21P
[Old version datasheet]   1.8-V, 7-MHz, 90-dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
logo
Texas Instruments
OPA743 TI1-OPA743 Datasheet
842Kb / 17P
[Old version datasheet]   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
OPA2743EA TI1-OPA2743EA Datasheet
615Kb / 17P
[Old version datasheet]   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com