Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA364AIDBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA364AIDBVT
Description  1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA364AIDBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA364AIDBVT Datasheet HTML 6Page - Texas Instruments OPA364AIDBVT Datasheet HTML 7Page - Texas Instruments OPA364AIDBVT Datasheet HTML 8Page - Texas Instruments OPA364AIDBVT Datasheet HTML 9Page - Texas Instruments OPA364AIDBVT Datasheet HTML 10Page - Texas Instruments OPA364AIDBVT Datasheet HTML 11Page - Texas Instruments OPA364AIDBVT Datasheet HTML 12Page - Texas Instruments OPA364AIDBVT Datasheet HTML 13Page - Texas Instruments OPA364AIDBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
OPA363, 2363, 364, 2364, 4364
SBOS259B
10
www.ti.com
FIGURE 7. The OPA363 and OPA364 Directly Drive the
ADS8324.
FIGURE 9. OPA2363 Configured as Half of a Dual Stereo Headphone Driver.
FIGURE 8. Driving the 12-Bit A/D Converter on the MSP430.
BUFFERED REFERENCE VOLTAGE
Many single-supply applications require a mid-supply refer-
ence voltage. The OPA363 and OPA364 offer excellent
capacitive load drive capability, and can be configured to
provide a 0.9V reference voltage, as can be seen in Figure 6.
For appropriate loading considerations, see the “Capacitive
Load” section.
AUDIO APPLICATIONS
The OPA363 and OPA364 op amp family has linear offset
voltage over the entire input common-mode range. Com-
bined with low-noise, this feature makes the OPA363 and
OPA364 suitable for audio applications. Single supply 1.8V
operation allows the OPA2363 and OPA2364 to be optimal
candidates for dual stereo-headphone drivers and micro-
phone pre-amplifiers in portable stereo equipment, see Fig-
ures 9 and 10.
FIGURE 6. The OPA363 and OPA364 Provide a Stable
Reference Voltage.
V+
R
1
10k
R
2
10k
0.9V
OPAx363
OPAx364
V+
C
L = 1µF
ADS8324
V+ = 1.8V
V+ = 1.8V
OPA363
OPA364
V
IN
100
1nF
MSP430
V+
V+
V
IN
100
1nF
OPA363
OPA364
V+
V–
20k
1/2
OPA2363
One of Right or Left Channel
One of Right or Left
Headphone Out
10k
20k
V+
V–
Internally
Biased
20k
1/2
TPS6100
20k
10k
1
µF
47pF
V–
DIRECTLY DRIVING THE ADS8324 AND
THE MSP430
The OPA363 and OPA364 series op amps are optimized for
driving medium speed (up to 100kHz) sampling A/D convert-
ers. However, they also offer excellent performance for
higher speed converters. The no crossover input stage of the
OPA363 and OPA364 directly drive A/D converters without
degradation of differential linearity and THD. They provide an
effective means of buffering the A/D converters input capaci-
tance and resulting charge injection while providing signal
gain. Figure 7 and Figure 8 show the OPA363 and OPA364
configured to drive the ADS8324 and the 12-bit
A/D converter on the MSP430.


Similar Part No. - OPA364AIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA364AIDBVT TI-OPA364AIDBVT Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA364AIDBVTG4 TI-OPA364AIDBVTG4 Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
More results

Similar Description - OPA364AIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA364IDBVRG4 TI-OPA364IDBVRG4 Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA364AIDBVRG4 TI-OPA364AIDBVRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA365-EP TI1-OPA365-EP Datasheet
495Kb / 19P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA2365-Q1 TI1-OPA2365-Q1 Datasheet
886Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-EP TI-OPA365-EP_15 Datasheet
998Kb / 22P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-Q1 TI-OPA365-Q1_15 Datasheet
1,023Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA4364-Q1 TI1-OPA4364-Q1 Datasheet
590Kb / 21P
[Old version datasheet]   1.8-V, 7-MHz, 90-dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
logo
Texas Instruments
OPA743 TI1-OPA743 Datasheet
842Kb / 17P
[Old version datasheet]   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
OPA2743EA TI1-OPA2743EA Datasheet
615Kb / 17P
[Old version datasheet]   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com