Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA363AIDBVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA363AIDBVR
Description  1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA363AIDBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA363AIDBVR Datasheet HTML 2Page - Texas Instruments OPA363AIDBVR Datasheet HTML 3Page - Texas Instruments OPA363AIDBVR Datasheet HTML 4Page - Texas Instruments OPA363AIDBVR Datasheet HTML 5Page - Texas Instruments OPA363AIDBVR Datasheet HTML 6Page - Texas Instruments OPA363AIDBVR Datasheet HTML 7Page - Texas Instruments OPA363AIDBVR Datasheet HTML 8Page - Texas Instruments OPA363AIDBVR Datasheet HTML 9Page - Texas Instruments OPA363AIDBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
OPA363, 2363, 364, 2364, 4364
SBOS259B
6
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TCASE = +25°C, RL = 10kΩ, and connected to VS/2, VOUT = VS/2, VCM = VS/2, unless otherwise noted.
120
100
80
60
40
20
0
SHORT-CIRCUIT CURRENT vs SUPPLY VOLTAGE
Supply Voltage (V)
1.5
2.0
+I
SC
–I
SC
2.5
3.0
3.5
4.0
4.5
5.0
5.5
1000
100
10
INPUT VOLTAGE NOISE SPECTRAL DENSITY
vs FREQUENCY
Frequency (Hz)
10
100
1k
10k
100k
3
2
1
0
–1
–2
–3
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
Output Current (mA)
0
±10 ±20 ±30 ±40 ±50 ±60 ±70 ±80 ±90 ±100
T
A = –40°C
V
S = ±2.5V
V
S = ±1.65V
V
S = ±0.9V
V
S = ±2.5V
V
S = ±1.65V
T
A = +25°C
T
A = +125°C
10k
1k
100
10
1
INPUT OFFSET CURRENT vs TEMPERATURE
Temperature (
°C)
–50
–25
0
25
50
75
100
125
INPUT BIAS CURRENT vs TEMPERATURE
Temperature (
°C)
–50
–25
0
25
50
75
100
125
10k
1k
100
10
1
4
2
0
–2
–4
–6
–8
–10
INPUT BIAS CURRENT
vs INPUT COMMON-MODE VOLTAGE
Common-Mode Voltage (V)
–0.5
0.5
1.5
2.5
3.5
4.5
5.5
V
CM = +5.1V
V
CM = –0.1V


Similar Part No. - OPA363AIDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA363AIDBVR TI-OPA363AIDBVR Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA363AIDBVRG4 TI-OPA363AIDBVRG4 Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
More results

Similar Description - OPA363AIDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA364IDBVRG4 TI-OPA364IDBVRG4 Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA364AIDBVRG4 TI-OPA364AIDBVRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA365-EP TI1-OPA365-EP Datasheet
495Kb / 19P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA2365-Q1 TI1-OPA2365-Q1 Datasheet
886Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-EP TI-OPA365-EP_15 Datasheet
998Kb / 22P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-Q1 TI-OPA365-Q1_15 Datasheet
1,023Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA4364-Q1 TI1-OPA4364-Q1 Datasheet
590Kb / 21P
[Old version datasheet]   1.8-V, 7-MHz, 90-dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
logo
Texas Instruments
OPA743 TI1-OPA743 Datasheet
842Kb / 17P
[Old version datasheet]   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
OPA2743EA TI1-OPA2743EA Datasheet
615Kb / 17P
[Old version datasheet]   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com