Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N85C220-66 Datasheet(PDF) 10 Page - Altera Corporation

Part # N85C220-66
Description  Classic EPLDs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

N85C220-66 Datasheet(HTML) 10 Page - Altera Corporation

Back Button N85C220-66 Datasheet HTML 6Page - Altera Corporation N85C220-66 Datasheet HTML 7Page - Altera Corporation N85C220-66 Datasheet HTML 8Page - Altera Corporation N85C220-66 Datasheet HTML 9Page - Altera Corporation N85C220-66 Datasheet HTML 10Page - Altera Corporation N85C220-66 Datasheet HTML 11Page - Altera Corporation N85C220-66 Datasheet HTML 12Page - Altera Corporation N85C220-66 Datasheet HTML 13Page - Altera Corporation N85C220-66 Datasheet HTML 14Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Altera Corporation
EP220 & EP224 Classic EPLDs
Figure 4 shows the typical supply current (ICC) versus frequency for
EP220 and EP224 devices.
Figure 4. EP220 & EP224 ICC vs. Frequency
Figure 5 shows the output drive characteristics of EP220 and EP224 I/O
pins.
Figure 5. EP220 & EP224 Output Drive Characteristics
Frequency (MHz)
20
40
60
80
100
10
40
100
70
-7A Speed
Grade
Non-Turbo
VCC = 5.0 V
TA = 25° C
Turbo
-10A and -12
Speed Grades
VO Output Voltage (V)
1
2
3
4
5
IOL
IOH
VCC = 5.0 V
TA = 25° C
100
80
60
20
40


Similar Part No. - N85C220-66

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
N85C220-66 INTEL-N85C220-66 Datasheet
948Kb / 18P
   FAST REGISTERED SPEED Tsu,Tso 8-MACROCELL
More results

Similar Description - N85C220-66

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C342B CYPRESS-CY7C342B Datasheet
350Kb / 14P
   128-Macrocell MAX EPLDs
logo
OSRAM GmbH
CLASSICA7512W OSRAM-CLASSICA7512W Datasheet
189Kb / 4P
   PARATHOM CLASSIC A | LED lamps, classic bulb shape
logo
Lapp.
1119752 LAPP-1119752 Datasheet
180Kb / 2P
   ÖLFLEX CLASSIC 110
03.03.2023
logo
Altera Corporation
EP1810 ALTERA-EP1810 Datasheet
1Mb / 41P
   Classic EPLD Family
logo
STMicroelectronics
SPBT3.0DP2 STMICROELECTRONICS-SPBT3.0DP2 Datasheet
839Kb / 31P
   Bluetooth짰 Classic module
Rev 7 - May 2018
logo
Cypress Semiconductor
CY7C346B-35NC CYPRESS-CY7C346B-35NC Datasheet
87Kb / 6P
   Multiple Array Matrix High-Density EPLDs
logo
Bud Industries, Inc.
AGC-9268 BUD-AGC-9268 Datasheet
58Kb / 1P
   CLASSIC II CABINET
logo
List of Unclassifed Man...
D33040 ETC2-D33040 Datasheet
28Kb / 1P
   Classic PL Desk Lamps
BT2025 ETC-BT2025 Datasheet
699Kb / 2P
   BT 2025 Classic V2
logo
PHOENIX CONTACT
2902831 PHOENIX-2902831 Datasheet
57Kb / 3P
   Adapter - EM RI-ADAPTER CLASSIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com