Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM5205DC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OM5205DC
Description  HERMETIC JEDEC TO-258AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OM5205DC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OM5205DC Datasheet HTML 1Page - List of Unclassifed Manufacturers OM5205DC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.2 - 45
3.2
4 11 R4
Supersedes 1 07 R3
HERMETIC JEDEC TO-258AA HIGH EFFICIENCY,
CENTER-TAP RECTIFIER
FEATURES
• Very Low Forward Voltage
• Very Fast Switching Time
• Hermetic Metal Package, JEDEC TO-258AA
• Low Thermal Resistance
• Isolated Package
• High Surge
• Available Screened To MIL-S-19500, TX, TXV And S Levels
DESCRIPTION
This series of products in a hermetic package is specifically designed for use at
power switching frequencies in excess of 100 kHz. The series combines two high
efficiency devices into one package, simplifying installation, reducing heat sink
hardware, and the need to obtain matched components. These devices are ideally
suited for Hi-Rel applications where small size and a hermetically sealed package
is required. Common anode configurations are also available. Common cathode
is standard.
ABSOLUTE MAXIMUM RATINGS (Per Diode) @ 25°C
Peak Inverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 to 600 V
Maximum Average D.C. Output Current @ T
C = 100° C . . . . . . . . . . . . . . . . . . . 15 A
Non-Repetitive Sinusoidal Surge Current 8.3 ms . . . . . . . . . . . . . . . . . . . . . . . . 150 A
Operating and Storage Temperature Range . . . . . . . . . . . . . . . . . - 55° C to + 150° C
Z
OM5235SC/RC/DC
30 Amp, 50 To 600 Volts, 35 To 50 ns trr
MECHANICAL OUTLINE
.707
.697
.750
.500
.835
.815
.695
.685
.165
.155
.200 TYP.
.550
.530
.270
.240
.045
.035
.140 TYP.
.092 MAX.
.065
.055
.005
12
3
OM5204SC/RC/DC
OM5205SC/RC/DC
OM5206SC/RC/DC
OM5218SC/RC/DC
OM5219SC/RC/DC
OM5220SC/RC/DC
COMMON
ANODE
COMMON
CATHODE
DOUBLER
1
3
2
1
3
2
1
2
3
SCHEMATIC
Common cathode is standard. Contact the factory for performance
characteristics for common anode and doubler.
Z-Pak also available.
OMXXXXRC
OMXXXXSC
OMXXXXDC


Similar Part No. - OM5205DC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM5201DT ETC-OM5201DT Datasheet
35Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5201DT ETC2-OM5201DT Datasheet
25Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5201RT ETC-OM5201RT Datasheet
35Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5201RT ETC2-OM5201RT Datasheet
25Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5201ST ETC-OM5201ST Datasheet
35Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
More results

Similar Description - OM5205DC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM5328SC ETC1-OM5328SC Datasheet
20Kb / 2P
   HERMETIC JEDEC TO-258AA HIGH EFFICIENCY, SOFT RECOVERY CENTER-TAP RECTIFIER
OM5257SA ETC2-OM5257SA Datasheet
23Kb / 2P
   HERMETIC JEDEC TO-254AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5201ST ETC-OM5201ST Datasheet
35Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5221SA ETC2-OM5221SA Datasheet
40Kb / 2P
   HERMETIC JEDEC TO-254AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5201STRT ETC2-OM5201STRT Datasheet
25Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5262SA ETC2-OM5262SA Datasheet
27Kb / 2P
   HERMETIC JEDEC TO-254AA HIGH EFFICIENCY, CENTER-TAP HIGH VOLTAGE RECTIFIER
OM5261ST ETC2-OM5261ST Datasheet
27Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP HIGH VOLTAGE RECTIFIER
logo
International Rectifier
OM5324SA IRF-OM5324SA Datasheet
24Kb / 2P
   HERMETIC JEDEC TO-254AA HIGH EFFICIENCY, SOFT RECOVERY CENTER-TAP RECTIFIER
logo
List of Unclassifed Man...
OM5320ST ETC1-OM5320ST Datasheet
22Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, SOFT RECOVERY CENTER-TAP RECTIFIER
logo
International Rectifier
OM7662SC IRF-OM7662SC_15 Datasheet
40Kb / 4P
   Isolated Hermetic Package. JEDEC TO-258AA Outline
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com