Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1266VUA Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1266VUA
Description  200mA PCI LDO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1266VUA Datasheet(HTML) 1 Page - Microchip Technology

  TC1266VUA Datasheet HTML 1Page - Microchip Technology TC1266VUA Datasheet HTML 2Page - Microchip Technology TC1266VUA Datasheet HTML 3Page - Microchip Technology TC1266VUA Datasheet HTML 4Page - Microchip Technology TC1266VUA Datasheet HTML 5Page - Microchip Technology TC1266VUA Datasheet HTML 6Page - Microchip Technology TC1266VUA Datasheet HTML 7Page - Microchip Technology TC1266VUA Datasheet HTML 8Page - Microchip Technology TC1266VUA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21377B-page 1
TC1266
Features
• Glitch Free Transition Between Input Sources
• Automatic Input Source Selection
• External PMOS Bypass Switch Control
• Built-in 5V Detector
• 1% Regulated Output Voltage Accuracy
• 200mA Load Current Capability
• Kelvin Sense Input
• Low Dropout Voltage (240mV @ Full Load)
• Low Ground Current, Independent of Load
Applications
• PCMCIA
•PCI
• Network Interface Cards (NICs)
• CardbusTM Technology
Device Selection Table
Package Type
General Description
The TC1266 is an application-specific, low dropout
regulator (LDO), specifically intended for use in PCI
peripheral card applications complying with PCI Power
Management (PCI 2.0). It provides an uninterrupted,
3.3V, 200mA (max) output voltage when the main (5V)
or auxiliary (3.3V) input voltage supplies are present.
TheTC1266consistsof anLDO, a voltagethreshold
detector, external switchover logic and gate drive
circuitry. It functions as a conventional LDO as long as
the voltage on the main supply input (VIN) is above the
lower threshold (3.90V typical). Should the voltage on
VIN fall below the lower threshold, the LDO is disabled
and an external P-channel MOSFET is automatically
turned on, connecting the auxiliary supply input to
VOUT, and ensuring an uninterrupted 3.3V output. The
main supply is automatically selected, if both the main
and auxiliary input supplies are present, and transition
from one input supply to the other is ensured glitch-
free. High integration, automatic secondary supply
switchover, Kelvin sensing, and small size make the
TC1266 the optimum LDO for PCI 2.0 applications.
Functional Block Diagram
Part Number
Package
Junction
Temp. Range
TC1266VOA 8-Pin SOIC (Narrow) -5°C to +125°C
TC1266VUA
8-Pin MSOP
-5°C to +125°C
1
2
3
4
8
7
6
5
TC1266
SENSE
VOUT
NC
8-Pin SOIC
NC
VAUX
GND
VIN
DR
1
2
3
4
8
7
6
5
TC1266
8-Pin MSOP
NC
VAUX
GND
VIN
SENSE
VOUT
NC
DR
+
VIN
VAUX
GND
DR
VOUT
SENSE
Bandgap
Reference
Detect
E/A
200mA PCI LDO


Similar Part No. - TC1266VUA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1266VUA MICROCHIP-TC1266VUA Datasheet
302Kb / 18P
   200mA PCI LDO
2001-2012 11/27/12
More results

Similar Description - TC1266VUA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1266 MICROCHIP-TC1266_13 Datasheet
302Kb / 18P
   200mA PCI LDO
2001-2012 11/27/12
logo
Mitsumi Electronics, Co...
MM1856 MITSUMI-MM1856 Datasheet
243Kb / 21P
   200mA LDO
MM1836 MITSUMI-MM1836 Datasheet
222Kb / 19P
   200mA LDO
MM3566 MITSUMI-MM3566 Datasheet
200Kb / 23P
   200mA LDO
MM3411 MITSUMI-MM3411 Datasheet
283Kb / 24P
   200mA LDO
logo
SHENZHEN FUMAN ELECTRON...
FM6219 FUMAN-FM6219 Datasheet
1Mb / 4P
   200mA LDO Linear Regulator
logo
Mitsumi Electronics, Co...
MM1898 MITSUMI-MM1898 Datasheet
379Kb / 21P
   Negative output 200mA LDO
logo
Microchip Technology
TC1267 MICROCHIP-TC1267_13 Datasheet
276Kb / 14P
   400mA PCI LDO
2001-2012 11/27/12
logo
Rohm
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com