Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1266VOA Datasheet(PDF) 6 Page - Microchip Technology

Part # TC1266VOA
Description  200mA PCI LDO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1266VOA Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC1266VOA Datasheet HTML 2Page - Microchip Technology TC1266VOA Datasheet HTML 3Page - Microchip Technology TC1266VOA Datasheet HTML 4Page - Microchip Technology TC1266VOA Datasheet HTML 5Page - Microchip Technology TC1266VOA Datasheet HTML 6Page - Microchip Technology TC1266VOA Datasheet HTML 7Page - Microchip Technology TC1266VOA Datasheet HTML 8Page - Microchip Technology TC1266VOA Datasheet HTML 9Page - Microchip Technology TC1266VOA Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TC1266
DS21377B-page 6
© 2002 Microchip Technology Inc.
FIGURE 4-1:
5V DETECT THRESHOLD
FIGURE 4-2:
TIMING DIAGRAM
NOTE: VIN rise and fall times (10% to 90%) to be ≥ 100µsec.
DR
VIN
3.65V
2.0V
4.4V
2.0V
VTH(HI)
VHYST
VTH(LO)
DR
VIN
2.0V
4.4V
2.0V
NOTE: VIN rise and fall times (10% to 90%) to be ≤ 0.1µsec.
3.65V
tDH
tDL


Similar Part No. - TC1266VOA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1266VOA MICROCHIP-TC1266VOA Datasheet
302Kb / 18P
   200mA PCI LDO
2001-2012 11/27/12
More results

Similar Description - TC1266VOA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1266 MICROCHIP-TC1266_13 Datasheet
302Kb / 18P
   200mA PCI LDO
2001-2012 11/27/12
logo
Mitsumi Electronics, Co...
MM1856 MITSUMI-MM1856 Datasheet
243Kb / 21P
   200mA LDO
MM1836 MITSUMI-MM1836 Datasheet
222Kb / 19P
   200mA LDO
MM3566 MITSUMI-MM3566 Datasheet
200Kb / 23P
   200mA LDO
MM3411 MITSUMI-MM3411 Datasheet
283Kb / 24P
   200mA LDO
logo
SHENZHEN FUMAN ELECTRON...
FM6219 FUMAN-FM6219 Datasheet
1Mb / 4P
   200mA LDO Linear Regulator
logo
Mitsumi Electronics, Co...
MM1898 MITSUMI-MM1898 Datasheet
379Kb / 21P
   Negative output 200mA LDO
logo
Microchip Technology
TC1267 MICROCHIP-TC1267_13 Datasheet
276Kb / 14P
   400mA PCI LDO
2001-2012 11/27/12
logo
Rohm
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com