Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARE13A12 Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # ARE13A12
Description  2.6 GHz 75??RELAYS FOR BROADCASTING INDUSTRY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ARE13A12 Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  ARE13A12 Datasheet HTML 1Page - Nais(Matsushita Electric Works) ARE13A12 Datasheet HTML 2Page - Nais(Matsushita Electric Works) ARE13A12 Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RE
79
NOTES
1. Coil operating power
Pure DC current should be applied to the
coil.The wave form should be rectangular.
If it includes ripple, the ripple factor should
be less than 5%.
However, check it with the actual circuit
since the characteristics may be slightly
different.
2. Cleaning
For automatic cleaning, the boiling meth-
od is recommended. Avoid ultrasonic
cleaning which subjects the relays to high
frequency vibrations, which may cause
the contacts to stick.
It is recommended that alcoholic solvents
be used.
3. Soldering
1) The soldering shall be performed under
following condition.
Max. 260°C 500°F 10s
Max. 350°C 662°F 3s
The affect of the PCB on the relay will dif-
fer depending on the type of PCB used.
Please verify the type of PCB to be used.
Soldering time: within 5s
2) In case of automatic soldering, the fol-
lowing conditions should be observed
(Surface-mount terminal)
(1) Position of measuring temperature
(2) IR (infrared reflow) soldering method
Temperature rise of relay itself may vary
according to the mounting level or the
heating method of reflow equipment.
Therefore, please set the temperature of
soldering portion of relay terminal and the
top surface of the relay case not to exceed
the above mentioned soldering condition.
It is recommended to check the tempera-
ture rise of each portion under actual
mounting condition before use.
4. Packing style
1) Tape dimensions
2) Dimensions of plastic reel
5. Conditions for operation, transport
and storage
1) Ambient temperature, humidity, and at-
mospheric pressure during usage, trans-
port, and storage of the relay:
(1) Temperature:
–40 to +60°C –40 to +140°F
(2) Humidity: 5 to 85% RH
(Avoid freezing and condensation.)
The humidity range varies with the tem-
perature. Use within the range indicated
in the graph below.
(3) Atmospheric pressure: 86 to 106 kPa
Temperature and humidity range for us-
age, transport, and storage:
2) Condensation
Condensation forms when there is a sud-
den change in temperature under high
temperature and high humidity conditions.
Condensation will cause deterioration of
the relay insulation.
3) Freezing
Condensation or other moisture may
freeze on the relay when the temperature
is lower than 0°C 32°F. This causes prob-
lems such as sticking of movable parts or
operational time lags.
4) Low temperature, low humidity environ-
ments
The plastic becomes brittle if the relay is
exposed to a low temperature, low humid-
ity environment for long periods of time.
B
1.0mm .039inch
A: Surface of PC board where relay is mounted.
B: Above the PC board surface.
A
T1
T2
T3
T4
T5
t1
t3 t4 t5
t2
A:
B:
t2 - t1 = 80 to 120 s
t5 - t3 = 30 to 40 s
t4 = 170 to 190 s
T1=150
°C 302°F
T2=160
°C 320°F
T3=183
°C 361°F
T4=245
°C 473°F
T5=270
°C 518°F
Tape coming out direction
Relay polarity bar
44±
0.3
1.732±
.012
2.0±
0.15
.079±
.006
40.4
1.591
20.2
.795
1.75
.069
0.4
.016
4
.157
13.85
.545
20.0
.787
1.5 .059
1.7
.067
R0.75
.030
20.75
.817
10.6+
0.2
−0.3
.417+
.008
−.012
RE Relay
1.5+
0.1
−0
dia.
.059+
.004
−0
380±
0.2
14.961±
.008
21±
0.8 dia.
.827±
.031 dia.
13±
0.2 dia.
.512±
.008 dia.
2.0±
0.5
.079±
.020
80±
0.1
3.150±
.004
Max. 50.5
1.988
44.4+
0.2
−0
1.748+
.008
−0
(Avoid
condensation
when used at
temperatures
higher than
0
°C32°F)
Temperature,
°C °F
Humidity, %R.H.
85
5
0
+32
+60
+140
–40
–40
Tolerance range
(Avoid freezing
when used at
temperatures
lower than
0
°C32°F)
For Cautions for Use, see Relay Technical Information (Page 48 to 76).
3/7/2002
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog


Similar Part No. - ARE13A12

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ARE13A12NIL PANASONIC-ARE13A12NIL Datasheet
120Kb / 5P
   2.6 GHz SMALL MICROWAVE RELAYS
ARE13A12Z PANASONIC-ARE13A12Z Datasheet
120Kb / 5P
   2.6 GHz SMALL MICROWAVE RELAYS
More results

Similar Description - ARE13A12

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ARE10A12 PANASONIC-ARE10A12 Datasheet
120Kb / 5P
   2.6 GHz SMALL MICROWAVE RELAYS
logo
Johanson Technology Inc...
2593BP44B186E JOHANSON-2593BP44B186E Datasheet
89Kb / 2P
   2.6 GHz Band Pass Filter
2595FB39A0050 JOHANSON-2595FB39A0050 Datasheet
126Kb / 2P
   2.6 GHz Balun/Filter Combination
2598BP39A0205 JOHANSON-2598BP39A0205 Datasheet
119Kb / 2P
   2.6 GHz Band Pass Filter
2600AT44A0600 JOHANSON-2600AT44A0600 Datasheet
307Kb / 4P
   2.6 GHz Wideband Chip Antenna
logo
Raltron Electronics Cor...
RSF-38.912-15000-9148-TR RALTRON-RSF-38.912-15000-9148-TR Datasheet
73Kb / 1P
   For Digital Audio Broadcasting
logo
Johanson Technology Inc...
2593BP44B186 JOHANSON-2593BP44B186 Datasheet
89Kb / 2P
   2.6 GHz Band Pass Filter
logo
Skyworks Solutions Inc.
DC25-73 SKYWORKS-DC25-73 Datasheet
171Kb / 4P
   Directional Coupler 2.3-2.6 GHz
logo
Johanson Technology Inc...
2600CF15A0200 JOHANSON-2600CF15A0200 Datasheet
140Kb / 4P
   2.6 GHz Directional Coupler / Filter Combination
2595FB16A0100 JOHANSON-2595FB16A0100 Datasheet
207Kb / 2P
   2.6 GHz 1:2 Balun/Filter Combination
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com