Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMMC-3040 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # AMMC-3040
Description  18-36 GHz Double-Balanced Mixer with Integrated LO Amplifier/Multiplier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AMMC-3040 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  AMMC-3040 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AMMC-3040 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AMMC-3040 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AMMC-3040 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AMMC-3040 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AMMC-3040 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Note: These devices are ESD sensitive. The following precautions are strongly recommended:
Ensure that an ESD approved carrier is used when dice are transported from one destination to another.
Personal grounding is to be worn at all times when handling these devices.
Agilent AMMC-3040
18-36 GHz Double-Balanced Mixer
with Integrated LO Amplifier/
Multiplier
Data Sheet
Description
The AMMC- 3040 is a broadband
Double- Balanced Mixer (DBM)
with an integrated high- gain LO
amplifier. This MMIC can be
used as either an up converter
or down converter in microwave
or millimeter wave applications.
If desired, the LO amplifier can
be biased to function as a
frequency multiplier to enable
second harmonic mixing of the
LO input. The mixer section
ofthe AMMC- 3040 is fabricated
using a suspended metal system
to create a unique, broadside-
coupled balun structure (patent
pending) to achieve exceptional
bandwidth. The MMIC provides
repeatable conversion loss
without tuning, making it highly
suitable for automated assembly
processes.
Chip Size:
2520 x 760
µm (99.2 x 29.9 mils)
Chip Size Tolerance:
± 10
µm (± 0.4 mils)
Chip Thickness:
100 ± 10
µm (4 ± 0.4 mils)
Pad Dimensions:
75 x 75
µm (3 ± 0.4 mils)
AMMC-3040 Absolute Maximum Ratings[1]
Symbol
Parameters/Conditions
Units
Min.
Max.
VD1, 2, 3, 4 Positive Drain Voltage
V
5
VG1, 2, 3, 4 Gate Voltage
V
-3.0
0.5
Idd
Total Drain Current
mA
550
Tch
Operating Channel Temp.
°C
+160
Tb
Operating Backside Temp.
°C-55
Tstg
Storage Case Temp.
°C
-65
+165
Tmax
Maximum Assembly Temp (60 sec max)
°C
+300
Note:
1. Operation in excess of any one of these conditions may result in permanent damage to this device.
Features
• High IIP3 : +23 dBm
•Wide Bandwidth
• RF: 18-36 GHz
• LO: 18-36 GHz
•IF: DC-3 GHz
• Fundamental or Sub-Harmonic
Mixing
• Up or Down Converter
• Conversion Loss: 9.5dB
• P1dB : +17 dBm
• Low LO Drive Power: + 2 dBm
• Usable to 42 GHz
Applications
• Point-to-Point Radio
• LMDS
•SATCOM


Similar Part No. - AMMC-3040

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-3040 AVAGO-AMMC-3040 Datasheet
708Kb / 6P
   Fundamental or subharmonic mixing
logo
Broadcom Corporation.
AMMC-3040 BOARDCOM-AMMC-3040 Datasheet
708Kb / 6P
   18 - 36 GHz Double-Balanced Mixer with Integrated LO Amplifier/Multiplier
More results

Similar Description - AMMC-3040

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMC-3040 BOARDCOM-AMMC-3040 Datasheet
708Kb / 6P
   18 - 36 GHz Double-Balanced Mixer with Integrated LO Amplifier/Multiplier
logo
Agilent(Hewlett-Packard...
HMMC-3040 HP-HMMC-3040 Datasheet
138Kb / 7P
   20-43 GHz Double-Balanced Mixer and LO-Amplifier
logo
Broadcom Corporation.
AMMC-3041 BOARDCOM-AMMC-3041 Datasheet
520Kb / 5P
   18 - 42 GHz Double Balanced Mixer
logo
Hittite Microwave Corpo...
HMC296MS8 HITTITE-HMC296MS8_10 Datasheet
180Kb / 6P
   LOW LO DRIVE DOUBLE-BALANCED FET MIXER, 1.1 - 1.7 GHz
HMC296MS8 HITTITE-HMC296MS8 Datasheet
187Kb / 6P
   LOW LO DRIVE DOUBLE-BALANCED FET MIXER, 1.1 - 1.7 GHz
HMC292 HITTITE-HMC292 Datasheet
167Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
HMC292 HITTITE-HMC292_09 Datasheet
212Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
HMC141 HITTITE-HMC141_09 Datasheet
224Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC142 HITTITE-HMC142 Datasheet
121Kb / 4P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC292 HITTITE-HMC292_08 Datasheet
203Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com