Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT563 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HCT563
Description  Octal D-type transparent latch; 3-state; inverting
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT563 Datasheet(HTML) 5 Page - NXP Semiconductors

  74HCT563 Datasheet HTML 1Page - NXP Semiconductors 74HCT563 Datasheet HTML 2Page - NXP Semiconductors 74HCT563 Datasheet HTML 3Page - NXP Semiconductors 74HCT563 Datasheet HTML 4Page - NXP Semiconductors 74HCT563 Datasheet HTML 5Page - NXP Semiconductors 74HCT563 Datasheet HTML 6Page - NXP Semiconductors 74HCT563 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
December 1990
5
Philips Semiconductors
Product specification
Octal D-type transparent latch; 3-state;
inverting
74HC/HCT563
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: bus driver
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH propagation delay
Dn to Qn
47
17
14
145
29
25
180
36
31
220
44
38
ns
2.0
4.5
6.0
Fig.6
tPHL/ tPLH propagation delay
LE to Qn
47
17
14
145
29
25
180
36
31
220
44
38
ns
2.0
4.5
6.0
Fig.7
tPZH/ tPZL 3-state output enable
time
OE to Qn
47
17
14
150
30
26
190
38
33
225
45
38
ns
2.0
4.5
6.0
Fig.8
tPHZ/ tPLZ 3-state output disable
time
OE to Qn
50
18
14
150
30
26
190
38
33
225
45
38
ns
2.0
4.5
6.0
Fig.8
tTHL/ tTLH output transition time
14
5
4
60
12
10
75
15
13
90
18
15
ns
2.0
4.5
6.0
Fig.6
tW
enable pulse width
HIGH
80
16
14
14
5
4
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.7
tsu
set-up time
Dn to LE
50
10
9
11
4
3
65
13
11
75
15
13
ns
2.0
4.5
6.0
Fig.9
th
hold time
Dn to LE
4
4
4
−6
−2
−2
4
4
4
4
4
4
ns
2.0
4.5
6.0
Fig.9


Similar Part No. - 74HCT563

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT564 PHILIPS-74HCT564 Datasheet
58Kb / 7P
   Octal D-type flip-flop; positive-edge trigger; 3-state; inverting
December 1990
74HCT564D PHILIPS-74HCT564D Datasheet
58Kb / 7P
   Octal D-type flip-flop; positive-edge trigger; 3-state; inverting
December 1990
74HCT564N PHILIPS-74HCT564N Datasheet
58Kb / 7P
   Octal D-type flip-flop; positive-edge trigger; 3-state; inverting
December 1990
More results

Similar Description - 74HCT563

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC563N PHILIPS-74HC563N Datasheet
67Kb / 7P
   Octal D-type transparent latch 3-state inverting
December 1990
74HC533 PHILIPS-74HC533 Datasheet
62Kb / 7P
   Octal D-type transparent latch; 3-state; inverting
December 1990
logo
Integral Corp.
IN74ACT533 INTEGRAL-IN74ACT533 Datasheet
195Kb / 5P
   OCTAL 3-STATE INVERTING TRANSPARENT LATCH
logo
KODENSHI_AUK CORP.
KK74HC533A KODENSHI-KK74HC533A Datasheet
279Kb / 7P
   Octal 3-State Inverting Transparent Latch
logo
ON Semiconductor
MC74HC373A ONSEMI-MC74HC373A Datasheet
195Kb / 8P
   Octal 3-State Non-Inverting Transparent Latch
March, 2000 ??Rev. 8
logo
Motorola, Inc
MC54-74HC373A MOTOROLA-MC54-74HC373A Datasheet
202Kb / 8P
   Octal 3-State Non-Inverting Transparent Latch
logo
ON Semiconductor
MC74HC373A ONSEMI-MC74HC373A_14 Datasheet
122Kb / 7P
   Octal 3-State Non-Inverting Transparent Latch
August, 2014 ??Rev. 15
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com