Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS548G-05 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS548G-05
Description  MP3 Audio Clock
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS548G-05 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS548G-05 Datasheet HTML 1Page - Integrated Circuit Systems ICS548G-05 Datasheet HTML 2Page - Integrated Circuit Systems ICS548G-05 Datasheet HTML 3Page - Integrated Circuit Systems ICS548G-05 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ICS548-05A
MP3 Audio Clock
MDS 548-05 AC
3
Revision 032900
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126•(408) 295-9800tel • www.icst.com
PRELIMINARY INFORMATION
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (note 1)
ABSOLUTE MAXIMUM RATINGS (note 1)
Supply voltage, VDD
Referenced to GND
7
V
Inputs and Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
0
70
°C
Soldering Temperature
Max of 10 seconds
260
°C
Storage temperature
-65
150
°C
DC CHARACTERISTICS (VDD = 3.3V unless noted)
DC CHARACTERISTICS (VDD = 3.3V unless noted)
Core Operating Voltage, VDD
2.7
5.5
V
Input High Voltage, VIH, X1/ICLK pin
Clock input only
(VDD/2)+1
VDD/2
V
Input Low Voltage, VIL, X1/ICLK pin
Clock input only
VDD/2
(VDD/2)-1
V
Input High Voltage, VIH
2
V
Input Low Voltage, VIL
0.8
V
Output High Voltage, VOH
IOH=-12mA
2.4
V
Output Low Voltage, VOL
IOL=12mA
0.4
V
Output High Voltage, VOH, CMOS level
IOH=-4mA
VDD-0.4
V
Operating Supply Current, IDD
No Load
4
mA
Power Down Supply Current, IDDPD
No Load
5
µA
Short Circuit Current
CLK output
±50
mA
Input Capacitance
S0, S1, S2, S3, PDCLK
7
pF
Frequency synthesis error
All selections
0
ppm
AC CHARACTERISTICS (VDD = 3.3V unless noted)
AC CHARACTERISTICS (VDD = 3.3V unless noted)
Input Crystal or Clock Frequency
3.6864
MHz
Output Clock Rise Time
0.8 to 2.0V
2
ns
Output Clock Fall Time
2.0 to 0.8V
2
ns
Output Clock Duty Cycle
At VDD/2
40
50
60
%
Start-up Time
VDD=3V to CLK stable
10
ms
Maximum Absolute Jitter, short term
±250
ps
One sigma jitter
70
ps
Electrical Specifications
Note:
1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged
exposure to levels above the operating limits but below the Absolute Maximums may affect device reliability.
External Components/ Application Information
The ICS548-05 requires a minimum number of external components for proper operation. A decoupling
capacitor of 0.01µF should be connected between VDD and GND on pins 3 and 5, as close to the
ICS548-05 as possible. Other VDDs can be connected to pin 3. A series termination resistor of 33
Ω may
be used for each clock output. If REFOUT is not used, then REFEN should be connected to ground. The
input crystal must be connected as close to the chip as possible. The input crystal should be fundamental
mode, parallel resonant. For exact accuracy of the output frequencies, the crystal can be tuned with two
identical capacitors to ground, as shown on the block diagram. The value of these two crystal caps should be
equal to (CL-6)*2, where CL is the crystal load (or correlation) capacitance.


Similar Part No. - ICS548G-05

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS548-03 ICST-ICS548-03 Datasheet
75Kb / 4P
   Low Skew Clock Inverter and Divider
logo
Renesas Technology Corp
ICS548-05 RENESAS-ICS548-05 Datasheet
250Kb / 8P
   T1/E1 CLOCK MULTIPLIER
091511
logo
Integrated Device Techn...
ICS548A-03 IDT-ICS548A-03 Datasheet
187Kb / 7P
   LOW SKEW CLOCK INVERTER AND DIVIDER
logo
Renesas Technology Corp
ICS548A-03 RENESAS-ICS548A-03 Datasheet
327Kb / 8P
   LOW SKEW CLOCK INVERTER AND DIVIDER
063006
logo
Integrated Device Techn...
ICS548AM-03LF IDT-ICS548AM-03LF Datasheet
187Kb / 7P
   LOW SKEW CLOCK INVERTER AND DIVIDER
More results

Similar Description - ICS548G-05

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT8401 PTC-PT8401 Datasheet
228Kb / 28P
   MP3 Audio Decoder
logo
List of Unclassifed Man...
VS1002D ETC1-VS1002D Datasheet
516Kb / 54P
   MP3 AUDIO CODEC
VS1011E ETC2-VS1011E_12 Datasheet
654Kb / 48P
   MP3 AUDIO DECODER
VS1011 ETC1-VS1011 Datasheet
420Kb / 43P
   MP3 AUDIO CODEC
VS1003 ETC-VS1003 Datasheet
456Kb / 57P
   MP3 / WMA AUDIO CODEC
logo
Princeton Technology Co...
PT8402B PTC-PT8402B_10 Datasheet
185Kb / 5P
   MP3 Audio Decoder IC
PT8402B PTC-PT8402B Datasheet
185Kb / 5P
   MP3 Audio Decoder IC
logo
VLSI Solution Oy
VS1011 VLSI-VS1011 Datasheet
600Kb / 49P
   VS1011e - MP3 AUDIO DECODER
Version: 1.23, 2017-09-08
logo
Cirrus Logic
CS7410 CIRRUS-CS7410 Datasheet
366Kb / 39P
   CD/MP3/WMA Audio Controller
logo
VLSI Solution Oy
VS1003 VLSI-VS1003 Datasheet
722Kb / 61P
   VS1003 - MP3/WMA AUDIO CODEC
Version: 1.09, 2018-03-16
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com