Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STR-A6100 Datasheet(PDF) 2 Page - Sanken electric

Part No. STR-A6100
Description  LOW POWER OFF-LINE SMPS PRIMARY SWITCHER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANKEN [Sanken electric]
Homepage  http://www.sanken-ele.co.jp/en
Logo 

STR-A6100 Datasheet(HTML) 2 Page - Sanken electric

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Sanken reserves the right to make changes without further notice to any products herein in the interest of improvements in the performance, reliability, or
manufacturability of its products. Before placing order, Sanken advises its customers to obtain the latest version of the relevant information to verify that
the information being relied upon is current.
Application and operation examples described in this document are supplementary and conditions and variation in additional parts are not considered.
When using the products herein, the applicability and suitability of such products for the intended purpose or object shall be reviewed at the users
responsibility.
Application and operation examples described in this document are quoted for the sole purpose of reference for the use of the products herein and Sanken
can assume no responsibility for any infringement of industrial property rights, intellectual property rights or any other rights of Sanken, or any third party
which may result from its use.
Although Sanken undertakes to enhance the quality and reliability of its products, the occurrence of failure and defect of semiconductor products at a
certain rate is inevitable. Users of Sanken products are requested to take, at their own risk, preventative measures including safety design of the
equipment or systems against any possible injury, death, fires or damages to society die to device failure or malfunction.
This publication shall not be reproduced in whole or in part without prior written approval form Sanken.
+
+
+
+
+
+5V/1A
GND
C12
10V
220
µF
50V
0.1
µF
10V
470
µF
L2
27k
1.5k
220
100k
27k
R14
R12
R11
R15
C13
PC1
PC123
IC2
TL431
D11
SFPB-76
C11
R91
C91
C2
400V
22
µF
1000pF
630V
4700pF
D91
EG01C
D1
L1
F1
C1
AC85
∼264V
8
12
3
4
75
EG01Z
D
OCP
FB
GND
VCC
D
Start up
IC1
STR-A6159
D2
C4
35V
22
µF
50V
2.2
µF
2.2
R3
RD5.1 D3
C5
C3
50V
PC1
T1
EI-16
2200pF
250V
C99
■ Design example (STR-A6159)
■ Electrical Characteristics of the above power supply design
STR-A6100 Series
CAUTION / WARNING
Tokyo Office
1-11-1 Nishi-Ikebukuro, Toshima-ku, Tokyo, JAPAN
PHONE: +81-3-3986-6164
FAX: +81-3-3986-8637
Overseas Sales Offices
Asia
Sanken Electric Singapore Pte. Ltd.
PHONE: +65-291-4755
FAX: +65-297-1744
150 Beach Road, #14-03 The Gateway West, Singapore 0718
Sanken Electric Hong Kong Co., Ltd.
PHONE: +852-2735-5262
FAX: +852-2735-5494
1018 Ocean Centre, Canton Road, Kowloon, Hong Kong
Sanken Electric Korea Co., Ltd.
PHONE: +82-2-714-3700
FAX: +82-2-3272-2145
SK Life Bldg. 6F, 168 Kongduk-dong, Mapo-ku, Seoul, 121-705, Korea
North America Allegro MicroSystems,Inc.
PHONE: (508)-853-5000
FAX: (508)-853-7861
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615, U.S.A.
Europe
Allegro MicroSystems, Europe Limited.
PHONE: 01932-253355
FAX: 01932-246622
Balfour House, Churchfield Road, Walton-on-Thames, Surrey KT12 2TD, U.K.
H2-I23EA0-0401010TA
PC123
(5W Universal input-single output power supply)
100
90
80
70
60
50
40
30
20
10
0
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
0.0
0.2
0.4
0.0
0.1
0.2
0.3
0.4
0.6
0.8
1.0
AC85V
AC110V
AC220V
AC264V
AC85V
AC110V
AC220V
AC264V
Output Current IO (A)
Efficiency
η vs Output Current IO
Output Power PO (W)
Input Power Pin vs Output Power PO


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn