Electronic Components Datasheet Search
English ▼
English
Chinese
German
Japanese
Russian
Korean
Spanish
French
Italian
Portuguese
Polish
Vietnamese
Delete All
ON
OFF
ALLDATASHEET.COM
Part No.
Description
Marking
X
Match&Start
Match
Start with
End
Included
All Manufacturers
Preview
PDF
Download
HTML
MCA11G1 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers
Part No.
MCA11G1
Description
HIGH
VOLTAGE
PHOTODARLINGTON
OPTOCOUPLERS
Download
4 Pages
Scroll/Zoom
100%
Maker
ETC1 [List of Unclassifed Manufacturers]
Homepage
Logo
MCA11G1 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers
zoom in
zoom out
3
/ 4 page
Html Pages
1
2
3
4
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
H11G1
HIGH
VOLTAGE
PHOTODARLINGTON
OPTOCOUPLERS
1
2
3
4
5
More
Fairchild Semiconductor
SFH692AT
Photodarlington
Optocoupler
High
BVCEO
Voltage
Miniflat
SOP
Package
1
2
3
4
5
Vishay Siliconix
H11G1
HIGH
VOLTAGE
PHOTODARLINGTON
OPTOCOUPERS
1
2
3
4
QT Optoelectronics
FOD0708
Optocouplers
consist
of
an
AlGaAs
LED
optically
coupled
to
a
high
speed
trans-impedance
amplifier
and
voltage
comparator
1
2
3
4
5
More
Fairchild Semiconductor
H11D1
HIGH
VOLTAGE
PHOTOTRANSISTOR
OPTOCOUPLERS
1
2
3
4
5
More
Fairchild Semiconductor
66004
40kV
HIGH
VOLTAGE
ISOLATOR
WITH
PHOTOTRANSISTOR
or
PHOTODARLINGTON
OUTPUT
CERAMIC
PACKAGE
1
2
Micropac Industries
66005
16kV
HIGH
VOLTAGE
ISOLATOR
WITH
PHOTOTRANSISTOR
or
PHOTODARLINGTON
OUTPUT
CERAMIC
PACKAGE
1
2
Micropac Industries
APT30M90AVR
Power
MOS
V
is
a
new
generation
of
high
voltage
N-Channel
enhancement
mode
power
MOSFETs.
1
2
3
4
Advanced Power Technology
APT40M35PVR
Power
MOS
V
is
a
new
generation
of
high
voltage
N-Channel
enhancement
mode
power
MOSFETs.
1
2
Advanced Power Technology
APT5010JVFR
Power
MOS
V
is
a
new
generation
of
high
voltage
N-Channel
enhancement
mode
power
MOSFETs.
1
2
3
4
Advanced Power Technology
Link URL
English
中国语
한국어
français
español
日本語
Deutsch
italiano
русский
polski
português
Tiếng việt
Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Datasheet Upload
|
Contact us
|
Privacy Policy
|
Alldatasheet API
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
Mirror Sites
English :
Alldatasheet.com
| English :
Alldatasheet.net
| Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
Russian :
Alldatasheetru.com
| Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl
| Vietnamese :
Alldatasheet.vn