Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3060-S Datasheet(PDF) 1 Page - NEC

Part # 2SK3060-S
Description  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3060-S Datasheet(HTML) 1 Page - NEC

  2SK3060-S Datasheet HTML 1Page - NEC 2SK3060-S Datasheet HTML 2Page - NEC 2SK3060-S Datasheet HTML 3Page - NEC 2SK3060-S Datasheet HTML 4Page - NEC 2SK3060-S Datasheet HTML 5Page - NEC 2SK3060-S Datasheet HTML 6Page - NEC 2SK3060-S Datasheet HTML 7Page - NEC 2SK3060-S Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1997,2000
MOS FIELD EFFECT TRANSISTOR
2SK3060
SWITCHING
N-CHANNEL POWER MOS FET
INDUSTRIAL USE
DATA SHEET
Document No.
D13099EJ3V0DS00 (3rd edition)
Date Published
April 2001 NS CP(K)
Printed in Japan
DESCRIPTION
The 2SK3060 is N-Channel MOS Field Effect Transistor
designed for high current switching applications.
FEATURES
• Low on-state resistance
RDS(on)1 = 13 m
Ω MAX. (VGS = 10 V, ID = 35 A)
RDS(on)2 = 20 m
Ω MAX. (VGS = 4.0 V, ID = 35 A)
• Low Ciss: Ciss = 2400 pF TYP.
• Built-in gate protection diode
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C)
Drain to Source Voltage (VGS = 0 V)
VDSS
60
V
Gate to Source Voltage (VDS = 0 V)
VGSS(AC)
±20
V
Gate to Source Voltage (VDS = 0 V)
VGSS(DC)
+20,
−10
V
Drain Current (DC)
ID(DC)
±70
A
Drain Current (Pulse)
Note1
ID(pulse)
±210
A
Total Power Dissipation (TC = 25°C)
PT
70
W
Total Power Dissipation (TA = 25°C)
PT
1.5
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Single Avalanche Current
Note2
IAS
35
A
Single Avalanche Energy
Note2
EAS
122.5
mJ
Notes 1. PW
≤ 10
µs, Duty cycle ≤ 1%
2. Starting Tch = 25°C, VDD = 30 V, RG = 25
Ω, VGS = 20 V
→ 0 V
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SK3060
TO-220AB
2SK3060-S
TO-262
2SK3060-ZJ
TO-263
2SK3060-Z
TO-220SMD
Note
Note This package is produced only in Japan.
(TO-220AB)
(TO-262)
(TO-263, TO-220SMD)
The mark 5 shows major revised points.
5


Similar Part No. - 2SK3060-S

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK3060-S ISC-2SK3060-S Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3060-S RENESAS-2SK3060-S Datasheet
249Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

Similar Description - 2SK3060-S

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com