Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP1-H-24V Datasheet(PDF) 4 Page - Nais(Matsushita Electric Works)

Part # RP1-H-24V
Description  LOW PROFILE HIGH FREQUENCY RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

RP1-H-24V Datasheet(HTML) 4 Page - Nais(Matsushita Electric Works)

  RP1-H-24V Datasheet HTML 1Page - Nais(Matsushita Electric Works) RP1-H-24V Datasheet HTML 2Page - Nais(Matsushita Electric Works) RP1-H-24V Datasheet HTML 3Page - Nais(Matsushita Electric Works) RP1-H-24V Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
96
RP
NOTES
T1
T2
T1
T2
0.2s
0.2s
1.5s
1.5s
OFF
Trans-
mission
Dummy load (50
Ω)
WD-2351
Transmission: RF Tranceiver
IC-1201 (ICOH)
ON
RP relay
Orientation (indicates PIN No. 1) stripe
Stopper (green)
A
CB
• Direction A • Direction B • Direction C
mm inch
54
6
23
3
.118
6
.236
1
1
2
3
(4)
(5)
(6)
9. High frequency switching test (1.2 GHz, 1 W)
Sample: RP1-6V; No. of samples: n = 6
Ambient temperature: 20°C 68°F
• Change of pick-up/drop-out voltage
• Change of contact resistance
2
4
6
8
10
12
15
10
5
0
Max.
Max.
Min.
Min.
No. of operations,
×104
Pick-up voltage
Drop-out voltage
20
40
60
80
100
120
15
10
5
0
Max.
Min.
No. of operations,
×104
1. Packing direction
Relays are packed in a tube with the ori-
entation stripe (PIN NO. 1) toward the
green stopper.
2. Automatic mounting
To maintain the internal function of the
relay, the chucking pressure should
not exceed the values below.
Chucking pressure* in the direction A:
4.9 N {500 gf} or less
Chucking pressure* in the direction B:
9.8 N {1 kgf} or less
Chucking pressure* in the direction C:
9.8 N {1 kgf} or less
Please chuck the
portion.
Avoid chucking the center of the relay. In
addition, excessive chucking pressure to
the pinpoint of the relay should be avoid-
ed.
3. Soldering
Preheat according to the following condi-
tions.
Soldering should be done at 250°C
482°F within 5 s.
Temperature
100°C 212°F or less
Time
Within 1 minute
*Value of chucking pressure is shown by the value of weight
pressed on the portion (4 mm .157 inch dia.).
For Cautions for Use, see Relay Technical Information (Page 48 to 76).
9/1/2000
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog


Similar Part No. - RP1-H-24V

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-11005DRAW RECOM-RP10-11005DRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP10-11005SRAW RECOM-RP10-11005SRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP10-11012DRAW RECOM-RP10-11012DRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP10-11012SRAW RECOM-RP10-11012SRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP10-11015DRAW RECOM-RP10-11015DRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
More results

Similar Description - RP1-H-24V

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6Y OMRON-G6Y Datasheet
595Kb / 8P
   High Frequency Relay
G6W-1P OMRON-G6W-1P Datasheet
250Kb / 8P
   High-frequency Relay
G6K-RF OMRON-G6K-RF Datasheet
468Kb / 8P
   High Frequency Relay
G6W OMRON-G6W Datasheet
852Kb / 10P
   High-frequency Relay
G6Z OMRON-G6Z Datasheet
1Mb / 18P
   High-frequency Relay
G2RL-24-CF-DC24 OMRON-G2RL-24-CF-DC24 Datasheet
182Kb / 6P
   High Capacity, Low Profile Relay
logo
Cooper Bussmann, Inc.
FP0805R1-R03-R COOPER-FP0805R1-R03-R Datasheet
448Kb / 4P
   High Current, High Frequency, Low-Profile Power Inductors
logo
Tyco Electronics
PCD MACOM-PCD Datasheet
139Kb / 2P
   Low Profile PCB Relay
logo
Vishay Siliconix
IHLP-1616BZ-0H VISHAY-IHLP-1616BZ-0H Datasheet
203Kb / 4P
   High Frequency, Low Profile, High Current IHLP Inductor
Revision: 26-Sep-17
logo
Cooper Bussmann, Inc.
FP1005R1-R08-R COOPER-FP1005R1-R08-R Datasheet
439Kb / 4P
   High Current, High Frequency, Low-Profile Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com