Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC241 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HC241
Description  Octal buffer/line driver; 3-state
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC241 Datasheet(HTML) 7 Page - NXP Semiconductors

  74HC241 Datasheet HTML 1Page - NXP Semiconductors 74HC241 Datasheet HTML 2Page - NXP Semiconductors 74HC241 Datasheet HTML 3Page - NXP Semiconductors 74HC241 Datasheet HTML 4Page - NXP Semiconductors 74HC241 Datasheet HTML 5Page - NXP Semiconductors 74HC241 Datasheet HTML 6Page - NXP Semiconductors 74HC241 Datasheet HTML 7Page - NXP Semiconductors 74HC241 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
September 1993
7
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
74HC/HCT241
AC WAVEFORMS
Fig.5
Waveforms showing the input (1An, 2An) to output (1Yn, 2Yn) propagation delays and the output transition
times.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.6 Waveform showing the 3-state enable and disable times for input 1OE.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.7 Waveform showing the 3-state enable and disable times for input 2OE.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.


Similar Part No. - 74HC241

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
74HC241 SS-74HC241 Datasheet
398Kb / 6P
   High Speed CMOS Logic
Rev 1.0 30/11/21
logo
Nexperia B.V. All right...
74HC241 NEXPERIA-74HC241 Datasheet
246Kb / 13P
   Octal buffer/line driver; 3-state
Rev. 4 - 15 July 2021
74HC241D NEXPERIA-74HC241D Datasheet
246Kb / 13P
   Octal buffer/line driver; 3-state
Rev. 4 - 15 July 2021
74HC241PW NEXPERIA-74HC241PW Datasheet
246Kb / 13P
   Octal buffer/line driver; 3-state
Rev. 4 - 15 July 2021
More results

Similar Description - 74HC241

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com