Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

74HC20D Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. 74HC20D
Description  Dual 4-input NAND gate
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

74HC20D Datasheet(HTML) 5 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
December 1990
5
Philips Semiconductors
Product specification
Dual 4-input NAND gate
74HC/HCT20
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: SSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL =50pF
SYMBOL
PARAMETER
Tamb (°C)
TEST CONDITIONS
74HC
UNIT
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
nA, nB, nC, nD to nY
28
10
8
90
18
15
115
23
20
135
27
23
ns
2.0
4.5
6.0
Fig.7
tTHL/ tTLH
output transition time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Fig.7


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HD14012BDual 4-input NAND Gate 1 2 3 4 5 MoreHitachi Semiconductor
74LVQ20DUAL 4-INPUT NAND GATE 1 2 3 4 5 MoreSTMicroelectronics
IN74AC20DUAL 4-INPUT NAND GATE High-Speed Silicon-Gate CMOS 1 2 3 4 Integral Corp.
54AC20Dual 4-Input NAND Gate 1 2 3 4 5 MoreNational Semiconductor (TI)
74ABT20Dual 4-input NAND gate 1 2 3 NXP Semiconductors
HEF4012BDual 4-input NAND gate 1 2 3 NXP Semiconductors
CD74HC20High Speed CMOS Logic Dual 4-Input NAND Gate 1 2 3 4 5 MoreTexas Instruments
ACTS20MSRadiation Hardened Dual 4-Input NAND Gate 1 Intersil Corporation
MC74AC20Dual 4-Input NAND Gate 1 2 3 4 5 Motorola, Inc
MM74HC20Dual 4-Input NAND Gate 1 2 3 4 National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn