Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIM5-4815D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SIM5-4815D
Description  3 Watt Small-Input-Ranging Compact-Serie
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SIM5-4815D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SIM5-4815D Datasheet HTML 1Page - List of Unclassifed Manufacturers SIM5-4815D Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HN Electronic Components GmbH • Birkenweiherstr. 16 • D-63505 Langenselbold
Tel. (06184) 92780 • Fax (06184) 62316 • http://www.hn-electronic.de
1
SIM 5 DC Power Package
3 Watt Small-Input-Ranging Compact-Serie
Besondere Merkmale
Features
24-Pin DIL Gehäuse
24-pin DIL package
Hoher Wirkungsgrad
High efficiency
PI-Filter
PI filter
Kurzschlußfest (kurzzeitig)
Short circuit protection (short term)
Metallgehäuse
Metal case
Anwendung
Application
Telekommunikation
Telecommunication
Rechnersysteme
Computer applications
MSR
Control equipments
Mikroprozessorsysteme
Microprocessor systems
Technische Daten
Specification
(bei 25°C Umgebungstemperatur)
(at 25°C ambient temperature)
Eingangsdaten
Input Specifications
Eingangsspannung
Input voltages
5V / 12 / 24 / 48 VDC, ±10%
Eingangsfilter
Input filter
PI-Version
Ausgangsdaten
Output Specifications
Leistung
Power
3 Watt
Wirkungsgrad
Efficiency
typ. 65%
Last
Load
±0.5% (±1% Dual)
Eingang
Line
±0.3% (±1% Dual)
Restwelligkeit
Ripple and noise
50mV max.
Allgemeine Daten
General Specifications
Betriebstemperatur
Operating temp.
-20°C…
+71°C
Lagertemperatur
Storage temperature
−25°C…+125°C
Temperaturkoeffizient
Temp. coefficient
typ. 0,03% / K
Isolationsspannung
Isolation voltage
500 VDC min. (3 kVDC auf Anfrage)
MTBF
MTBF
>200,000h
3 W
DC/DC SIM
MODUL


Similar Part No. - SIM5-4815D

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
SIM5 NJSEMI-SIM5 Datasheet
61Kb / 1P
   Microwave Diodes
logo
List of Unclassifed Man...
SIM508 ETC1-SIM508 Datasheet
2Mb / 12P
   Wireless Module Solutions
SIM508C ETC1-SIM508C Datasheet
2Mb / 12P
   Wireless Module Solutions
SIM5210 ETC1-SIM5210 Datasheet
2Mb / 12P
   Wireless Module Solutions
SIM5212 ETC1-SIM5212 Datasheet
2Mb / 12P
   Wireless Module Solutions
More results

Similar Description - SIM5-4815D

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPS150 EMERSON-NETWORKPOWER-LPS150 Datasheet
746Kb / 2P
   Auto ranging input
logo
RSG Electronic Componen...
HSU160-10 RSG-HSU160-10 Datasheet
198Kb / 2P
   AUTO-RANGING AC INPUT
logo
Total Power Internation...
TPSU160 TOTAL-POWER-TPSU160 Datasheet
287Kb / 2P
   AUTO-RANGING AC INPUT
logo
List of Unclassifed Man...
SIM1-0505S-DIL8 ETC1-SIM1-0505S-DIL8 Datasheet
64Kb / 2P
   1 Watt Ultra-Miniatur DIL-Modul-Serie
SIM1 ETC-SIM1 Datasheet
62Kb / 2P
   1 Watt Ultra-Miniatur SIL-Modul-Serie
logo
Phihong USA Inc.
PSC18U-480 PHIHONG-PSC18U-480_14 Datasheet
146Kb / 2P
   18 Watt Universal 3-Wire Input Adapter
PSC75U-560 PHIHONG-PSC75U-560 Datasheet
120Kb / 2P
   75 Watt Universal 3-Wire Input Adapter
PSAC60M-120 PHIHONG-PSAC60M-120_17 Datasheet
89Kb / 3P
   60 Watt Universal 3-Wire Input Adapter
logo
RSG Electronic Componen...
EC3AB11 RSG-EC3AB11 Datasheet
766Kb / 1P
   3 WATT WIDE INPUT DC-DC CONVERTERS
logo
Phihong USA Inc.
PSAA60M-120 PHIHONG-PSAA60M-120 Datasheet
153Kb / 2P
   60 Watt Universal 3-Wire Input Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com