Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ2SS-L2-5V-Z Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # TQ2SS-L2-5V-Z
Description  LOW-PROFILE SURFACE-MOUNT RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

TQ2SS-L2-5V-Z Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  TQ2SS-L2-5V-Z Datasheet HTML 1Page - Nais(Matsushita Electric Works) TQ2SS-L2-5V-Z Datasheet HTML 2Page - Nais(Matsushita Electric Works) TQ2SS-L2-5V-Z Datasheet HTML 3Page - Nais(Matsushita Electric Works) TQ2SS-L2-5V-Z Datasheet HTML 4Page - Nais(Matsushita Electric Works) TQ2SS-L2-5V-Z Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
140
TQ-SMD
RELAYS
LOW-PROFILE
SURFACE-MOUNT RELAY
TESTING
mm inch
5.6
.220
9
.354
14
.551
FEATURES
• Low-profile: 6 mm .236 inch in height comforming to EIA standards
(Tape height: max. 6.5 mm .256 inch )
• Tape and reel package is available as standard packing style
• Surge withstand between contacts and coil: 2,500 V
• Breakdown voltage between contacts and coil: 1,500 V
• High capacity: 2 A
• High sensitivity:
2 Form C; 140 mW power consumption (Single side stable type)
SPECIFICATIONS
Contact
Note:
f1This value can change due to the switching frequency, environmental conditions,
and desired reliability level, therefore it is recommended to check this with the ac-
tual load.
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 Measurement at same location as "Initial breakdown voltage" section.
*2 By resistive method, nominal voltage applied to the coil; contact carrying current:
2 A.
*3 Nominal voltage applied to the coil, excluding contact bounce time.
*4 Nominal voltage applied to the coil, excluding contact bounce time without diode.
*5 Half-wave pulse of sine wave: 6 ms; detection time: 10
µs
*6 Half-wave pulse of sine wave: 6 ms
*7 Detection time: 10
µs
*8 Refer to 4. Conditions for operation, transport and storage mentioned in Cautions
for use (Page 178).
Characteristics
Arrangement
2 Form C
Initial contact resistance, max.
(By voltage drop 6 V DC 1 A)
75 m
Contact material
Gold-clad silver alloy
Rating
Nominal switching capacity
(resistive load)
2 A 30 V DC,
0.5 A 125 V AC
Max. switching power
(resistive load)
60 W, 62.5 VA
Max. switching voltage
220 V DC, 125 V AC
Max. switching current
2 A
Min. switching capacity f1
10
µA 10 mV DC
Nominal
operating
power
Single side stable
140 mW (1.5 to 12 V DC)
200 mW (24 V DC)
300 mW (48 V DC)
1 coil latching
70 mW (1.5 to 12 V DC)
100 mW (24 V DC)
2 coil latching
140 mW (1.5 to 12 V DC)
200 mW (24 V DC)
Expected
life (min.
operations)
Mechanical (at 180 cpm)
108
Electrical
(at 20 cpm)
2 A 30 V DC
resistive
105
1 A 30 V DC
resistive
2
×105
0.5 A 125 V AC
resistive
105
Initial insulation resistance*1
Min. 1,000 M
Ω (at 500 V DC)
Initial
breakdown
voltage
Between open
contacts
1,000 Vrms for 1 min.
(Detection current: 10 mA)
Between contact sets
1,500 Vrms for 1 min.
(Detection current: 10 mA)
Between contact and
coil
1,500 Vrms for 1 min.
(Detection current: 10 mA)
Initial surge
voltage
Between open
contacts
(10
×160 µs)
1,500 V (FCC Part 68)
Between contacts and
coil (2
×10 µs)
2,500 V (Bellcore)
Temperature rise*2 (at 20
°C)
Max. 50
°C
Operate time [Set time]*3 (at 20
°C)
Max. 4 ms (Approx. 2 ms)
[Max. 4 ms (Approx. 2 ms)]
Release time [Reset time]*4
(at 20
°C)
Max. 4 ms (Approx. 1 ms)
[Max. 4 ms (Approx. 2 ms)]
Shock resistance
Functional*5
Min. 750 m/s2 {75 G}
Destructive*6
Min. 1,000 m/s2 {100 G}
Vibration resistance
Functional*7
200 m/s2 {20G}, 10 to 55 Hz
at double amplitude of 3.3 mm
Destructive
294 m/s2 {30G}, 10 to 55 Hz
at double amplitude of 5 mm
Conditions for oper-
ation, transport and
storage*8 (Not freez-
ing and condensing
at low temperature)
Ambient
temperature
–40
°C to +85°C*3
–40
°F to +185°F
Humidity
5 to 85% R.H.
Unit weight
Approx. 2 g .071 oz


Similar Part No. - TQ2SS-L2-5V-Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TQ2S-1.5V PANASONIC-TQ2S-1.5V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant
TQ2S-1.5V-Z PANASONIC-TQ2S-1.5V-Z Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant
TQ2S-12V PANASONIC-TQ2S-12V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant
TQ2S-12V-Z PANASONIC-TQ2S-12V-Z Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant
TQ2S-24V PANASONIC-TQ2S-24V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant
More results

Similar Description - TQ2SS-L2-5V-Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
TQ-SMD PANASONICBATTERY-TQ-SMD Datasheet
141Kb / 5P
   LOW-PROFILE SURFACE-MOUNT RELAY
logo
Omron Electronics LLC
G6H-2F OMRON-G6H-2F Datasheet
131Kb / 4P
   Low Profile, Miniature, Surface Mount Relay
logo
Abracon Corporation
ABLSX ABRACON-ABLSX Datasheet
544Kb / 1P
   LOW PROFILE SURFACE MOUNT
logo
Sangdest Microelectroni...
TPK07KPXX SMC-TPK07KPXX Datasheet
209Kb / 5P
   Low profile surface mount
logo
Bi technologies
HM77 BITECH-HM77 Datasheet
651Kb / 2P
   Low Profile Surface Mount Inductors
logo
TT Electronics.
HM77 TTELEC-HM77 Datasheet
897Kb / 2P
   Low Profile Surface Mount Inductors
logo
Bi technologies
HM77 BITECH-HM77_15 Datasheet
883Kb / 2P
   Low Profile Surface Mount Inductors
logo
Advanced Crystal Techno...
ACT9300 ACT-ACT9300 Datasheet
140Kb / 2P
   miniature low profile Surface Mount
29/07/2006
logo
ALPS ELECTRIC CO.,LTD.
SKSH ALPS-SKSH Datasheet
779Kb / 3P
   Low-profile (Surface Mount Type)
logo
Kemet Corporation
T491 KEMET-T491 Datasheet
402Kb / 20P
   LOW PROFILE SURFACE MOUNT CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com