Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFCT-5205B Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HFCT-5205B
Description  SC Duplex Single Mode Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFCT-5205B Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HFCT-5205B Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFCT-5205B Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFCT-5205B Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFCT-5205B Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFCT-5205B Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFCT-5205B Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFCT-5205B Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFCT-5205B Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFCT-5205B Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Receiver Section
(Ambient Operating Temperature VCC = 4.75V to 5.25V)
Notes:
6.
Minimum sensitivity and saturation levels for a 223-1 PRBS with 72 ones and 72 zeros inserted. (ITU-T recommendation G.958).
7.
The current excludes the output load current.
8.
These outputs are compatible with 10K, 10KH and 100K ECL and PECL outputs.
Parameter
Symbol
Minimum
Typical Maximum
Units
Notes
Receiver Sensitivity
-
-
-
-31
dBm
6
Maximum Input Power
-
-8
-
-
dBm
-
Signal Detect - Asserted
PA
PD +0.5
-
-31
dBm avg. -
Signal Detect - Deasserted
PD
-45
-
-
dBm avg. -
Signal Detect - Hysteresis HFCT-5205B/D
PA - PD
0.5
-
4.0
dB
-
Signal Detect - Hysteresis HFCT-5205A/C
PA - PD
0.5
-
5.0
dB
-
Power Supply Current
ICC
-80
100
mA
7
Data Output Voltage - Low
VOL - VCC
-2.0
-
-1.58
V
8
Data Output Voltage - High
VOH - VCC
-1.1
-
-0.74
V
8
Signal Detect Output Voltage - Low
VOL - VCC
-2.0
-
-1.58
V
8
Signal Detect Output Voltage - High
VOH - VCC
-1.1
-
-0.74
V
8


Similar Part No. - HFCT-5205B

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFCT-5208A HP-HFCT-5208A Datasheet
520Kb / 21P
   Agilent HFBR/HFCT-5208M 1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
logo
AVAGO TECHNOLOGIES LIMI...
HFCT-5208AEM AVAGO-HFCT-5208AEM Datasheet
412Kb / 20P
   1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
logo
Agilent(Hewlett-Packard...
HFCT-5208AEM HP-HFCT-5208AEM Datasheet
520Kb / 21P
   Agilent HFBR/HFCT-5208M 1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
logo
AVAGO TECHNOLOGIES LIMI...
HFCT-5208AFM AVAGO-HFCT-5208AFM Datasheet
412Kb / 20P
   1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
logo
Agilent(Hewlett-Packard...
HFCT-5208AFM HP-HFCT-5208AFM Datasheet
520Kb / 21P
   Agilent HFBR/HFCT-5208M 1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
More results

Similar Description - HFCT-5205B

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5179BZ AVAGO-AFCT-5179BZ_15 Datasheet
345Kb / 8P
   SC Duplex Single Mode Transceiver
logo
Agilent(Hewlett-Packard...
HFCT-5103B HP-HFCT-5103B Datasheet
180Kb / 8P
   SC Duplex Single Mode Transceiver
logo
Pasternack Enterprises,...
PE300509-1 PASTERNACK-PE300509-1 Datasheet
119Kb / 1P
   CABLE ASSEMBLY SC SINGLE MODE DUPLEX TO SC SINGLE MODE & MULTI MODE DUPLEX MODE CONDITIONING
PE300008-1 PASTERNACK-PE300008-1 Datasheet
282Kb / 1P
   CABLE ASSEMBLY SC TO SC DUPLEX SINGLE MODE
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5179AZ AVAGO-AFCT-5179AZ Datasheet
345Kb / 8P
   SC Duplex Single Mode Transceiver Multisourced 1 x 9 pin configuration
logo
Pasternack Enterprises,...
PE300533-2 PASTERNACK-PE300533-2 Datasheet
121Kb / 1P
   CABLE ASSEMBLY SC SINGLE MODE DUPLEX TO LC SINGLE MODE & MULTI MODE DUPLEX , MODE CONDITIONING
PE300533-1 PASTERNACK-PE300533-1 Datasheet
121Kb / 1P
   CABLE ASSEMBLY SC SINGLE MODE DUPLEX TO
logo
List of Unclassifed Man...
OC-3 ETC2-OC-3 Datasheet
440Kb / 10P
   1310 nm Single-mode Transceiver (S1.1) 1x9, SC Duplex Connector, 3.3 V
logo
Pasternack Enterprises,...
PE300408-1 PASTERNACK-PE300408-1 Datasheet
108Kb / 1P
   CABLE ASSEMBLY SC APC TO SC APC DUPLEX SINGLE MODE
PE300408-3 PASTERNACK-PE300408-3 Datasheet
108Kb / 1P
   CABLE ASSEMBLY SC APC TO SC APC DUPLEX SINGLE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com