Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ2SS-L2-5V Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # TQ2SS-L2-5V
Description  LOW-PROFILE SURFACE-MOUNT RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

TQ2SS-L2-5V Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  TQ2SS-L2-5V Datasheet HTML 1Page - Nais(Matsushita Electric Works) TQ2SS-L2-5V Datasheet HTML 2Page - Nais(Matsushita Electric Works) TQ2SS-L2-5V Datasheet HTML 3Page - Nais(Matsushita Electric Works) TQ2SS-L2-5V Datasheet HTML 4Page - Nais(Matsushita Electric Works) TQ2SS-L2-5V Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TQ-SMD
142
3. 2 coil latching
r: For each surface-mounted terminal variation, input the following letter.
SA type: A, SL type: L, SS type: S
Notes: 1. Specified value of the pick-up, drop-out, set and reset voltage is with the condition of square wave coil pulse.
2. Standard packing: Tube: 50 pcs.; Case; 1,000 pcs.; Tape and reel: 500 pcs./reel
3. In case of 5 V transistor drive circuit, it is recommended to use 4.5 V type relay.
Part No.
Nominal
voltage,
V DC
Set voltage,
V DC (max.)
Reset voltage,
V DC (max.)
Nominal
operating
current,
mA (
±10%)
Coil resistance,
Ω (±10%)
Nominal
operating power,
mW
Max. allowable
voltage,
V DC
TQ2Sr-L2-1.5 V
1.5
1.13
1.13
93.8
16
140
2.2
TQ2Sr-L2-3 V
3
2.25
2.25
46.7
64.3
140
4.5
TQ2Sr-L2-4.5 V
4.5
3.38
3.38
31
145
140
6.7
TQ2Sr-L2-5 V
5
3.75
3.75
28.1
178
140
7.5
TQ2Sr-L2-6 V
6
4.5
4.5
23.3
257
140
9
TQ2Sr-L2-9 V
9
6.75
6.75
15.5
579
140
13.5
TQ2Sr-L2-12 V
12
9
9
11.7
1,028
140
18
TQ2Sr-L2-24 V
24
18
18
8.3
2,880
200
36
DIMENSIONS
SA type
SL type
SS type
mm inch
General tolerance:
±0.3 ±.012
7.62
.300
11.5
±0.5
.453
±.020
4.9
.193
9
.354
0.25
.010
0.2
.008
5.6
.220
0.5
.020
2.54
.100
14
.551
7.62
.300
11.5
±0.5
.453
±.020
4.9
.193
9
.354
0.25
.010
Max.
7.5
.295
0.5
.020
2.54
.100
14
.551
7.62
.300
9.3
±0.5
±.020
4.9
.193
9
.354
0.25
.010
Max.
7.5
.295
0.5
.020
2.54
.100
14
.551
Recommendable mounting pad
(Top view)
SA type
SL type
SS type
Tolerance:
±0.1 ±.004
2
.079
0.3
.012
2.94
.116
1
.039
2.54
.100
14
.551
9.56
.376
For glue-pad
2.94
.116
1
.039
2.54
.100
9.56
.376
1.84
.072
1
.039
2.54
.100
8.46
.333
Schematic (Top view)
•Single side stable (Deenergized condition)
*Orientation stripe located on top of relay.
•1-coil latching (Reset condition)
*Orientation stripe located on top of relay.
•2-coil latching (Reset condition)
*Orientation stripe located on top of relay.
10
Direction indication*
9
876
12
345
+
+
10
Direction indication*
9
876
12
345
+
+−
10
Direction indication*
9
876
12
345
REFERENCE DATA
1. Maximum switching capacity
2. Life curve
3. Mechanical life (mounting by IRS method)
Tested sample: TQ2SA-12V, 10 pcs.
0.2
0.3
0.4
0.5
1.0
2.0
3.0
20 30
50
100
200 300
0
Contact voltage, V
DC resistive load
AC resistive load
1.0
2.0
100
50
30
20
10
0
Switching current, A
125V AC
resistive load
30V DC
resistive load
0
10
100
10,000
1,000
IRS
Max.
Max.
Min.
Min.
20
30
40
50
60
70
80
90
100
10
1
No. of operations,
×104
Pick-up voltage
Drop-out voltage


Similar Part No. - TQ2SS-L2-5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TQ2S-1.5V PANASONIC-TQ2S-1.5V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant
TQ2S-1.5V-Z PANASONIC-TQ2S-1.5V-Z Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant
TQ2S-12V PANASONIC-TQ2S-12V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant
TQ2S-12V-Z PANASONIC-TQ2S-12V-Z Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant
TQ2S-24V PANASONIC-TQ2S-24V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant
More results

Similar Description - TQ2SS-L2-5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
TQ-SMD PANASONICBATTERY-TQ-SMD Datasheet
141Kb / 5P
   LOW-PROFILE SURFACE-MOUNT RELAY
logo
Omron Electronics LLC
G6H-2F OMRON-G6H-2F Datasheet
131Kb / 4P
   Low Profile, Miniature, Surface Mount Relay
logo
Abracon Corporation
ABLSX ABRACON-ABLSX Datasheet
544Kb / 1P
   LOW PROFILE SURFACE MOUNT
logo
Sangdest Microelectroni...
TPK07KPXX SMC-TPK07KPXX Datasheet
209Kb / 5P
   Low profile surface mount
logo
Bi technologies
HM77 BITECH-HM77 Datasheet
651Kb / 2P
   Low Profile Surface Mount Inductors
logo
TT Electronics.
HM77 TTELEC-HM77 Datasheet
897Kb / 2P
   Low Profile Surface Mount Inductors
logo
Bi technologies
HM77 BITECH-HM77_15 Datasheet
883Kb / 2P
   Low Profile Surface Mount Inductors
logo
Advanced Crystal Techno...
ACT9300 ACT-ACT9300 Datasheet
140Kb / 2P
   miniature low profile Surface Mount
29/07/2006
logo
ALPS ELECTRIC CO.,LTD.
SKSH ALPS-SKSH Datasheet
779Kb / 3P
   Low-profile (Surface Mount Type)
logo
Kemet Corporation
T491 KEMET-T491 Datasheet
402Kb / 20P
   LOW PROFILE SURFACE MOUNT CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com