Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2DL818 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY2DL818
Description  1:8 Clock Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DL818 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY2DL818 Datasheet HTML 1Page - Cypress Semiconductor CY2DL818 Datasheet HTML 2Page - Cypress Semiconductor CY2DL818 Datasheet HTML 3Page - Cypress Semiconductor CY2DL818 Datasheet HTML 4Page - Cypress Semiconductor CY2DL818 Datasheet HTML 5Page - Cypress Semiconductor CY2DL818 Datasheet HTML 6Page - Cypress Semiconductor CY2DL818 Datasheet HTML 7Page - Cypress Semiconductor CY2DL818 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CY2DL818
Document #: 38-07058 Rev. *B
Page 4 of 8
AC Switching Characteristics @ 3.3 V VDD = 3.3V ±5%, Temperature = –40°C to +85°C
Parameter
Description
Conditions
Min.
Typ
Max
Unit
tPLH
Propagation Delay – Low to High
4.5
ns
tPHL
Propagation Delay – High to Low
4.5
ns
tSK(0)
Output Skew: Skew between outputs of the same
package (in phase)
200
ps
tSK(p)
Pulse Skew: Skew between opposite transitions of the
same output (tPHL – tPLH)
200
ps
tSK(t)
Package Skew: Skew between outputs of different
packages at the same power supply voltage, temperature
and package type.
1.6
ns
High Frequency Parametrics
Parameter
Description
Conditions
Min.
Typ
Max
Unit
Fmax
Maximum frequency
VDD = 3.3V
50% duty cycle tW(50-50)
Standard Load Circuit.
LVDS VID = 100 mV
400
MHz
Dj
Deterministic Jitter
50% duty cycle tW(50-50)
Standard Load Circuit.
LVDS VID = 100 mV
50
ps
Idd @ 25°C
Idd (mA) vs. Input Freq. (MHz)
0
20
40
60
80
100
120
140
160
180
200
40
140
240
340
440
540
Input Freq. (MHz)
LD 3.135
LD 3.3
LD 3.465
HD 3.135
HD 3.3
HD 3.465
Standard Drive Curves
High or B Driv e Curv e s
Figure 1. IDD Current vs. Frequency in Low Drive and High Drive Full Load


Similar Part No. - CY2DL818

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DL814 CYPRESS-CY2DL814 Datasheet
111Kb / 8P
   1:4 Clock Fanout Buffer
CY2DL814SC CYPRESS-CY2DL814SC Datasheet
111Kb / 8P
   1:4 Clock Fanout Buffer
CY2DL814SC CYPRESS-CY2DL814SC Datasheet
190Kb / 8P
   ComLink??Series
CY2DL814SCT CYPRESS-CY2DL814SCT Datasheet
111Kb / 8P
   1:4 Clock Fanout Buffer
CY2DL814SCT CYPRESS-CY2DL814SCT Datasheet
190Kb / 8P
   ComLink??Series
More results

Similar Description - CY2DL818

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP818 CYPRESS-CY2DP818_12 Datasheet
414Kb / 13P
   1:8 Clock Fanout Buffer
CY2DP818-2 CYPRESS-CY2DP818-2_08 Datasheet
410Kb / 9P
   1:8 Clock Fanout Buffer
CY2DP818 CYPRESS-CY2DP818 Datasheet
92Kb / 8P
   1:8 Clock Fanout Buffer
CY2DP818-2 CYPRESS-CY2DP818-2 Datasheet
132Kb / 8P
   1:8 Clock Fanout Buffer
logo
Micrel Semiconductor
SY89838U MICREL-SY89838U_10 Datasheet
349Kb / 16P
   Precision 1:8 LVDS Clock Fanout Buffer
logo
Cypress Semiconductor
CY2CC910 CYPRESS-CY2CC910_05 Datasheet
217Kb / 9P
   1:10 Clock Fanout Buffer
CY2DP814 CYPRESS-CY2DP814 Datasheet
120Kb / 9P
   1:4 Clock Fanout Buffer
CY2DL814 CYPRESS-CY2DL814 Datasheet
111Kb / 8P
   1:4 Clock Fanout Buffer
CY2CC810 CYPRESS-CY2CC810 Datasheet
115Kb / 7P
   1:10 Clock Fanout Buffer
CY2CC810 CYPRESS-CY2CC810_06 Datasheet
262Kb / 9P
   1:10 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com