Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT193 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74HCT193
Description  Presettable synchronous 4-bit binary up/down counter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT193 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HCT193 Datasheet HTML 5Page - NXP Semiconductors 74HCT193 Datasheet HTML 6Page - NXP Semiconductors 74HCT193 Datasheet HTML 7Page - NXP Semiconductors 74HCT193 Datasheet HTML 8Page - NXP Semiconductors 74HCT193 Datasheet HTML 9Page - NXP Semiconductors 74HCT193 Datasheet HTML 10Page - NXP Semiconductors 74HCT193 Datasheet HTML 11Page - NXP Semiconductors 74HCT193 Datasheet HTML 12Page - NXP Semiconductors 74HCT193 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
December 1990
10
Philips Semiconductors
Product specification
Presettable synchronous 4-bit binary
up/down counter
74HC/HCT193
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr = tf = 6 ns; CL = 50 pF
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max.
min. max. min.
max.
tPHL/ tPLH
propagation delay
CPU,CPD to Qn
23
43
54
65
ns
4.5
Fig.7
tPHL/ tPLH
propagation delay
CPU to TCU
15
27
34
41
ns
4.5
Fig.8
tPHL/ tPLH
propagation delay
CPD to TCD
15
27
34
41
ns
4.5
Fig.8
tPHL/ tPLH
propagation delay
PL to Qn
26
46
58
69
ns
4.5
Fig.9
tPHL
propagation delay
MR to Qn
22
40
50
60
ns
4.5
Fig.10
tPHL/ tPLH
propagation delay
Dn to Qn
27
46
58
69
ns
4.5
Fig.9
tPHL/ tPLH
propagation delay
PL to TCU, PL to TCD
31
55
69
83
ns
4.5
Fig.12
tPHL/ tPLH
propagation delay
MR to TCU, MR to TCD
29
55
69
83
ns
4.5
Fig.12
tPHL/ tPLH
propagation delay
Dn to TCU,Dn to TCD
32
58
73
87
ns
4.5
Fig.12
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Fig.10
tW
up, down clock pulse width
HIGH or LOW
25
11
31
38
ns
4.5
Fig.7
tW
master reset pulse width
HIGH
20
7
25
30
ns
4.5
Fig.10
tW
parallel load pulse width
LOW
20
8
25
30
ns
4.5
Fig.9
trem
removal time
PL to CPU,CPD
10
2
13
15
ns
4.5
Fig.9
trem
removal time
MR to CPU,CPD
10
0
13
15
ns
4.5
Fig.10
tsu
set-up time
Dn to PL
16
8
20
24
ns
4.5
Fig.11 note:
CPU =CPD =
HIGH
th
hold time
Dn to PL
0
−6
0
0
ns
4.5
Fig.11
th
hold time
CPU to CPD,CPD to CPU
16
7
20
24
ns
4.5
Fig.13
fmax
maximum up, down clock
pulse frequency
20
43
16
13
MHz
4.5
Fig.7


Similar Part No. - 74HCT193

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT193 NXP-74HCT193 Datasheet
157Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74HCT193 NXP-74HCT193 Datasheet
184Kb / 30P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
logo
Nexperia B.V. All right...
74HCT193 NEXPERIA-74HCT193 Datasheet
330Kb / 24P
   Presettable synchronous 4-bit binary up/down counter
Rev. 7 - 8 September 2021
74HCT193-Q100 NEXPERIA-74HCT193-Q100 Datasheet
330Kb / 24P
   Presettable synchronous 4-bit binary up/down counter
Rev. 3 - 8 September 2021
logo
NXP Semiconductors
74HCT193D NXP-74HCT193D Datasheet
157Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
More results

Similar Description - 74HCT193

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC169 NXP-74LVC169 Datasheet
138Kb / 22P
   Presettable synchronous 4-bit up/down binary counter
Rev. 05-8 June 2009
logo
Texas Instruments
CD74AC191 TI-CD74AC191 Datasheet
51Kb / 10P
[Old version datasheet]   Presettable Synchronous 4-Bit Binary Up/Down Counter
logo
NXP Semiconductors
74HC193 NXP-74HC193 Datasheet
157Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74HC193 NXP-74HC193_13 Datasheet
184Kb / 30P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74LVC169 PHILIPS-74LVC169 Datasheet
124Kb / 14P
   Presettable synchronous 4-bit up/down binary counter
1998 May 20
logo
Nexperia B.V. All right...
74HC193-Q100 NEXPERIA-74HC193-Q100 Datasheet
776Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
74HC191 NEXPERIA-74HC191 Datasheet
296Kb / 18P
   Presettable synchronous 4-bit binary up/down counter
Rev. 6 - 8 September 2021
74HCT193-Q100 NEXPERIA-74HCT193-Q100 Datasheet
330Kb / 24P
   Presettable synchronous 4-bit binary up/down counter
Rev. 3 - 8 September 2021
logo
NXP Semiconductors
74HC191 PHILIPS-74HC191 Datasheet
108Kb / 14P
   Presettable synchronous 4-bit binary up/down counter
December 1990
logo
Texas Instruments
CD54AC191 TI-CD54AC191 Datasheet
53Kb / 10P
[Old version datasheet]   Presettable Synchronous 4-Bit Binary Up/Down Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com