Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC193 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 74HC193
Description  Presettable synchronous 4-bit binary up/down counter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC193 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 74HC193 Datasheet HTML 5Page - NXP Semiconductors 74HC193 Datasheet HTML 6Page - NXP Semiconductors 74HC193 Datasheet HTML 7Page - NXP Semiconductors 74HC193 Datasheet HTML 8Page - NXP Semiconductors 74HC193 Datasheet HTML 9Page - NXP Semiconductors 74HC193 Datasheet HTML 10Page - NXP Semiconductors 74HC193 Datasheet HTML 11Page - NXP Semiconductors 74HC193 Datasheet HTML 12Page - NXP Semiconductors 74HC193 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
December 1990
12
Philips Semiconductors
Product specification
Presettable synchronous 4-bit binary
up/down counter
74HC/HCT193
Fig.10 Waveforms showing the master reset input (MR) pulse width, MR to Qn propagation delays, MR to CPU,
CPD removal time and output transition times.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3V; VI = GND to 3 V.
Fig.11 Waveforms showing the data input (Dn) to parallel load input (PL) set-up and hold times.
The shaded areas indicate when the input is permitted to
change for predictable output performance.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3V; VI = GND to 3 V.
Fig.12 Waveforms showing the data input (Dn), parallel load input (PL) and the master reset input (MR) to the
terminal count outputs (TCU, TCD) propagation delays.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3V; VI = GND to 3 V.
Fig.13 Waveforms showing the CPU to CPD or CPD to CPU hold times.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3V; VI = GND to 3 V.


Similar Part No. - 74HC193

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC193 NXP-74HC193 Datasheet
157Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74HC193 NXP-74HC193 Datasheet
184Kb / 30P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
logo
Nexperia B.V. All right...
74HC193 NEXPERIA-74HC193 Datasheet
330Kb / 24P
   Presettable synchronous 4-bit binary up/down counter
Rev. 7 - 8 September 2021
74HC193-Q100 NEXPERIA-74HC193-Q100 Datasheet
776Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
74HC193-Q100 NEXPERIA-74HC193-Q100 Datasheet
330Kb / 24P
   Presettable synchronous 4-bit binary up/down counter
Rev. 3 - 8 September 2021
More results

Similar Description - 74HC193

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC169 NXP-74LVC169 Datasheet
138Kb / 22P
   Presettable synchronous 4-bit up/down binary counter
Rev. 05-8 June 2009
logo
Texas Instruments
CD74AC191 TI-CD74AC191 Datasheet
51Kb / 10P
[Old version datasheet]   Presettable Synchronous 4-Bit Binary Up/Down Counter
logo
NXP Semiconductors
74HC193 NXP-74HC193 Datasheet
157Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74HC193 NXP-74HC193_13 Datasheet
184Kb / 30P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74LVC169 PHILIPS-74LVC169 Datasheet
124Kb / 14P
   Presettable synchronous 4-bit up/down binary counter
1998 May 20
logo
Nexperia B.V. All right...
74HC193-Q100 NEXPERIA-74HC193-Q100 Datasheet
776Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
74HC191 NEXPERIA-74HC191 Datasheet
296Kb / 18P
   Presettable synchronous 4-bit binary up/down counter
Rev. 6 - 8 September 2021
74HCT193-Q100 NEXPERIA-74HCT193-Q100 Datasheet
330Kb / 24P
   Presettable synchronous 4-bit binary up/down counter
Rev. 3 - 8 September 2021
logo
NXP Semiconductors
74HC191 PHILIPS-74HC191 Datasheet
108Kb / 14P
   Presettable synchronous 4-bit binary up/down counter
December 1990
logo
Texas Instruments
CD54AC191 TI-CD54AC191 Datasheet
53Kb / 10P
[Old version datasheet]   Presettable Synchronous 4-Bit Binary Up/Down Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com