Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2422 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC2422
Description  1-/2-Channel 20-Bit UPower No Latency ADCs in MSOP-10
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2422 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC2422 Datasheet HTML 15Page - Linear Technology LTC2422 Datasheet HTML 16Page - Linear Technology LTC2422 Datasheet HTML 17Page - Linear Technology LTC2422 Datasheet HTML 18Page - Linear Technology LTC2422 Datasheet HTML 19Page - Linear Technology LTC2422 Datasheet HTML 20Page - Linear Technology LTC2422 Datasheet HTML 21Page - Linear Technology LTC2422 Datasheet HTML 22Page - Linear Technology LTC2422 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
19
LTC2421/LTC2422
24212f
A similar situation may occur during the sleep state when
CS is pulsed HIGH-LOW-HIGH in order to test the conver-
sion status. If the device is in the sleep state (EOC = 0), SCK
will go LOW. Once CS goes HIGH (within the time period
defined above as tEOCtest), the internal pull-up is activated.
For a heavy capacitive load on the SCK pin, the internal
pull-up may not be adequate to return SCK to a HIGH level
before CS goes low again. This is not a concern under
normal conditions where CS remains LOW after detecting
EOC = 0. This situation is easily overcome by adding an
external 10k pull-up resistor to the SCK pin.
Internal Serial Clock, 2-Wire I/O,
Continuous Conversion
This timing mode uses a 2-wire, all output (SCK and SDO)
interface. The conversion result is shifted out of the device
by an internally generated serial clock (SCK) signal, see
Figure 11. CS may be permanently tied to ground (Pin 6),
simplifying the user interface or isolation barrier.
The internal serial clock mode is selected at the end of the
power-on reset (POR) cycle. The POR cycle is concluded
approximately 0.5ms after VCC exceeds 2.2V. An internal
weak pull-up is active during the POR cycle; therefore, the
internal serial clock timing mode is automatically selected
if SCK is not externally driven LOW (if SCK is loaded such
that the internal pull-up cannot pull the pin HIGH, the ex-
ternal SCK mode will be selected).
During the conversion, the SCK and the serial data output
pin (SDO) are HIGH (EOC = 1). Once the conversion is
complete, SCK and SDO go LOW (EOC = 0) indicating the
conversion has finished and the device has entered the
sleep state. The part remains in the sleep state a minimum
amount of time (1/2 the internal SCK period) then imme-
diately begins outputting data. The data output cycle begins
on the first rising edge of SCK and ends after the 24th
rising edge. Data is shifted out the SDO pin on each falling
edge of SCK. The internally generated serial clock is out-
put to the SCK pin. This signal may be used to shift the
conversion result into external circuitry. EOC can be latched
on the first rising edge of SCK and the last bit of the
conversion result can be latched on the 24th rising edge
of SCK. After the 24th rising edge, SDO goes HIGH
(EOC = 1) indicating a new conversion is in progress. SCK
remains HIGH during the conversion.
Figure 10. Internal Serial Clock, Reduced Data Output Length
APPLICATIO S I FOR ATIO
VCC
10k
VCC
FO
FSSET
ZSSET
SCK
CH1
SDO
GND
CS
REFERENCE VOLTAGE
ZSSET + 0.1V TO VCC
0V TO FSSET – 100mV
CH0
= INTERNAL OSC/50Hz REJECTION
= EXTERNAL CLOCK SOURCE
= INTERNAL OSC/60Hz REJECTION
1
µF
110
9
8
7
6
2
3
4
5
2.7V TO 5.5V
LTC2422
VCC
ANALOG INPUT RANGE
ZSSET – 0.12VREF TO
FSSET + 0.12VREF
(VREF = FSSET – ZSSET)
SDO
SCK
(INTERNAL)
CS
>tEOCtest
MSB
EXR
SIG
BIT 8
TEST EOC
TEST EOC
BIT 19
BIT 18
BIT 20
BIT 21
BIT 22
EOC
CH0/CH1
BIT 23
EOC
BIT 0
SLEEP
DATA OUTPUT
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
DATA OUTPUT
CONVERSION
CONVERSION
SLEEP
24212 F10
<tEOCtest
TEST EOC


Similar Part No. - LTC2422

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2422 LINER-LTC2422 Datasheet
392Kb / 38P
   Precision Micropower RMS-to-DC Converter
LTC2422 LINER-LTC2422 Datasheet
377Kb / 32P
   1-/2-Channel 20-Bit Power No Latency ADCs in MSOP-10
LTC2422 LINER-LTC2422_15 Datasheet
377Kb / 32P
   1-/2-Channel 20-Bit Power No Latency ADCs in MSOP-10
More results

Similar Description - LTC2422

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2422 LINER-LTC2422_15 Datasheet
377Kb / 32P
   1-/2-Channel 20-Bit Power No Latency ADCs in MSOP-10
LTC2421 LINER-LTC2421_15 Datasheet
377Kb / 32P
   1-/2-Channel 20-Bit Power No Latency ADCs in MSOP-10
LTC2401 LINER-LTC2401 Datasheet
171Kb / 12P
   1-/2-Channel 24-Bit uPower No Latency ADC in MSOP-10
LTC2401 LINER-LTC2401_15 Datasheet
364Kb / 32P
   1-/2-Channel 24-Bit Power No Latency ADCs in MSOP-10
LTC2402 LINER-LTC2402_15 Datasheet
364Kb / 32P
   1-/2-Channel 24-Bit Power No Latency ADCs in MSOP-10
LTC2424 LINER-LTC2424 Datasheet
317Kb / 28P
   4-/8-Channel 20-Bit uPower No Latency ADCs
LTC2402 LINER-LTC2402 Datasheet
358Kb / 32P
   1-/2-Channel 24-Bit mPower No Latency DSTMADCs in MSOP-10
LTC2404 LINER-LTC2404 Datasheet
351Kb / 36P
   4-/8-Channel 24-Bit uPower No Latency ADCs
LTC2420 LINER-LTC2420 Datasheet
186Kb / 12P
   20-Bit uPower No Latency ADC in SO-8
LTC2428 LINER-LTC2428_15 Datasheet
426Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com