Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C454-12JC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C454-12JC
Description  512x9 2Kx9 and 4Kx9 Cascadable Clocked FIFOs with Programmable
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C454-12JC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C454-12JC Datasheet HTML 1Page - Cypress Semiconductor CY7C454-12JC Datasheet HTML 2Page - Cypress Semiconductor CY7C454-12JC Datasheet HTML 3Page - Cypress Semiconductor CY7C454-12JC Datasheet HTML 4Page - Cypress Semiconductor CY7C454-12JC Datasheet HTML 5Page - Cypress Semiconductor CY7C454-12JC Datasheet HTML 6Page - Cypress Semiconductor CY7C454-12JC Datasheet HTML 7Page - Cypress Semiconductor CY7C454-12JC Datasheet HTML 8Page - Cypress Semiconductor CY7C454-12JC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
CY7C451
CY7C453
CY7C454
Document #: 38-06033 Rev. *A
Page 3 of 24
Pin Definitions
Signal
Name
I/O
Description
D0 – 8
I
Data Inputs: When the FIFO is not full and ENW is active, CKW (rising edge) writes data (D0 – 8) into
the FIFO’s memory. If MR is asserted at the rising edge of CKW then data is written into the FIFO’s
programming register. D8 is ignored if the device is configured for parity generation.
Q0 – 7
O
Data Outputs: When the FIFO is not empty and ENR is active, CKR (rising edge) reads data (Q0 – 7)
out of the FIFO’s memory. If MR is active at the rising edge of CKR then data is read from the
programming register.
Q8/PG/PE
O
Function varies according to mode:
Parity disabled - same function as Q0 – 7
Parity enabled, generation - parity generation bit (PG)
Parity enabled, check - Parity Error Flag (PE)
ENW
I
Enable Write: enables the CKW input (for both non-program and program modes)
ENR
I
Enable Read: enables the CKR input (for both non-program and program modes)
CKW
I
Write Clock: the rising edge clocks data into the FIFO when ENW is LOW; updates Half Full, Almost
Full, and Full flag states. When MR is asserted, CKW writes data into the program register.
CKR
I
Read Clock: the rising edge clocks data out of the FIFO when ENR is LOW; updates the Empty and
Almost Empty flag states. When MR is asserted, CKR reads data out of the program register.
HF
O
Half Full Flag - synchronized to CKW.
E/F
O
Empty or Full Flag - E is synchronized to CKR; F is synchronized to CKW
PAFE/XO
O
Dual-Mode Pin:
Not Cascaded - Programmable Almost Full is synchronized to CKW; Programmable Almost Empty is
synchronized to CKR
Cascaded - Expansion Out signal, connected to XI of next device
XI
I
Not Cascaded - XI is tied to VSS
Cascaded - Expansion Input, connected to XO of previous device
FL/RT
I
First Load/ Retransmit Pin:
Cascaded - the first device in the daisy chain will have FL tied to VSS; all other devices will have FL
tied to VCC (Figure 2)
Not Cascaded - tied to VCC;
Retransmit function is also available in stand alone mode by strobing RT
MR
I
Master Reset: resets device to empty condition.
Non-Programming Mode: program register is reset to default condition of no parity and PAFE active at
16 or less locations from Full/Empty.
Programming Mode: Data present on D0 – 8 is written into the programmable register on the rising
edge of CKW. Program register contents appear on Q0 – 8 after the rising edge of CKR.
OE
I
Output Enable for Q0 – 7 and Q8/PG/PE pins


Similar Part No. - CY7C454-12JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C455 CYPRESS-CY7C455 Datasheet
384Kb / 23P
   512 x 18, 1K x 18, and 2K x 18 Cascadable Clocked FIFOs with Programmable Flags
CY7C456 CYPRESS-CY7C456 Datasheet
384Kb / 23P
   512 x 18, 1K x 18, and 2K x 18 Cascadable Clocked FIFOs with Programmable Flags
CY7C457 CYPRESS-CY7C457 Datasheet
384Kb / 23P
   512 x 18, 1K x 18, and 2K x 18 Cascadable Clocked FIFOs with Programmable Flags
More results

Similar Description - CY7C454-12JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C455 CYPRESS-CY7C455 Datasheet
384Kb / 23P
   512 x 18, 1K x 18, and 2K x 18 Cascadable Clocked FIFOs with Programmable Flags
CY7C441 CYPRESS-CY7C441 Datasheet
223Kb / 15P
   Clocked 512 x 9, 2K x 9 FIFOs
CYF0018V CYPRESS-CYF0018V_12 Datasheet
697Kb / 30P
   18/36/72-Mbit Programmable FIFOs
CY7C460A CYPRESS-CY7C460A Datasheet
250Kb / 15P
   Asynchronous, Cascadable 8K/16K/32K/64K x9 FIFOs
CYF0018V CYPRESS-CYF0018V_13 Datasheet
625Kb / 36P
   18/36/72-Mbit Programmable FIFOs
logo
Analog Devices
ADL5336 AD-ADL5336_18 Datasheet
1Mb / 30P
   Cascadable IF VGAs with Programmable RMS Detectors
logo
Cypress Semiconductor
CYF1018V CYPRESS-CYF1018V_12 Datasheet
655Kb / 29P
   18/36/72-Mbit Programmable 2-Queue FIFOs
CYF1018V CYPRESS-CYF1018V Datasheet
921Kb / 28P
   18/36/72-Mbit Programmable 2-Queue FIFOs Independent read and write ports
logo
Exar Corporation
ST16C2550 EXAR-ST16C2550 Datasheet
443Kb / 34P
   DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
logo
Cypress Semiconductor
CYF2018V CYPRESS-CYF2018V_12 Datasheet
624Kb / 31P
   18/36/72-Mbit Programmable Multi-Queue FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com