Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74AC240 Datasheet(PDF) 1 Page - Integral Corp.

Part # IN74AC240
Description  Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74AC240 Datasheet(HTML) 1 Page - Integral Corp.

  IN74AC240 Datasheet HTML 1Page - Integral Corp. IN74AC240 Datasheet HTML 2Page - Integral Corp. IN74AC240 Datasheet HTML 3Page - Integral Corp. IN74AC240 Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA
302
Octal 3-State Inverting Buffer/Line
Driver/Line Receiver
High-Speed Silicon-Gate CMOS
The IN74AC240 is identical in pinout to the LS/ALS240,
HC/HCT240. The device inputs are compatible with standard CMOS
outputs; with pullup resistors, they are compatible with LS/ALSTTL
outputs.
This octal inverting buffer/line driver/line receiver is designed to
be used with 3-state memory address drivers, clock drivers, and other
bus-oriented systems. The device has inverting outputs and two active-
low output enables.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• High Noise Immunity Characteristic of CMOS Devices
• Outputs Source/Sink 24 mA
IN74AC240
ORDERING INFORMATION
IN74AC240N Plastic
IN74AC240DW SOIC
TA = -40° to 85° C for all
packages
FUNCTION TABLE
Inputs
Outputs
Enable A,
Enable B
A,B
YA,YB
LL
H
LH
L
HX
Z
X = don’t care
Z = high impedance
LOGIC DIAGRAM
PIN 20=VCC
PIN 10 = GND
PIN ASSIGNMENT


Similar Part No. - IN74AC240

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74AC240 IKSEMICON-IN74AC240 Datasheet
214Kb / 5P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
IN74AC240DW IKSEMICON-IN74AC240DW Datasheet
214Kb / 5P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
IN74AC240N IKSEMICON-IN74AC240N Datasheet
214Kb / 5P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
More results

Similar Description - IN74AC240

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74ACT240 KODENSHI-KK74ACT240 Datasheet
280Kb / 5P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
KK74AC240 KODENSHI-KK74AC240 Datasheet
288Kb / 5P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC240 IKSEMICON-IN74AC240 Datasheet
214Kb / 5P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
IN74ACT240 IKSEMICON-IN74ACT240 Datasheet
268Kb / 5P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC240A KODENSHI-KK74HC240A Datasheet
230Kb / 6P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
KK74HCT240A KODENSHI-KK74HCT240A Datasheet
232Kb / 6P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT240 SLS-SL74HCT240 Datasheet
47Kb / 5P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver(High-Performance Silicon-Gate CMOS)
logo
IK Semicon Co., Ltd
IN74HC240A IKSEMICON-IN74HC240A Datasheet
218Kb / 6P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
IN74HCT240A IKSEMICON-IN74HCT240A Datasheet
219Kb / 6P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
IN74ACT244 IKSEMICON-IN74ACT244 Datasheet
270Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com