Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC181N Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HC181N
Description  4-bit arithmetic logic unit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC181N Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC181N Datasheet HTML 1Page - NXP Semiconductors 74HC181N Datasheet HTML 2Page - NXP Semiconductors 74HC181N Datasheet HTML 3Page - NXP Semiconductors 74HC181N Datasheet HTML 4Page - NXP Semiconductors 74HC181N Datasheet HTML 5Page - NXP Semiconductors 74HC181N Datasheet HTML 6Page - NXP Semiconductors 74HC181N Datasheet HTML 7Page - NXP Semiconductors 74HC181N Datasheet HTML 8Page - NXP Semiconductors 74HC181N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1998 Jun 10
4
Philips Semiconductors
Product specification
4-bit arithmetic logic unit
74HC/HCT181
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1, 22, 20, 18
B0 to B3
operand inputs (active LOW)
2, 23, 21, 19
A0 to A3
operand inputs (active LOW)
6, 5, 4, 3
S0 to S3
select inputs
7Cn
carry input
8
M
mode control input
9, 10, 11, 13
F0 to F3
function outputs (active LOW)
12
GND
ground (0 V)
14
A=B
comparator output
15
P
carry propagate output (active LOW)
16
Cn+4
carry output
17
G
carry generate output (active LOW)
24
VCC
positive supply voltage
Fig.4 Functional diagram.
ok, halfpage
MBK219
A0
A1
A2
2
23
21
19
1
22
20
18
15
17
14
16
13
11
10
9
A3
B0
B1
Cn+4
F3
F2
F1
F0
A=B
G
B2
P
B3
7
Cn
6
S0
5
S1
4
S2
3
S3
8M
Fig.5 Active HIGH operands - active LOW operands.


Similar Part No. - 74HC181N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC182 PHILIPS-74HC182 Datasheet
68Kb / 9P
   Look-ahead carry generator
December 1990
More results

Similar Description - 74HC181N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74LS181 FAIRCHILD-DM74LS181 Datasheet
74Kb / 7P
   4-Bit Arithmetic Logic Unit
74F381 FAIRCHILD-74F381 Datasheet
77Kb / 8P
   4-Bit Arithmetic Logic Unit
logo
Motorola, Inc
SN54LS181 MOTOROLA-SN54LS181 Datasheet
277Kb / 9P
   4-BIT ARITHMETIC LOGIC UNIT
MC5474F181 MOTOROLA-MC5474F181 Datasheet
125Kb / 5P
   4-BIT ARITHMETIC LOGIC UNIT
logo
Fairchild Semiconductor
DM93S41 FAIRCHILD-DM93S41 Datasheet
61Kb / 7P
   4-Bit Arithmetic Logic Unit
logo
NXP Semiconductors
74AC11181 PHILIPS-74AC11181 Datasheet
500Kb / 19P
   4 BIT ARITHMETIC LOGIC UNIT
October 1990
logo
STMicroelectronics
HCC40181B STMICROELECTRONICS-HCC40181B Datasheet
272Kb / 12P
   4-BIT ARITHMETIC LOGIC UNIT
logo
National Semiconductor ...
54F181DM NSC-54F181DM Datasheet
218Kb / 10P
   4-Bit Arithmetic Logic Unit
54LS181 NSC-54LS181 Datasheet
193Kb / 7P
   4-BIT ARITHMETIC LOGIC UNIT
DM54LS181 NSC-DM54LS181 Datasheet
154Kb / 10P
   4-Bit Arithmetic Logic Unit
logo
Motorola, Inc
MC14581B MOTOROLA-MC14581B Datasheet
233Kb / 7P
   4-Bit Arithmetic Logic Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com