Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1214F Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1214F
Description  1-Mb (32K x 32) Flow-Through Sync SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1214F Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1214F Datasheet HTML 1Page - Cypress Semiconductor CY7C1214F Datasheet HTML 2Page - Cypress Semiconductor CY7C1214F Datasheet HTML 3Page - Cypress Semiconductor CY7C1214F Datasheet HTML 4Page - Cypress Semiconductor CY7C1214F Datasheet HTML 5Page - Cypress Semiconductor CY7C1214F Datasheet HTML 6Page - Cypress Semiconductor CY7C1214F Datasheet HTML 7Page - Cypress Semiconductor CY7C1214F Datasheet HTML 8Page - Cypress Semiconductor CY7C1214F Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1-Mb (32K x 32) Flow-Through Sync SRAM
CY7C1214F
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-05434 Rev. *A
Revised March 24, 2004
Features
• 32K X 32 common I/O
• 3.3V –5% and +10% core power supply (VDD)
• 3.3V I/O supply (VDDQ)
• Fast clock-to-output times
— 7.5 ns (117-MHz version)
— 8.5 ns (100-MHz version)
• Provide high-performance 2-1-1-1 access rate
• User-selectable burst counter supporting Intel
Pentiuminterleaved or linear burst sequences
• Separate processor and controller address strobes
• Synchronous self-timed write
• Asynchronous output enable
• Supports 3.3V I/O level
• Offered in JEDEC-standard 100-pin TQFP package
• “ZZ” Sleep Mode option
Functional Description[1]
The CY7C1214F is a 32,768 x 32 synchronous cache RAM
designed to interface with high-speed microprocessors with
minimum glue logic. Maximum access delay from clock rise is
7.5 ns (117-MHz version). A 2-bit on-chip counter captures the
first address in a burst and increments the address automati-
cally for the rest of the burst access. All synchronous inputs
are gated by registers controlled by a positive-edge-triggered
Clock Input (CLK). The synchronous inputs include all
addresses, all data inputs, address-pipelining Chip Enable
(CE1), depth-expansion Chip Enables (CE2 and CE3), Burst
Control inputs (ADSC, ADSP, and ADV), Write Enables
(BW[A:D], and BWE), and Global Write (GW). Asynchronous
inputs include the Output Enable (OE) and the ZZ pin.
The CY7C1214F allows either interleaved or linear burst
sequences, selected by the MODE input pin. A HIGH selects
an interleaved burst sequence, while a LOW selects a linear
burst sequence. Burst accesses can be initiated with the
Processor Address Strobe (ADSP) or the cache Controller
Address Strobe (ADSC) inputs. Address advancement is
controlled by the Address Advancement (ADV) input.
Addresses and chip enables are registered at rising edge of
clock when either Address Strobe Processor (ADSP) or
Address Strobe Controller (ADSC) are active. Subsequent
burst addresses can be internally generated as controlled by
the Advance pin (ADV).
The CY7C1214F operates from a +3.3V core power supply
while all outputs may operate with a +3.3V supply. All inputs
and outputs are JEDEC-standard JESD8-5-compatible.
Note:
1. For best-practices recommendations, please refer to the Cypress application note System Design Guidelines on www.cypress.com
Logic Block Diagram
ADDRESS
REGISTER
BURST
COUNTER
AND LOGIC
CLR
Q1
Q0
ENABLE
REGISTER
SENSE
AMPS
OUTPUT
BUFFERS
INPUT
REGISTERS
MEMORY
ARRAY
MODE
A[1:0]
ZZ
DQs
A0, A1, A
ADV
CLK
ADSP
ADSC
BWD
BWC
BWB
BWA
BWE
CE1
CE2
CE3
OE
GW
SLEEP
CONTROL
DQA
BYTE
WRITE REGISTER
DQB
BYTE
WRITE REGISTER
DQC
BYTE
WRITE REGISTER
BYTE
WRITE REGISTER
DQD
BYTE
WRITE REGISTER
DQD
BYTE
WRITE REGISTER
DQC
BYTE
WRITE REGISTER
DQB
BYTE
WRITE REGISTER
DQA
BYTE
WRITE REGISTER


Similar Part No. - CY7C1214F

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1214H CYPRESS-CY7C1214H Datasheet
354Kb / 15P
   1-Mbit (32K x 32) Flow-Through Sync SRAM
CY7C1214H-100AXC CYPRESS-CY7C1214H-100AXC Datasheet
354Kb / 15P
   1-Mbit (32K x 32) Flow-Through Sync SRAM
CY7C1214H-100AXI CYPRESS-CY7C1214H-100AXI Datasheet
354Kb / 15P
   1-Mbit (32K x 32) Flow-Through Sync SRAM
CY7C1214H-133AXC CYPRESS-CY7C1214H-133AXC Datasheet
354Kb / 15P
   1-Mbit (32K x 32) Flow-Through Sync SRAM
CY7C1214H-133AXI CYPRESS-CY7C1214H-133AXI Datasheet
354Kb / 15P
   1-Mbit (32K x 32) Flow-Through Sync SRAM
More results

Similar Description - CY7C1214F

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1214H CYPRESS-CY7C1214H Datasheet
354Kb / 15P
   1-Mbit (32K x 32) Flow-Through Sync SRAM
CY7C1215F CYPRESS-CY7C1215F Datasheet
333Kb / 16P
   1-Mb (32K x 32) Pipelined Sync SRAM
CY7C1338F CYPRESS-CY7C1338F Datasheet
405Kb / 17P
   4-Mb (128K x 32) Flow-Through Sync SRAM
CY7C1365B CYPRESS-CY7C1365B Datasheet
328Kb / 16P
   9-Mb (265K x 32) Flow-Through Sync SRAM
CY7C1217H CYPRESS-CY7C1217H Datasheet
386Kb / 16P
   1-Mbit (32K x 36) Flow-Through Sync SRAM
CY7C1217F CYPRESS-CY7C1217F Datasheet
322Kb / 14P
   1-Mbit (32K x 36) Flow-Through Sync SRAM
logo
Integrated Circuit Solu...
IC61SF6432 ICSI-IC61SF6432 Datasheet
144Kb / 17P
   64K x 32 Flow Through Sync. SRAM
logo
Cypress Semiconductor
CY7C1345F CYPRESS-CY7C1345F Datasheet
421Kb / 17P
   4-Mb (128K x 36) Flow-Through Sync SRAM
CY7C1324F CYPRESS-CY7C1324F Datasheet
325Kb / 15P
   2-Mb (128K x 18) Flow-Through Sync SRAM
CY7C1325F-117AC CYPRESS-CY7C1325F-117AC Datasheet
430Kb / 17P
   4-Mb (256K x 18) Flow-Through Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com