Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PST93XX Datasheet(PDF) 3 Page - Mitsumi Electronics, Corp.

Part No. PST93XX
Description  Monolithic IC PST93XX Series
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUMI [Mitsumi Electronics, Corp.]
Homepage  https://www.mitsumi.co.jp/index_e.html
Logo 

PST93XX Datasheet(HTML) 3 Page - Mitsumi Electronics, Corp.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MITSUMI
System Reset PST93XX
Electrical Characteristics (Ta=25°C)
Item
Symbol
Measurement
Measurement conditions
Min. Typ. Max. Units
circuit
PST9346 4.508 4.600 4.692
PST9345 4.410 4.500 4.590
PST9344 4.312 4.400 4.488
PST9343 4.214 4.300 4.386
PST9342 4.116 4.200 4.284
PST9341 4.018 4.100 4.182
PST9340 3.920 4.000 4.080
PST9339 3.822 3.900 3.978
PST9338 3.724 3.800 3.876
PST9337 3.626 3.700 3.774
PST9336 3.528 3.600 3.672
PST9335 3.430 3.500 3.570
VCC=H
L
PST9334 3.332 3.400 3.468
Detection voltage
VS
1RL=4.7k
PST9333 3.234 3.300 3.366
V
VOL <
= 0.4V
PST9332 3.136 3.200 3.264
PST9331 3.038 3.100 3.162
PST9330 2.940 3.000 3.060
PST9329 2.842 2.900 2.958
PST9328 2.744 2.800 2.856
PST9327 2.646 2.700 2.754
PST9326 2.548 2.600 2.652
PST9325 2.450 2.500 2.550
PST9324 2.352 2.400 2.448
PST9323 2.254 2.300 2.346
PST9322 2.156 2.200 2.244
PST9321 2.058 2.100 2.142
PST9320 1.960 2.000 2.040
PST9319 1.862 1.900 1.938
Hysteresis voltage
Vs
1
VCC=L
H
L, RL=4.7k
30
50
100
mV
Detection voltage
Vs / T
1
RL=4.7k
Ω, Ta=-20~+75°C
±0.01
%/°C
temperature coefficient
Low-level output voltage
VOL
1
VCC=Vs min.-0.05V, RL=4.7k
0.2
0.4
V
Output leakage current
IOH
1VCC=Vo=10V
±0.1
µA
Circuit current while on
ICCL
1VCC=Vs min.-0.05V, RL=
2.0
4.0
µA
Circuit current while off
ICCH
1VCC=Vs typ./0.85, RL=
2.0
4.0
µA
"H"transport delay time
TPLH
2RL=4.7k
Ω, CL=100pF *120 60 µS
"L"transport delay time
TPHL
2RL=4.7k
Ω, CL=100pF *2
20
60
µS
Operation limit voltage
VOPL
1RL=4.7k
Ω, VOL <= 0.4V
0.65
0.85
V
Output current while on 1
IOL11
VCC=Vs min.-0.05V, Vo=0.4V
5mA
Output current while on 2
IOL21
VCC=Vs min.-0.05V, Ta=-20~+75°C
3mA
*1 : tPLH : VCC= (VS typ.-0.4v) (VS typ.+0.4v)
*2 : tPHL : VCC= (VS typ.+0.4v) (VS typ.-0.4v)


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn