Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMS-2815-TR1 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HSMS-2815-TR1
Description  Surface Mount RF Schottky Barrier Diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMS-2815-TR1 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HSMS-2815-TR1 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMS-2815-TR1 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMS-2815-TR1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMS-2815-TR1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMS-2815-TR1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMS-2815-TR1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMS-2815-TR1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMS-2815-TR1 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMS-2815-TR1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Electrical Specifications T
C = 25°C, Single Diode
[4]
Maximum
Maximum
Minimum
Maximum
Forward
Reverse
Typical
Part
Package
Breakdown
Forward
Voltage
Leakage
Maximum
Dynamic
Number
Marking
Lead
Voltage
Voltage
V
F (V) @
I
R (nA) @
Capacitance Resistance
HSMS[5]
Code
Code
Configuration
V
BR (V)
V
F (mV)
I
F (mA)
V
R (V)
C
T (pF)
R
D (Ω
Ω)[6]
2810
B0
[3]
0
Single
20
400
1.0
35
200
15
1.2
15
2812
B2
[3]
2
Series
2813
B3
[3]
3
Common Anode
2814
B4
[3]
4
Common Cathode
2815
B5
[3]
5
Unconnected Pair
2817
B7
[3]
7
Ring Quad
[5]
2818
B8
[3]
8
Bridge Quad
[5]
281B
B0
[7]
B
Single
281C
B2
[7]
C
Series
281E
B3
[7]
E
Common Anode
281F
B4
[7]
F
Common Cathode
281K
BK
[7]
K
High Isolation
Unconnected Pair
281L
BL
[7]
L
Unconnected Trio
Test Conditions
I
R = 10 µAIF = 1 mA
V
F = 0 V
I
F = 5 mA
f = 1 MHz
Notes:
1.
∆V
F for diodes in pairs and quads in 15 mV maximum at 1 mA.
2.
∆C
TO for diodes in pairs and quads is 0.2 pF maximum.
3. Package marking code is in white.
4. Effective Carrier Lifetime (
τ) for all these diodes is 100 ps maximum measured with Krakauer method at 5 mA.
5. See section titled “Quad Capacitance.”
6. R
D = RS + 5.2 Ω at 25°C and I f = 5 mA.
7. Package marking code is laser marked.
Absolute Maximum Ratings[1] T
C = 25°C
Symbol
Parameter
Unit
SOT-23/SOT-143
SOT-323/ SOT-363
If
Forward Current (1
µs Pulse)
Amp
1
1
PIV
Peak Inverse Voltage
V
Same as V
BR
Same as V
BR
Tj
Junction Temperature
°C
150
150
Tstg
Storage Temperature
°C
-65 to 150
-65 to 150
θ
jc
Thermal Resistance[2]
°C/W
500
150
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to the device.
2. TC = +25°C, where TC is defined to be the temperature at the package pins where contact is made to the circuit board.
ESD WARNING:
Handling Precautions Should Be Taken To Avoid Static Discharge.


Similar Part No. - HSMS-2815-TR1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2815 AVAGO-HSMS-2815 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes Surface Mount Packages
HSMS-2815 AVAGO-HSMS-2815 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2815 AVAGO-HSMS-2815 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2815 AVAGO-HSMS-2815 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-2815 BOARDCOM-HSMS-2815 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
More results

Similar Description - HSMS-2815-TR1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-281C-TR1G AVAGO-HSMS-281C-TR1G Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2813-BLKG AVAGO-HSMS-2813-BLKG Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-282K BOARDCOM-HSMS-282K Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282N BOARDCOM-HSMS-282N Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2812 BOARDCOM-HSMS-2812 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2822 BOARDCOM-HSMS-2822 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2825 BOARDCOM-HSMS-2825 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282E BOARDCOM-HSMS-282E Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280B BOARDCOM-HSMS-280B Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280F BOARDCOM-HSMS-280F Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2824 BOARDCOM-HSMS-2824 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com