Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT182 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HCT182
Description  Look-ahead carry generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT182 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HCT182 Datasheet HTML 1Page - NXP Semiconductors 74HCT182 Datasheet HTML 2Page - NXP Semiconductors 74HCT182 Datasheet HTML 3Page - NXP Semiconductors 74HCT182 Datasheet HTML 4Page - NXP Semiconductors 74HCT182 Datasheet HTML 5Page - NXP Semiconductors 74HCT182 Datasheet HTML 6Page - NXP Semiconductors 74HCT182 Datasheet HTML 7Page - NXP Semiconductors 74HCT182 Datasheet HTML 8Page - NXP Semiconductors 74HCT182 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
December 1990
2
Philips Semiconductors
Product specification
Look-ahead carry generator
74HC/HCT182
FEATURES
• Provides carry look-ahead across a group of four ALU’s
• Multi-level look-ahead for high-speed arithmetic
operation over long word length
• Output capability: standard
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT182 are high-speed Si-gate CMOS devices
and are pin compatible with low power Schottky TTL
(LSTTL). They are specified in compliance with JEDEC
standard no. 7A.
The 74HC/HCT182 carry look-ahead generators accept
up to four pairs of active LOW carry propagate (P0, P1, P2,
P3) and carry generate (G0, G1, G2, G3) signals and an
active HIGH carry input (Cn). The devices provide
anticipated active HIGH carries (Cn+x, Cn+y, Cn+z) across
four groups of binary adders.
The “182” also has active LOW carry propagate (P) and
carry generate (G) outputs which may be used for further
levels of look-ahead.
The logic equations provided at the outputs are:
Cn+x =G0 +P0Cn
Cn+y =G1 +P1G0 +P1P0Cn
Cn+z =G2 +P2G1 +P2P1G0 +P2P1P0Cn
The “182” can also be used with binary ALU’s in an active
LOW or active HIGH input operand mode. The
connections to and from the ALU to the carry look-ahead
generator are identical in both cases.
GG
3
P
3 G2
P
3 P2 G1
P
3 P2 P1 GO
++
+
=
PP
3 P2 P1 P0
=
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi +∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
∑ (CL × VCC2 × fo) = sum of outputs
CL = output load capacitance in pF
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
ORDERING INFORMATION
See
“74HC/HCT/HCU/HCMOS Logic Package Information”.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay
Pn to P
Cn to any output
Pn or Gn to any output
CL = 15 pF; VCC =5 V
11
17
14
14
21
17
ns
ns
ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per
package
notes 1 and 2
50
50
pF


Similar Part No. - 74HCT182

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT181 PHILIPS-74HCT181 Datasheet
165Kb / 20P
   4-bit arithmetic logic unit
1998 Jun 10
74HCT181D PHILIPS-74HCT181D Datasheet
165Kb / 20P
   4-bit arithmetic logic unit
1998 Jun 10
74HCT181N PHILIPS-74HCT181N Datasheet
165Kb / 20P
   4-bit arithmetic logic unit
1998 Jun 10
74HCT181N3 PHILIPS-74HCT181N3 Datasheet
165Kb / 20P
   4-bit arithmetic logic unit
1998 Jun 10
More results

Similar Description - 74HCT182

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC182 HITACHI-HD74HC182 Datasheet
56Kb / 9P
   Look-Ahead Carry Generator
logo
NXP Semiconductors
74F182 PHILIPS-74F182 Datasheet
56Kb / 6P
   Look-ahead carry generator
1991 Apr 15 2 853
logo
Renesas Technology Corp
HD74HC182 RENESAS-HD74HC182 Datasheet
166Kb / 10P
   Look-Ahead Carry Generator
logo
Fairchild Semiconductor
DM74S182 FAIRCHILD-DM74S182 Datasheet
53Kb / 5P
   Look-Ahead Carry Generator
logo
STMicroelectronics
HCC40182B STMICROELECTRONICS-HCC40182B Datasheet
282Kb / 12P
   LOOK-AHEAD CARRY GENERATOR
logo
NXP Semiconductors
100179 PHILIPS-100179 Datasheet
328Kb / 7P
   Carry Look-Ahead Generator
June 14 1990
logo
STMicroelectronics
M54HC182 STMICROELECTRONICS-M54HC182 Datasheet
260Kb / 12P
   FUNCTION LOOK AHEAD CARRY GENERATOR
logo
Intersil Corporation
CD40182BMS INTERSIL-CD40182BMS Datasheet
140Kb / 9P
   CMOS Look-Ahead Carry Generator
December 1992
logo
National Semiconductor ...
DM74AS282 NSC-DM74AS282 Datasheet
316Kb / 5P
   Look-Ahead Carry Generator With Selectable Carry Inputs
logo
Motorola, Inc
MC145828B MOTOROLA-MC145828B Datasheet
106Kb / 6P
   LOOK-AHEAD CARRY BLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com