Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STE2001 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STE2001
Description  65 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2001 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STE2001 Datasheet HTML 7Page - STMicroelectronics STE2001 Datasheet HTML 8Page - STMicroelectronics STE2001 Datasheet HTML 9Page - STMicroelectronics STE2001 Datasheet HTML 10Page - STMicroelectronics STE2001 Datasheet HTML 11Page - STMicroelectronics STE2001 Datasheet HTML 12Page - STMicroelectronics STE2001 Datasheet HTML 13Page - STMicroelectronics STE2001 Datasheet HTML 14Page - STMicroelectronics STE2001 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
11/36
STE2001
Figure 11. Output drivers rows and logical memory rows correspondence with MY = 0
Figure 12. Output drivers rows and logical memory rows correspondence with MY = 1
Instruction Set
Two different instructions formats are provided:
- With D/C set to LOW
commands are sent to the Control circuitry.
- With D/C set to HIGH
the Data RAM is addressed Instructions have the syntax summarized in Table.1.
Reset (RES)
At power-on, all internal registers and RAM content are not defined. A Reset pulse must be applied on RES pad
(active low) to initialize the internal registers content (see Tables 3,4,5,&6). Every on-going communication with
the host controller is interrupted. The IC after the reset pulse is programmed in Power Down mode.
The Default configurations is:
- Horizontal addressing (V = 0)
- Normal instruction set (H = 0)
- Normal display (MX = MY = TRS =BRS = 0)
- MUX 65 mode (MUX = 0)
D00IN1148
R16
to
R23
Row 0
to
Row 7
BANK 4
BANK 5
BANK 6
BANK 7
BANK 8
01
23
45
67
123 124 125
121 122
120
126 127
ROW DRIVER
MUX 33 PHYSICAL MEMORY ROW
R24
to
R31
Row 8
to
Row15
R48
to
R55
Row 16
to
Row 23
R56
to
R63
Row 24
to
Row 31
R64
Row 32
D00IN1148
R16
to
R23
Row 0
to
Row 7
BANK 4
BANK 5
BANK 6
BANK 7
BANK 8
01
23
45
67
123 124 125
121 122
120
126 127
ROW DRIVER
MUX 33 PHYSICAL MEMORY ROW
R24
to
R31
Row 8
to
Row15
R48
to
R55
Row 16
to
Row 23
R56
to
R63
Row 24
to
Row 31
R64
Row 32


Similar Part No. - STE2001

ManufacturerPart #DatasheetDescription
logo
ABB
STE200 ABB-STE200 Datasheet
484Kb / 2P
   ABB cable glands ??STE Star Teck짰 extreme series
logo
STMicroelectronics
STE2002 STMICROELECTRONICS-STE2002 Datasheet
494Kb / 51P
   81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
STE2002 STMICROELECTRONICS-STE2002 Datasheet
508Kb / 61P
   81 x 128 single-chip LCD controller/driver
STE2002DIE1 STMICROELECTRONICS-STE2002DIE1 Datasheet
494Kb / 51P
   81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
STE2002DIE1 STMICROELECTRONICS-STE2002DIE1 Datasheet
508Kb / 61P
   81 x 128 single-chip LCD controller/driver
More results

Similar Description - STE2001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE2004S STMICROELECTRONICS-STE2004S Datasheet
1Mb / 79P
   102 x 65 single-chip LCD controller/driver
STE2002 STMICROELECTRONICS-STE2002 Datasheet
494Kb / 51P
   81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
STE2004 STMICROELECTRONICS-STE2004 Datasheet
1Mb / 66P
   102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
STE2002 STMICROELECTRONICS-STE2002_06 Datasheet
508Kb / 61P
   81 x 128 single-chip LCD controller/driver
logo
NXP Semiconductors
PCF8531 NXP-PCF8531_11 Datasheet
396Kb / 51P
   34 x 128 pixel matrix driver Single-chip LCD controller and driver
Rev. 6-16 May 2011
logo
Samsung semiconductor
S6B0755 SAMSUNG-S6B0755 Datasheet
585Kb / 68P
   128 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
logo
List of Unclassifed Man...
NT7502 ETC1-NT7502 Datasheet
2Mb / 54P
   65 X 132 RAM-Map LCD Controller / Driver
logo
Sitronix Technology Co....
ST7565V SITRONIX-ST7565V Datasheet
877Kb / 72P
   65 x 132 Dot Matrix LCD Controller/Driver
ST7565 SITRONIX-ST7565 Datasheet
468Kb / 56P
   65 x 132 Dot Matrix LCD Controller/Driver
logo
List of Unclassifed Man...
ST7565S ETC1-ST7565S Datasheet
715Kb / 73P
   65 x 132 Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com