Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74173 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74173
Description  Quad D-type flip-flop; positive-edge trigger; 3-state
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74173 Datasheet(HTML) 2 Page - NXP Semiconductors

  74173 Datasheet HTML 1Page - NXP Semiconductors 74173 Datasheet HTML 2Page - NXP Semiconductors 74173 Datasheet HTML 3Page - NXP Semiconductors 74173 Datasheet HTML 4Page - NXP Semiconductors 74173 Datasheet HTML 5Page - NXP Semiconductors 74173 Datasheet HTML 6Page - NXP Semiconductors 74173 Datasheet HTML 7Page - NXP Semiconductors 74173 Datasheet HTML 8Page - NXP Semiconductors 74173 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
December 1990
2
Philips Semiconductors
Product specification
Quad D-type flip-flop; positive-edge trigger; 3-state
74HC/HCT173
FEATURES
• Gated input enable for hold (do nothing) mode
• Gated output enable control
• Edge-triggered D-type register
• Asynchronous master reset
• Output capability: bus driver
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT173 are high-speed Si-gate CMOS devices
and are pin compatible with low power Schottky TTL
(LSTTL). They are specified in compliance with JEDEC
standard no. 7A.
The 74HC/HCT173 are 4-bit parallel load registers with
clock enable control, 3-state buffered outputs (Q0 to Q3)
and master reset (MR).
When the two data enable inputs (E1 and E2) are LOW, the
data on the Dn inputs is loaded into the register
synchronously with the LOW-to-HIGH clock (CP)
transition. When one or both En inputs are HIGH one
set-up time prior to the LOW-to-HIGH clock transition, the
register will retain the previous data. Data inputs and clock
enable inputs are fully edge-triggered and must be stable
only one set-up time prior to the LOW-to-HIGH clock
transition.
The master reset input (MR) is an active HIGH
asynchronous input. When MR is HIGH, all four flip-flops
are reset (cleared) independently of any other input
condition.
The 3-state output buffers are controlled by a 2-input NOR
gate. When both output enable inputs (OE1 and OE2) are
LOW, the data in the register is presented to the Qn
outputs. When one or both OEn inputs are HIGH, the
outputs are forced to a high impedance OFF-state. The
3-state output buffers are completely independent of the
register operation; the OEn transition does not affect the
clock and reset operations.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf =6ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi +∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
∑ (CL × VCC2 × fo) = sum of outputs
CL = output load capacitance in pF
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC −1.5 V
ORDERING INFORMATION
See
“74HC/HCT/HCU/HCMOS Logic Package Information”.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay
CP to Qn
MR to Qn
CL = 15 pF; VCC =5V
17
13
17
17
ns
ns
fmax
maximum clock frequency
88
88
MHz
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation
capacitance per flip-flop
notes 1 and 2
20
20
pF


Similar Part No. - 74173

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
74173 HITACHI-74173 Datasheet
56Kb / 9P
   4-bit D-type Register (with 3-state Outputs)
More results

Similar Description - 74173

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC173D PHILIPS-74HC173D Datasheet
46Kb / 3P
   Quad D-type flip-flop; positive-edge trigger; 3-state
logo
Nexperia B.V. All right...
74HCT173 NEXPERIA-74HCT173 Datasheet
275Kb / 17P
   Quad D-type flip-flop; positive-edge trigger; 3-state
Rev. 4 - 25 January 2021
logo
NXP Semiconductors
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
logo
Nexperia B.V. All right...
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
logo
NXP Semiconductors
74ALVC574 PHILIPS-74ALVC574 Datasheet
95Kb / 20P
   Octal D-type flip-flop positive edge-trigger 3-state
2002 Mar 04
74LV374 PHILIPS-74LV374 Datasheet
111Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1997 Mar 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com