Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL4A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RL4A
Description  Ultra-Fast-Recovery Rectifier Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RL4A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RL4A Datasheet HTML 1Page - List of Unclassifed Manufacturers RL4A Datasheet HTML 2Page - List of Unclassifed Manufacturers RL4A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ultra-Fast-Recovery Rectifier Diodes
600V
C0.5
10.0
2.2
2.6
4.2
2.8
1.35
1.35
0.85
2.54
2.54
0.45
3.3
C0.5
10.0
2.2
2.6
4.2
2.8
1.35
1.35
0.85
2.54
2.54
0.45
3.3
10.0
2.2
2.6
4.2
2.8
1.35
0.85
5.08
0.45
3.3
31
s External Dimensions
Flammability: UL94V-0 or Equivalent (Unit: mm)
2.4±0.1
0.57±0.02
Cathode Mark
2.7±0.2
0.6±0.05
Cathode Mark
2.7±0.2
0.78±0.05
Cathode Mark
4.0±0.2
0.78±0.05
Cathode Mark
1.4±0.1
6.5±0.2
Cathode Mark
4.0±0.2
0.98±0.05
Cathode Mark
1.2±0.05
5.2±0.2
Cathode Mark
9.0
15.0
3.3
3.4
2.3
1.0
5.45
5.45
5.0
0.65
2.6
+0.2
–0.1
9.0
15.0
3.3
3.4
2.3
1.0
5.45
5.45
5.0
0.65
2.6
+0.2
–0.1
S type
R type
10.2±
0.3
2.54±
0.5
0.4±
0.1
2.59±
0.2
1.3±
0.2
4.44±
0.2
2.54±
0.5
1.2±
0.2
1.27±
0.2
0.1
+0.2
–0.1
+0.2
–0.1
0.86
a: Part Number
b: Polarity
c: Lot No.
a
b
c
(Backside of case)


Similar Part No. - RL4A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RL4A SANKEN-RL4A Datasheet
22Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
logo
Galaxy Semi-Conductor H...
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
RL4A LUGUANG-RL4A Datasheet
170Kb / 2P
   Super Fast Rectifier
logo
Diode Semiconductor Kor...
RL4A DSK-RL4A Datasheet
274Kb / 2P
   SUPER FAST RECTIFIERS
logo
Galaxy Semi-Conductor H...
RL4AZ BILIN-RL4AZ Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
More results

Similar Description - RL4A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
RP1H SANKEN-RP1H Datasheet
16Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
FML22S SANKEN-FML22S Datasheet
21Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
AL01Z SANKEN-AL01Z Datasheet
23Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
FMG-22S SANKEN-FMG-22S Datasheet
21Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
logo
STMicroelectronics
STPR520D STMICROELECTRONICS-STPR520D Datasheet
75Kb / 6P
   ULTRA-FAST RECOVERY RECTIFIER DIODES
October 1999 - Ed: 2B
logo
Yangzhou yangjie electr...
MUR810F YANGJIE-MUR810F Datasheet
167Kb / 2P
   Ultra-Fast Recovery Rectifier Diodes
logo
Shenzhen Taychipst Elec...
RN3Z TAYCHIPST-RN3Z Datasheet
838Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
RU1 TAYCHIPST-RU1 Datasheet
838Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR2010CT YANGJIE-MUR2010CT Datasheet
109Kb / 2P
   Ultra-Fast Recovery Rectifier Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com