Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBLS4003Y Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PBLS4003Y
Description  40 V PNP BISS loadswitch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBLS4003Y Datasheet(HTML) 4 Page - NXP Semiconductors

  PBLS4003Y Datasheet HTML 1Page - NXP Semiconductors PBLS4003Y Datasheet HTML 2Page - NXP Semiconductors PBLS4003Y Datasheet HTML 3Page - NXP Semiconductors PBLS4003Y Datasheet HTML 4Page - NXP Semiconductors PBLS4003Y Datasheet HTML 5Page - NXP Semiconductors PBLS4003Y Datasheet HTML 6Page - NXP Semiconductors PBLS4003Y Datasheet HTML 7Page - NXP Semiconductors PBLS4003Y Datasheet HTML 8Page - NXP Semiconductors PBLS4003Y Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
9397 750 15222
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 — 14 July 2005
4 of 11
Philips Semiconductors
PBLS4003Y; PBLS4003V
40 V PNP BISS loadswitch
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
Table 8:
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TR1; PNP low VCEsat transistor
ICBO
collector-base cut-off
current
VCB = −40 V; IE =0A
-
-
−100
nA
VCB = −40 V; IE =0A;
Tj = 150 °C
--
−50
µA
IEBO
emitter-base cut-off
current
VEB = −5 V; IC =0A
-
-
−100
nA
hFE
DC current gain
VCE = −2 V; IC = −10 mA
200
-
-
VCE = −2 V; IC = −100 mA
[1] 150
-
-
VCE = −2 V; IC = −500 mA
[1] 40
-
-
VCEsat
collector-emitter
saturation voltage
IC = −10 mA; IB = −0.5 mA
-
-
−50
mV
IC = −100 mA; IB = −5mA
-
-
−130
mV
IC = −200 mA; IB = −10 mA
-
-
−200
mV
IC = −500 mA; IB = −50 mA
[1] --
−350
mV
RCEsat
collector-emitter
saturation resistance
IC = −500 mA; IB = −50 mA
[1] -
440
700
m
VBEsat
base-emitter
saturation voltage
IC = −500 mA; IB = −50 mA
[1] --
−1.2
V
VBEon
base-emitter
turn-on voltage
VCE = −2 V; IC = −100 mA
[1] --
−1.1
V
fT
transition frequency
IC = −100 mA; VCE = −5V;
f = 100 MHz
100
300
-
MHz
Cc
collector capacitance
VCB = −10 V; IE =ie =0A;
f=1MHz
-
-
10
pF
TR2; NPN resistor-equipped transistor
ICBO
collector-base cut-off
current
VCB = 50 V; IE = 0 A
-
-
100
nA
ICEO
collector-emitter
cut-off current
VCE = 30 V; IB =0A
-
-
1
µA
VCE = 30 V; IB =0A;
Tj = 150 °C
--
50
µA
IEBO
emitter-base cut-off
current
VEB =5V; IC =0A
-
-
400
µA
hFE
DC current gain
VCE =5V; IC = 5 mA
30
-
-
VCEsat
collector-emitter
saturation voltage
IC = 10 mA; IB = 0.5 mA
-
-
150
mV
VI(off)
off-state input voltage VCE =5V; IC = 100 µA
-
1.1
0.8
V
VI(on)
on-state input voltage VCE = 0.3 V; IC = 10 mA
2.5
1.8
-
V
R1
bias resistor 1 (input)
7
10
13
k
R2/R1
bias resistor ratio
0.8
1
1.2
Cc
collector capacitance
VCB = 10 V; IE =ie =0A;
f=1MHz
-
-
2.5
pF


Similar Part No. - PBLS4003Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBLS4003Y PHILIPS-PBLS4003Y Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PBLS4003Y NXP-PBLS4003Y Datasheet
114Kb / 11P
   40 V PNP BISS loadswitch
Rev. 03-13 February 2009
logo
Nexperia B.V. All right...
PBLS4003Y NEXPERIA-PBLS4003Y Datasheet
229Kb / 12P
   40 V PNP BISS loadswitch
Rev. 03 - 13 February 2009
More results

Similar Description - PBLS4003Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBLS4004Y NXP-PBLS4004Y Datasheet
114Kb / 11P
   40 V PNP BISS loadswitch
Rev. 03-16 February 2009
PBLS4005D NXP-PBLS4005D Datasheet
156Kb / 15P
   40 V PNP BISS loadswitch
Rev. 03-6 January 2009
logo
Nexperia B.V. All right...
PBLS4001Y NEXPERIA-PBLS4001Y Datasheet
450Kb / 12P
   40 V PNP BISS loadswitch
Rev. 03 - 12 February 2009
PBLS4002D NEXPERIA-PBLS4002D Datasheet
271Kb / 16P
   40 V PNP BISS loadswitch
Rev. 03 - 5 January 2009
logo
NXP Semiconductors
PBLS4002Y NXP-PBLS4002Y Datasheet
114Kb / 11P
   40 V PNP BISS loadswitch
Rev. 03-12 February 2009
PBLS4003Y NXP-PBLS4003Y Datasheet
114Kb / 11P
   40 V PNP BISS loadswitch
Rev. 03-13 February 2009
PBLS4004D NXP-PBLS4004D Datasheet
156Kb / 15P
   40 V PNP BISS loadswitch
Rev. 03-6 January 2009
PBLS4002Y PHILIPS-PBLS4002Y Datasheet
86Kb / 14P
   40 V PNP BISS loadswitch
Rev. 01-6 December 2004
PBLS4002D NXP-PBLS4002D Datasheet
156Kb / 15P
   40 V PNP BISS loadswitch
Rev. 03-5 January 2009
logo
Nexperia B.V. All right...
PBLS4003Y NEXPERIA-PBLS4003Y Datasheet
229Kb / 12P
   40 V PNP BISS loadswitch
Rev. 03 - 13 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com