Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC165 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. 74HC165
Description  8-bit parallel-in/serial-out shift register
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

74HC165 Datasheet(HTML) 5 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
December 1990
5
Philips Semiconductors
Product specification
8-bit parallel-in/serial-out shift register
74HC/HCT165
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR HC
GND = 0 V; tr = tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
CE, CP to Q7, Q7
52
19
15
165
33
28
205
41
35
250
50
43
ns
2.0
4.5
6.0
Fig.6
tPHL/ tPLH
propagation delay
PL to Q7, Q7
50
18
14
165
33
28
205
41
35
250
50
43
ns
2.0
4.5
6.0
Fig.6
tPHL/ tPLH
propagation delay
D7 to Q7, Q7
36
13
10
120
24
20
150
30
26
180
36
31
ns
2.0
4.5
6.0
Fig.6
tTHL/ tTLH
output transition
time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Fig.6
tW
clock pulse width
HIGH or LOW
80
16
14
17
6
5
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.6
tW
parallel load pulse
width; LOW
80
16
14
14
5
4
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.6
trem
removal time
PL to CP, CE
100
20
17
22
8
6
125
25
21
150
30
26
ns
2.0
4.5
6.0
Fig.6
tsu
set-up time
Ds to CP, CE
80
16
14
11
4
3
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.6
tsu
set-up time
CE to CP;
CP to CE
80
16
14
17
6
5
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.6
tsu
set-up time
Dn to PL
80
16
14
22
8
6
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.6


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74F1988-bit bidirectional universal shift register 1 2 3 4 5 MoreNXP Semiconductors
74HC1668-bit parallel-in/serial-out shift register 1 2 3 4 5 MoreNXP Semiconductors
74VHC5958-Bit Shift Register with Output Latches 1 2 3 4 5 MoreFairchild Semiconductor
DM93L28Dual 8-Bit Shift Register 1 2 3 4 5 Fairchild Semiconductor
74F1998-bit parallel-access shift register 1 2 3 4 5 MoreNXP Semiconductors
TPIC6A595POWER LOGIC 8-BIT SHIFT REGISTER 1 2 3 4 5 MoreTexas Instruments
CD4094BC8-Bit Shift Register/Latch with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
HD74HC1648-bit Parallel-out Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
HCS165MSRadiation Hardened Inverting 8-Bit Parallel-Input/Serial Output Shift Register 1 2 3 4 5 MoreIntersil Corporation
DM74LS952Dual Rank 8-Bit TRI-STATE®Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn