Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT163 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HCT163
Description  Presettable synchronous 4-bit binary counter; synchronous reset
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT163 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HCT163 Datasheet HTML 3Page - NXP Semiconductors 74HCT163 Datasheet HTML 4Page - NXP Semiconductors 74HCT163 Datasheet HTML 5Page - NXP Semiconductors 74HCT163 Datasheet HTML 6Page - NXP Semiconductors 74HCT163 Datasheet HTML 7Page - NXP Semiconductors 74HCT163 Datasheet HTML 8Page - NXP Semiconductors 74HCT163 Datasheet HTML 9Page - NXP Semiconductors 74HCT163 Datasheet HTML 10Page - NXP Semiconductors 74HCT163 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
December 1990
9
Philips Semiconductors
Product specification
Presettable synchronous 4-bit binary
counter; synchronous reset
74HC/HCT163
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL =50pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max.
min.
max. min. max.
tPHL/ tPLH
propagation delay
CP to Qn
23
39
49
59
ns
4.5
Fig.8
tPHL/ tPLH
propagation delay
CP to TC
29
49
61
74
ns
4.5
Fig.8
tPHL/ tPLH
propagation delay
CET to TC
17
32
44
48
ns
4.5
Fig.9
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Figs 8 and 9
tW
clock pulse width
HIGH or LOW
20
6
25
30
ns
4.5
Fig.8
tsu
set-up time
MR, Dn to CP
20
9
25
30
ns
4.5
Figs 10 and 11
tsu
set-up time
PE to CP
20
11
25
30
ns
4.5
Fig.10
tsu
set-up time
CEP, CET to CP
40
24
50
60
ns
4.5
Fig.12
th
hold time
Dn, PE, CEP,
CET, MR to CP
0
−5
0
0
ns
4.5
Figs 10, 11 and 12
fmax
maximum clock pulse
frequency
26
45
21
17
MHz
4.5
Fig.8


Similar Part No. - 74HCT163

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
74HCT163 SS-74HCT163 Datasheet
546Kb / 9P
   High Speed CMOS TTL Input
logo
Nexperia B.V. All right...
74HCT163 NEXPERIA-74HCT163 Datasheet
309Kb / 20P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 5 - 12 October 2018
74HCT163-Q100 NEXPERIA-74HCT163-Q100 Datasheet
292Kb / 19P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 2 - 12 October 2018
74HCT163D NEXPERIA-74HCT163D Datasheet
309Kb / 20P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 5 - 12 October 2018
74HCT163D-Q100 NEXPERIA-74HCT163D-Q100 Datasheet
294Kb / 19P
   Presettable synchronous 4-bit binary counter; synchronous reset
More results

Similar Description - 74HCT163

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV163 PHILIPS-74LV163 Datasheet
142Kb / 14P
   Presettable synchronous 4-bit binary counter; synchronous reset
1998 Apr 30
logo
Nexperia B.V. All right...
74HCT163 NEXPERIA-74HCT163 Datasheet
309Kb / 20P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 5 - 12 October 2018
74LVC163 NEXPERIA-74LVC163 Datasheet
295Kb / 18P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 7 - 19 April 2021
74HC163-Q100 NEXPERIA-74HC163-Q100 Datasheet
294Kb / 19P
   Presettable synchronous 4-bit binary counter; synchronous reset
logo
NXP Semiconductors
74LVC163 PHILIPS-74LVC163 Datasheet
115Kb / 12P
   Presettable synchronous 4-bit binary counter; synchronous reset
1998 May 20
logo
Nexperia B.V. All right...
74HCT163-Q100 NEXPERIA-74HCT163-Q100 Datasheet
292Kb / 19P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 2 - 12 October 2018
logo
NXP Semiconductors
74HC161 PHILIPS-74HC161 Datasheet
83Kb / 12P
   Presettable synchronous 4-bit binary counter; asynchronous reset
December 1990
74LV161 PHILIPS-74LV161 Datasheet
148Kb / 16P
   Presettable synchronous 4-bit binary counter; asynchronous reset
1997 May 15
logo
Nexperia B.V. All right...
74HC161-Q100 NEXPERIA-74HC161-Q100 Datasheet
272Kb / 17P
   Presettable synchronous 4-bit binary counter; asynchronous reset
74HC161 NEXPERIA-74HC161 Datasheet
279Kb / 17P
   Presettable synchronous 4-bit binary counter; asynchronous reset
Rev. 5 - 16 March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com