Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT162 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HCT162
Description  Presettable synchronous BCD decade counter; synchronous reset
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT162 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HCT162 Datasheet HTML 3Page - NXP Semiconductors 74HCT162 Datasheet HTML 4Page - NXP Semiconductors 74HCT162 Datasheet HTML 5Page - NXP Semiconductors 74HCT162 Datasheet HTML 6Page - NXP Semiconductors 74HCT162 Datasheet HTML 7Page - NXP Semiconductors 74HCT162 Datasheet HTML 8Page - NXP Semiconductors 74HCT162 Datasheet HTML 9Page - NXP Semiconductors 74HCT162 Datasheet HTML 10Page - NXP Semiconductors 74HCT162 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
December 1990
7
Philips Semiconductors
Product specification
Presettable synchronous BCD decade
counter; synchronous reset
74HC/HCT162
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr = tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
CP to Qn
58
21
17
190
38
32
240
48
41
285
57
48
ns
2.0
4.5
6.0
Fig.8
tPHL/ tPLH
propagation delay
CP to TC
69
25
20
215
43
37
270
54
46
325
65
55
ns
2.0
4.5
6.0
Fig.8
tPHL/ tPLH
propagation delay
CET to TC
39
14
11
150
30
26
190
38
33
225
45
38
ns
2.0
4.5
6.0
Fig.9
tTHL/ tTLH
output transition
time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Figs 8 and 9
tW
clock pulse width
HIGH or LOW
80
16
14
22
8
6
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.8
tsu
set-up time
MR, Dn to CP
100
20
17
28
10
8
125
25
21
150
30
26
ns
2.0
4.5
6.0
Figs 9 and 11
tsu
set-up time
PE to CP
135
27
23
39
14
11
170
34
29
205
41
35
ns
2.0
4.5
6.0
Fig.9
tsu
set-up time
CEP, CET to CP
200
40
34
69
25
20
250
50
43
300
60
51
ns
2.0
4.5
6.0
Fig.12
th
hold time
Dn, PE, CEP,
CET, MR to CP
0
0
0
−17
−6
−5
0
0
0
0
0
0
ns
2.0
4.5
6.0
Figs 9, 11 and
12
fmax
maximum clock
pulse
frequency
6.0
30
35
19
57
68
4.8
24
28
4.0
20
24
MHz
2.0
4.5
6.0
Fig.8


Similar Part No. - 74HCT162

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT160 PHILIPS-74HCT160 Datasheet
63Kb / 9P
   Presettable synchronous BCD decade counter; asynchronous reset
December 1990
74HCT160D PHILIPS-74HCT160D Datasheet
63Kb / 9P
   Presettable synchronous BCD decade counter; asynchronous reset
December 1990
74HCT160DB PHILIPS-74HCT160DB Datasheet
63Kb / 9P
   Presettable synchronous BCD decade counter; asynchronous reset
December 1990
74HCT160N PHILIPS-74HCT160N Datasheet
63Kb / 9P
   Presettable synchronous BCD decade counter; asynchronous reset
December 1990
74HCT160PW PHILIPS-74HCT160PW Datasheet
63Kb / 9P
   Presettable synchronous BCD decade counter; asynchronous reset
December 1990
More results

Similar Description - 74HCT162

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC160 NEXPERIA-74HC160 Datasheet
256Kb / 15P
   Presettable synchronous BCD decade counter; asynchronous reset
Rev. 4 - 27 March 2019
logo
NXP Semiconductors
74HC160 PHILIPS-74HC160 Datasheet
63Kb / 9P
   Presettable synchronous BCD decade counter; asynchronous reset
December 1990
74AC11160 PHILIPS-74AC11160 Datasheet
271Kb / 10P
   SYNCHRONOUS PRESETTABLE SYNCHRONOUS BCD DECADE COUNTER
October 17 1990
logo
Motorola, Inc
MC74F160A MOTOROLA-MC74F160A Datasheet
103Kb / 4P
   SYNCHRONOUS PRESETTABLE BCD DECADE COUNTER
logo
Fairchild Semiconductor
74F162A FAIRCHILD-74F162A Datasheet
70Kb / 7P
   Synchronous Presettable BCD Decade Counter
74F160A FAIRCHILD-74F160A Datasheet
96Kb / 8P
   Synchronous Presettable BCD Decade Counter
logo
Motorola, Inc
MC74AC160 MOTOROLA-MC74AC160 Datasheet
326Kb / 14P
   Synchronous Presettable BCD Decade Counter
logo
NXP Semiconductors
74HC190 PHILIPS-74HC190 Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HC192 PHILIPS-74HC192 Datasheet
90Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
logo
National Semiconductor ...
54LS160A NSC-54LS160A Datasheet
173Kb / 8P
   Synchronous Presettable BCD Decade Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com