Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6640 Datasheet(PDF) 22 Page - EM Microelectronic - MARIN SA

Part # EM6640
Description  Low Power Microcontroller with EEPROM AND RC Oscillator
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6640 Datasheet(HTML) 22 Page - EM Microelectronic - MARIN SA

Back Button EM6640 Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM6640 Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM6640 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6640 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6640 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6640 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6640 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6640 Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM6640 Datasheet HTML 26Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 62 page
background image
EM6640
03/02 REV. C/446
Copyright
 2002, EM Microelectronic-Marin SA
22
www.emmicroelectronic.com
6.6 PortC
PortC has the same features as the PortB but instead of being used to outputs frequencies, it can be used to
output Serial Write Buffer (SWB) signals.
6.6.1 Input / Output Mode
Each PortC terminal can be either input or output. These modes can be set by writing the corresponding bit in the
RegPCCntl control register. The RegPCData register contains the data written to the PortC terminal in output
mode. To set for input (default), 0 is written to the corresponding bit of the RegPCCntl register which results in a
high impedance state for the output driver. The output mode is set by writing 1 in the control register, and
consequently the output terminal follows the status of the bits in the RegPCData register. The PortC terminal
status can be read in any mode (read at address of RegPCData).
During SLEEP and Reset mode, PC[3:0] is in high impedance state with no pulls up/down active. Except during a
read phase on PortC (in active mode), all the PortC inputs are cut off (blocked).
6.6.2 Pull-up/Down
For each terminal of PC[3:0] an input pull-up (metal mask MPCPU[n]) or pull-down (metal mask MPCPD[n])
resistor can be implemented per metal mask option. Per default the two metal masks are in place, so one can
chose per software to have either a pull-up, a pull-down or no resistor.
For Metal mask selection and available resistor values refer to chapter ‘PortC Metal Options’.
Pulldown ON : MPCPD[n] must be in place ,
AND the bit NoPdPC[n] must be ‘0’ .
Pulldown OFF : MPBPD[n] is not in place,
OR if MPCPD[n] is in place NoPdPC[n] = ‘1’ cuts off the pulldown.
OR seletcing NchOpDPC[n] = ‘1’ cuts off the pulldown.
Pullup ON
: MPCPU[n] must be in place,
AND the bit NchOpDPC[n] must be ‘1’ ,
AND the bit PCIOCntl[n] = ‘0’ (input mode) OR if PCIOCntl[n] = ‘1’ while PCData[n] = 1.
Pullup OFF
: MPCPU[n] is not in place,
OR if MPCPU[n] is in place NchOpDPC[n] = ‘0’ cuts off the pullup,
OR if MPCPU[n] is in place and if NchOpDPC[n] = ‘1’ then PCData[n] = 0 cuts off the pullup.
Never can pull-up and pull-down be active at the same time.
For POWER SAVING one can switch off the PortC pull resistors between two read phases. No cross current
flows in the input amplifier while the PortC is not read. The recommended order is :
• switch on the pull resistor.
• allow sufficient time - RC constant - for the pull resistor to drive the line to either VSS or VDD.
• Read the PortC
• Switch off the pull resistor
Minimum time with current on the pull resistor is 4 periods of the system clock, if the RC constant is lower than 1
system clock period. Adding a NOP before reading moves the number of periods with current in the pull resistor
to 6 and the maximum RC delay to 3 clock periods.


Similar Part No. - EM6640

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM6640FP32BT-12LL EMLSI-EM6640FP32BT-12LL Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6640FP32BT-12S EMLSI-EM6640FP32BT-12S Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6640FP32BT-55LL EMLSI-EM6640FP32BT-55LL Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6640FP32BT-55S EMLSI-EM6640FP32BT-55S Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6640FP32BW-12LL EMLSI-EM6640FP32BW-12LL Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6640

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6605 EMMICRO-EM6605 Datasheet
662Kb / 43P
   Low Power Microcontroller with 300kHz RC Oscillator
EM6617 EMMICRO-EM6617 Datasheet
694Kb / 65P
   Ultra Low Power Microcontroller with ADC AND EEPROM
EM6635 EMMICRO-EM6635 Datasheet
793Kb / 39P
   Low Power Microcontroller with RC and 32kHz oscillators and 9 high drive outputs
EM6517 EMMICRO-EM6517 Datasheet
728Kb / 64P
   MFP version of EM6617 Ultra Low Power Microcontroller with ADC and EEPROM
logo
ATMEL Corporation
ATMEGA128RFR2 ATMEL-ATMEGA128RFR2_14 Datasheet
5Mb / 611P
   Microcontroller with Low Power
ATMEGA64RFR2 ATMEL-ATMEGA64RFR2_14 Datasheet
5Mb / 611P
   Microcontroller with Low Power
logo
STMicroelectronics
AN3101 STMICROELECTRONICS-AN3101 Datasheet
435Kb / 24P
   internal RC oscillator calibration
logo
Texas Instruments
LMK61E0M TI1-LMK61E0M Datasheet
856Kb / 47P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator with Internal EEPROM
LMK61E07 TI1-LMK61E07 Datasheet
1Mb / 52P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator With Internal EEPROM
logo
ATMEL Corporation
ATMEGA256RFR2 ATMEL-ATMEGA256RFR2_14 Datasheet
5Mb / 611P
   Microcontroller with Low Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com