Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6625 Datasheet(PDF) 27 Page - EM Microelectronic - MARIN SA

Part # EM6625
Description  Ultra Low Power Microcontroller with 4x20 LCD Driver
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6625 Datasheet(HTML) 27 Page - EM Microelectronic - MARIN SA

Back Button EM6625 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6625 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6625 Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM6625 Datasheet HTML 26Page - EM Microelectronic - MARIN SA EM6625 Datasheet HTML 27Page - EM Microelectronic - MARIN SA EM6625 Datasheet HTML 28Page - EM Microelectronic - MARIN SA EM6625 Datasheet HTML 29Page - EM Microelectronic - MARIN SA EM6625 Datasheet HTML 30Page - EM Microelectronic - MARIN SA EM6625 Datasheet HTML 31Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 69 page
background image
R
EM6625
Copyright
© 2005, EM Microelectronic-Marin SA
27
www.emmicroelectronic.com
7.1.1 Single Run Mode
The RegMelPeri value and the selected timer frequency in RegMelTim control the timer duration. The timer is
counting down from its previously charged value until it reaches 0. On 0 the timer stops and generates an
interrupt request. The buzzer frequency output is enabled after the next positive timer clock edge and remains
enabled until the timer reaches 0.
7.1.2 Continuos Run Mode
This is almost the same as the single run mode only that in this case the timer after reaching 0 reloads itself
automatically with the register RegMelPeri value. Every time the timer reaches 0 an interrupt request is send.
There are 2 ways to stop the continuos mode.
First, changing the mode to single run mode. As the timer reaches 0 it stops. The last period after Auto=0
is of length RegMelPeri + 1.
Second, loading 0 into the timer period register RegMelPeri stops the timer immediately, no interrupt is
generated and the Auto flag is reset. The buzzer frequency output is enabled directly by writing Auto=1.
Figure 20. Single Run Mode
2
10
0
1
µP writes 2 into
RegMelPeri
µP writes 1 into
RegMelPeri
Tim er Clock
Tim er Value
Buzzer
IRQBz
Figure 21. Continuos Run Mode
2
21
0
1
2
0
0
1
µP writes
Auto = 0
µP writes
Auto = 1
µP writes 2
into
RegMelPeri
Timer Clock
n periods
n+1 periods
Timer Value
Buzzer
IRQBz


Similar Part No. - EM6625

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6620 EMMICRO-EM6620 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6620WP11 EMMICRO-EM6620WP11 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6620WP27 EMMICRO-EM6620WP27 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6620WS11 EMMICRO-EM6620WS11 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6620WS27 EMMICRO-EM6620WS27 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
More results

Similar Description - EM6625

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6621 EMMICRO-EM6621 Datasheet
746Kb / 69P
   Ultra Low Power Microcontroller with 4x20 LCD Driver
EM6821 EMMICRO-EM6821 Datasheet
1Mb / 68P
   Ultra Low Power uController with 4x20 LCD Driver
EM6620 EMMICRO-EM6620 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6626 EMMICRO-EM6626 Datasheet
1Mb / 69P
   Ultra Low Power Microcontroller with 4x32 LCD Driver
EM6622 EMMICRO-EM6622 Datasheet
892Kb / 70P
   Ultra Low Power Microcontroller with 4x32 LCD Driver
EM6522 EMMICRO-EM6522 Datasheet
1Mb / 68P
   MFP version of EM6622 Ultra Low Power Microcontroller with 4x32 LCD Driver
logo
List of Unclassifed Man...
EADIP203B-6NLW ETC2-EADIP203B-6NLW Datasheet
330Kb / 5P
   LCD-Modul 4x20 - 6.45mm
logo
EM Microelectronic - MA...
EM6520 EMMICRO-EM6520 Datasheet
685Kb / 55P
   MFP version of EM6620 Ultra Low Power Microcontroller 4x8 LCD Driver
logo
Maxim Integrated Produc...
MAXQ2000 MAXIM-MAXQ2000 Datasheet
1Mb / 39P
   Low-Power LCD Microcontroller
Rev 2; 12/04
MAXQ2000 MAXIM-MAXQ2000_08 Datasheet
496Kb / 39P
   Low-Power LCD Microcontroller
Rev 10; 7/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com