Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EM6625 Datasheet(PDF) 5 Page - EM Microelectronic - MARIN SA

Part No. EM6625
Description  Ultra Low Power Microcontroller with 4x20 LCD Driver
Download  69 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EMMICRO [EM Microelectronic - MARIN SA]
Homepage  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6625 Datasheet(HTML) 5 Page - EM Microelectronic - MARIN SA

  EM6625 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6625 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6625 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6625 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6625 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6625 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6625 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6625 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6625 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 69 page
background image
R
EM6625
Copyright
© 2005, EM Microelectronic-Marin SA
5
www.emmicroelectronic.com
Chip
TQFP
52
DIL
64
Signal Name
Function
Remarks
35
35
51
PB[1]
Input/output, open drain
port B terminal 1
Port B data[1] I/O or
Ck[11] output
36
36
52
PB[2]
Input/output, open drain
port B terminal 2
Port B data[2] I/O or
Ck[16] output
37
37
53
PB[3]
Input/output, open drain
port B terminal 3
Port B data[3] I/O or
PWM output
38
38
54
PA[0]
Input port A terminal 0
TestVar 1
Event counter
39
39
55
PA[1]
Input port A terminal 1
TestVar 2
40
40
58
PA[2]
Input port A terminal 2
TestVar 3
41
41
59
PA[3]
Input port A terminal 3
Event counter,
MSC start/stop control
42
42
60
Buzzer
Output Buzzer terminal
43
43
61
Strobe
Output Strobe terminal
µP reset state or/and port B
write or sleep flag out
44
44
62
Vbat = VDD
Positive power supply
MFP Connection
45
45
63
Vreg
Internal voltage regulator
Connect to minimum 100nF,
MFP connection
46
46
64
Qin/Osc1
Crystal terminal 1
32 or 128KHz crystal, MFP
connection
47
47
2
Qout /Osc2
Crystal terminal 2
32 or 128KHz crystal, MFP
connection
48
48
3
VSS
Negative power supply
ref. terminal, MFP connection
49
49
4
C2B
Voltage multiplier
Not needed if ext. supply
50
50
5
C2A
Voltage multiplier
Not needed if ext. supply
51
51
6
C1B
Voltage multiplier
Not needed if ext. supply
52
52
7
C1A
Voltage multiplier
Not needed if ext. supply
Gray shaded areas : Terminals needed for MFP programming connections (VDD, Vreg, Qin, Qout, Test).
Figure 3. Typical Configuration
Cry s ta l
LC D D is p la y
C1
C1
C1
C4
C3
Vreg
V SS
Te s t
Re s e t
V DD (V bat)
SEG [2 0:1]
Q in
O o u t
C2
C2
C1 A
C1 B
C2 A
C2 B
CO M [4 :1 ]
VL 1
VL 2
VL 3
E M 6625
A ll C apac itors 100n F
Po rt A
Strobe
Buz z er
Po rt B
Po rt S P


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn