Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6625 Datasheet(PDF) 49 Page - EM Microelectronic - MARIN SA

Part # EM6625
Description  Ultra Low Power Microcontroller with 4x20 LCD Driver
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6625 Datasheet(HTML) 49 Page - EM Microelectronic - MARIN SA

Back Button EM6625 Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6625 Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6625 Datasheet HTML 47Page - EM Microelectronic - MARIN SA EM6625 Datasheet HTML 48Page - EM Microelectronic - MARIN SA EM6625 Datasheet HTML 49Page - EM Microelectronic - MARIN SA EM6625 Datasheet HTML 50Page - EM Microelectronic - MARIN SA EM6625 Datasheet HTML 51Page - EM Microelectronic - MARIN SA EM6625 Datasheet HTML 52Page - EM Microelectronic - MARIN SA EM6625 Datasheet HTML 53Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
R
EM6625
Copyright
© 2005, EM Microelectronic-Marin SA
49
www.emmicroelectronic.com
15. Peripheral Memory Map
Reset values are valid after power up or after every system reset.
Register
Name
Add
Hex
Add
Dec.
Reset
Value
Read Bits
Write Bits
Remarks
b'3210
Read / Write Bits
Ram1_0
00
0
xxxx
0: Data0
1: Data1
2: Data2
3: Data3
Normal addressable
Ram 64x4 bit
...
...
...
...
...
Ram1_63
3F
63
xxxx
0: Data0
1: Data1
2: Data2
3: Data3
Normal addressable
Ram 64x4 bit
Ram2_0
40
64
xxxx
0: Data0
1: Data1
2: Data2
3: Data3
16 nibbles addressable over
index register
on add 'H70
...
...
...
...
Ram2_3
43
67
xxxx
0: Data0
1: Data1
2: Data2
3: Data3
16 nibbles addressable over
index register
on add 'H70
LCD_1
44
68
xxxx
Connections are user definable.
See LCD section
16 nibbles addressable over
index register on add 'H70
LCD_2
45
69
xxxx
Connections are user definable.
See LCD section
16 nibbles addressable over
index register on add 'H70
LCD_3
46
70
xxxx
Connections are user definable.
See LCD section
The 8 lower nibbles are
addressable over the index
register on add 'H70.
The 8 higher Nibbles are not
used and not implemented
---
47
71
Reserved, not implemented
...
...
...
...
---
4F
79
Reserved, not implemented
RegPA
50
80
xxxx
0: PAData[0]
1: PAData[1]
2: PAData[2]
3: PAData[3]
----
Read port A directly
RegPBCntl
51
81
0000
0: PBIOCntl[0]
1: PBIOCntl[1]
2: PBIOCntl[2]
3: PBIOCntl[3]
Port B control
Default: input mode


Similar Part No. - EM6625

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6620 EMMICRO-EM6620 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6620WP11 EMMICRO-EM6620WP11 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6620WP27 EMMICRO-EM6620WP27 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6620WS11 EMMICRO-EM6620WS11 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6620WS27 EMMICRO-EM6620WS27 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
More results

Similar Description - EM6625

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6621 EMMICRO-EM6621 Datasheet
746Kb / 69P
   Ultra Low Power Microcontroller with 4x20 LCD Driver
EM6821 EMMICRO-EM6821 Datasheet
1Mb / 68P
   Ultra Low Power uController with 4x20 LCD Driver
EM6620 EMMICRO-EM6620 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6626 EMMICRO-EM6626 Datasheet
1Mb / 69P
   Ultra Low Power Microcontroller with 4x32 LCD Driver
EM6622 EMMICRO-EM6622 Datasheet
892Kb / 70P
   Ultra Low Power Microcontroller with 4x32 LCD Driver
EM6522 EMMICRO-EM6522 Datasheet
1Mb / 68P
   MFP version of EM6622 Ultra Low Power Microcontroller with 4x32 LCD Driver
logo
List of Unclassifed Man...
EADIP203B-6NLW ETC2-EADIP203B-6NLW Datasheet
330Kb / 5P
   LCD-Modul 4x20 - 6.45mm
logo
EM Microelectronic - MA...
EM6520 EMMICRO-EM6520 Datasheet
685Kb / 55P
   MFP version of EM6620 Ultra Low Power Microcontroller 4x8 LCD Driver
logo
Maxim Integrated Produc...
MAXQ2000 MAXIM-MAXQ2000 Datasheet
1Mb / 39P
   Low-Power LCD Microcontroller
Rev 2; 12/04
MAXQ2000 MAXIM-MAXQ2000_08 Datasheet
496Kb / 39P
   Low-Power LCD Microcontroller
Rev 10; 7/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com