Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M27C4002-90J1X Datasheet(PDF) 4 Page - STMicroelectronics

Part # M27C4002-90J1X
Description  4 Mbit (256Kb x16) UV EPROM and OTP EPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C4002-90J1X Datasheet(HTML) 4 Page - STMicroelectronics

  M27C4002-90J1X Datasheet HTML 1Page - STMicroelectronics M27C4002-90J1X Datasheet HTML 2Page - STMicroelectronics M27C4002-90J1X Datasheet HTML 3Page - STMicroelectronics M27C4002-90J1X Datasheet HTML 4Page - STMicroelectronics M27C4002-90J1X Datasheet HTML 5Page - STMicroelectronics M27C4002-90J1X Datasheet HTML 6Page - STMicroelectronics M27C4002-90J1X Datasheet HTML 7Page - STMicroelectronics M27C4002-90J1X Datasheet HTML 8Page - STMicroelectronics M27C4002-90J1X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
M27C4002
4/18
Standby Mode
The M27C4002 has a standby mode which reduc-
es the supply current from 50mA to 100µA. The
M27C4002 is placed in the standby mode by ap-
plyingaCMOS highsignal tothe E input. When in
the standby mode, the outputs are in a high imped-
ance state, independent of the G input.
Two Line Output Control
Because EPROMs are usually used in larger
memory arrays, the product features a 2 line con-
trol function which accommodates the use of mul-
tiple memory connection. The two line control
function allows:
a. the lowest possible memory power dissipation,
b. complete assurance that output bus contention
will not occur.
For the most efficient use of these two control
lines, E should be decoded and used as the prima-
ry device selecting function, while G should be
made a common connection to all devices in the
array and connected to the READ line from the
system control bus. This ensures that all deselect-
ed memory devices are in their low power standby
mode and that the output pins are only active
when data is required from a particular memory
device.
Table 5. AC Measurement Conditions
High Speed
Standard
Input Rise and Fall Times
≤ 10ns
≤ 20ns
Input Pulse Voltages
0 to 3V
0.4V to 2.4V
Input and Output Timing Ref. Voltages
1.5V
0.8V and 2V
Figure 3A. AC Testing Input Output Waveform
AI01822
3V
High Speed
0V
1.5V
2.4V
Standard
0.4V
2.0V
0.8V
Figure 4. AC Testing Load Circuit
AI01823B
1.3V
OUT
CL
CL = 30pF for High Speed
CL = 100pF for Standard
CL includes JIG capacitance
3.3k
1N914
DEVICE
UNDER
TEST
Table 6. Capacitance (1) (TA = 25 °C,f= 1 MHz)
Note: 1. Sampled only, not 100% tested.
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN =0V
6pF
COUT
Output Capacitance
VOUT =0V
12
pF


Similar Part No. - M27C4002-90J1X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C4002-90B1TR STMICROELECTRONICS-M27C4002-90B1TR Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002-90B6TR STMICROELECTRONICS-M27C4002-90B6TR Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002-90C1TR STMICROELECTRONICS-M27C4002-90C1TR Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002-90C6TR STMICROELECTRONICS-M27C4002-90C6TR Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002-90F1TR STMICROELECTRONICS-M27C4002-90F1TR Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
More results

Similar Description - M27C4002-90J1X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27W402 STMICROELECTRONICS-M27W402 Datasheet
103Kb / 15P
   4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM
M27C400 STMICROELECTRONICS-M27C400 Datasheet
121Kb / 14P
   4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
May 1999
M27V400 STMICROELECTRONICS-M27V400 Datasheet
117Kb / 14P
   4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
July 2000
M27W400 STMICROELECTRONICS-M27W400 Datasheet
140Kb / 15P
   4 Mbit 512Kb x8 or 256Kb x16 Low Voltage UV EPROM and OTP EPROM
M27C1024 STMICROELECTRONICS-M27C1024 Datasheet
106Kb / 15P
   1 Mbit (64Kb x16) UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
April 2000
M27C322 STMICROELECTRONICS-M27C322_06 Datasheet
196Kb / 24P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com